Part Number Hot Search : 
MC3372P RF201 1N5093 3DD102E TIP140T GLZ13B MJD31C 72102
Product Description
Full Text Search
 

To Download BP100-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nominal voltage nominal capacity 100ah @ 20 hour rate f.v.(1.75v/cell) t erminals 4.5m 30 a oo o o charge 0 c ~ 40 c(32 f ~ 104 f) oo o o discharge -20 c ~ 50 c(-4 f ~ 122 f) oo o o storage. -20 c ~ 40 c(-4 f ~ 104 f) internal resistance length 3292.0 width 1722.0 container height 2152.0 total height o u te r d im e n s io n s t e r m in a l t y p e 12 v max. charge current container material dimension(mm/inch) 32.7kg(72.1lbs.) vrla rechargeable battery BP100-12 technology measures innovation values b3:2382.0 b.b. battery co., ltd. powered by rev. mar . 2013 a/4 application specifications iec 60896-21/22 jis c 8704-2gb/t 19638.2 approx. weight max. discharge current 800 a (5 sec.) (fully charged ) operating tem perature range (12.95 0.08) (6.77 0.08) (8.46 0.08) (9.37 0.08) all d ata and artw orks sha ll be cha nge d w itho ut p rior noti ce, bb rese rves the righ t to exp lain and upd ate the info rma tion con tain ed h erei nto. ups telecom golf-carts b3 (fitting m6 bolt & nut) i 2 is optional terminal hardware initial torque: b3 , i 2(5.5nm 5% ) 32 9 2 (12 .95 0.0 8) 2 1 5 2 ( 8 . 4 6 0 . 0 8 ) 2 3 8 2 ( 9 . 3 7 0 . 0 8 ) 17 2 2 (6. 77 0.0 8) t e r m i n a l b 3 2 5 .0 (0 .9 8 ) 7 .3 (0 .2 9 ) 1 1 . 0 ( 0 . 4 3 ) 7 . 0 ( 0 . 2 8 ) 2 4 . 5 ( 0 . 9 6 ) [ m 6 b o l t & n u t ] t e r m in a l i 2 [m 6 b o l t ] m 6 x 1 .0 2 .0 ( 0 .0 8 ) features maintenance free(no water topping-up required). no free acid(non-spillable battery). low self-discharge rate, lower than 3% capacity loss per month. can be used in any orientation(excluding used inverted). flame-arrestor is installed to ensure safety.carry handles for easy installation. absorbent glass mat technology for efficient gas recombination. (v/cell) f.v. discharge time 15 min 30 min 1 hr 3 hr 5 hr 10 hr 20 hr unit: a o o const ant cu rrent d ischar ge cha racter istics at 25 c/77 f 1.80v 1.75v 1.70v 1.65v 1.60v (v/cell) f.v. discharge time 15 min 30 min 1 hr 3 hr 5 hr 10 hr 20 hr unit: w o o const ant po wer di scharg e char acteris tics at 25 c/77 f 1.80v 1.75v 1.70v 1.65v 1.60v 20652160 2226 2278 2323 12561304 1334 1353 1366 727.8749.6 763.1 772.3 780.0 291.5297.3 300.0 302.1 303.9 201.0204.0 205.1 205.8 206.4 112.31114.00 114.57 114.91 114.91 59.1060.00 60.31 60.48 60.48 184.6193.0 199.0 203.6 207.7 107.5111. 6 114.2115.8 116.9 61.1662.99 64.13 64.90 65.55 24.2924.78 25.00 25.17 25.33 16.7517.00 17.09 17.15 17.20 9.369.50 9.55 9.58 9.58 4.935.00 5.03 5.04 5.04 i 2:218.52.0 (8.60 0.08) standard: abs( ul 94-hb) BP100-12 BP100-12fr optional: flame retardant abs(ul 94-v0)


▲Up To Search▲   

 
Price & Availability of BP100-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X