Part Number Hot Search : 
TDA7439 25HBF 74HC00N IP79M00 P6KE170A TDA5737 74LVT543 IP79M00
Product Description
Full Text Search
 

To Download 2SD1898-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sd1898 -p npn silicon power transistors features ? high v ceo , v ceo =80v ? high i c , i c =1.0a(dc) maximum ratings symbol rating value unit v ceo collecto r - emitter voltage 8 0 v v cbo collecto r - base voltage 10 0 v v ebo emitter- base voltage 5.0 v i c collector current, dc pulse (1) 1.02.0 a p c collector power dissipation (2) 0.52.0 w t j junction temperature -55 to +150 o c t stg storage temperature -55 to +150 o c electrical characteristics @ 25 c unless otherwise specified symbol parameter min typ max units off characteristicsv ceo collector-emitter breakdown voltage (i c =1.0madc) 80 --- --- vdc v cbo collector-base breakdow n voltage (i c =50uadc) 100 --- --- vdc v ebo emitter- base breakdown voltage (i e =50uadc) 5.0 --- --- vdc i cbo collector cutoff current (v cb =80vdc) --- --- 1.0 uadc i ebo emitter cutoff current (v eb =4.0vdc, i c =0) --- --- 1.0 uadc h fe dc current transfer ratio (3) (v ce =3.0vdc, i c =0.5adc) 82 --- 390 --- v ce(sat) collector- emitter saturation voltage (i c /i b =500ma/20ma) --- 0.15 0.4 vdc f t transition frequency (v ce =10vdc, i e =50madc, f=100mhz) --- 100 --- mhz c ob output capacitance (v cb =10vdc, i e =0, f=1.0mhz) --- 20 --- pf (1) pw=20ms, duty=1/2 (2) when mounted on a 40x40x0.7mm ceramic board. ( 3 ) measured usin g p ulse current                    sot-89 1. out 2. gnd3. in revision: b 20 1 3 / 0 1 /0 1  
 omp onents 20736 marilla street chatsworth       
     m cc tm micro commercial components w w w. m c c se m i .c om 1 of 2     
  
  
                25                                             b a e d g h f k j c                     1.55 .061 ref.   123                                                          2sd1898 -q 2sd1898 -r classification of h fe rank p q r range 82-180 120-270 180-390 mark i ng df lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
m cc re vision: b 2 0 1 3 /0 1 /0 1 tm micro commercial components w w w. m c c se m i .c om 2 of 2 4 o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. d e vi c e p ac k i n g p a r t n u m b e r- t p ta p e &re e l; 1 kp cs / re e l note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SD1898-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X