Part Number Hot Search : 
KF5N53F GRM31CR7 2MK35 R65C51P2 UR13205 BCPZRL D6433 10022H
Product Description
Full Text Search
 

To Download 2SA1298-Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sa 1298-o pnp gene r al p u r po se a m p lifi e r sot-23 suggested solder pad layout features dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 b .08 3 . 104 2.1 0 2.64 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 h f e dc current gain ( i c = -100 madc, v c e = - 1.0vdc) ( i c = -80 0madc, v c e = - 1.0vdc) 100 320 40 v ce(sat) collector-emitter saturation voltage ( i c = -50 0madc, i b = -2 0madc) - 0. 4 vdc v be base-emitter voltage ( i c = -1 0madc, v c e = -1v dc) - 0. 5 -0.8 vdc classification of h fe(1) r ank .079 2.000 in c h es mm . 03 1 .800 .035.900 .037 .950 .037 .950 a b c d e f g h j  
 omp onents 20736 marilla street chatsworth       
     m cc revision: b 20 1 3 /0 1 / 0 1 tm micro commercial components k e b c e b c w w w. m c c se m i .c om 1 of 3 maximum ratings symbol rating rating unit v ce o collecto r - emitter voltag e - 30 v v cb o collecto r - base voltag e - 35 v v eb o emitter - base voltag e - 5 . 0 v i c collector current, continuou s -0.8 a t j operating junction temperature -55 to +150 o c t stg storage temperature -55 to +150 o c p d p o w e r dissi p a t i on 0. 2 w electrical characteristics @ 25 o c unless otherwise specified symbo l paramete r mi n type ma x units v (br)ceo collector-emitter breakdown voltage* ( i c = - 10madc, i b =0) -3 0 vdc v (br)cbo collector-base breakdown voltage ( i c = - 1 m adc, i e =0) -35 vdc v (br)ebo emitter-base breakdown voltage ( i e = - 1 m adc, i c =0) - 5 . 0 vdc i c b o collector cut-off c urrent ( v c b = -3 0vdc, i e =0 -0.1 u adc i ebo emitter cut-off c urrent ( v e b = -5 vdc, i c =0 -0.1 u adc f t transition frequency ( i c = - 10madc, v c e = -5 vdc ) 25 0 mhz c ob collector output capacitance ( i e =0 , v c b = -10 vdc ,f=1mhz ) 13 pf r ange marking o 100-200 io y 160-320 iy 2sa 1298-y lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) power switching application low frequency power amplifier application epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
revision: b 20 1 3 /0 1 / 0 1 w w w. m c c se m i .c om 2 of 3 m cc tm micro commercial components 2sa 1298 downloaded from: http:///
m cc revision: b 20 1 3 /0 1 / 0 1 tm micro commercial components w w w. m c c se m i .c om 3 of 3 3 o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. d e vi c e p ac k i n g p a r t n u m b e r- t p ta p e &re e l; 3 kp cs / re e l note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SA1298-Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X