Part Number Hot Search : 
628512 2004A CT101K1 FR2ML N74AC Z25LA821 BC547C IRFS4
Product Description
Full Text Search
 

To Download 2N5460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  01/99 b-21 2N5460, 2n5461, 2n5462 p-channel silicon junction field-effect transistor absolute maximum ratings at 25?c reverse gate source & reverse gate drain voltage 40 v continuous forward gate current C 10 ma continuous device power dissipation 310 mw power derating 2.8 mw/c toe226aa package dimensions in inches (mm) pin configuration 1 drain, 2 source, 3 gate surface mount smp5460, smp5461, smp5462 at 25c free air temperature: 2N5460 2n5461 2n5462 process pj32 static electrical characteristics min max min max min max unit test conditions gate source breakdown voltage v (br)gss 40 40 40 v i g = 10 a, v ds = ? v gate reverse current i gss 555nav gs = 20 v, v ds = ?v 111av gs = 20 v, v ds = ?v t a = 100c gate source cutoff voltage v gs(off) 0.75 6 1 7.5 1.8 9 v v ds = C 15 v, i d = C 1 a 0.8 4.5 v v ds = C 15 v, i d = C 100 a gate source voltage v gs 0.8 4.5 v v ds = C 15 v, i d = C 200 a 1.5 6 v v ds = C 15 v, i d = C 400 a drain saturation current (pulsed) i dss C 1C 5C 2C 9C 4C 16ma v ds = C 15 v, v gs = ?v dynamic electrical characteristics drain source on resistance r ds(on) 2 0.8 0.4 k v gs = ? v, i d = ? a f = 1 khz common source forward transadmittance |y fs | 1 4 1.5 5 2 6 ms v ds = C 15 v, v gs = ? v f = 1 khz common source output admittance | y os | 757575sv ds = C 15 v, v gs = ? v f = 1 khz common source input capacitance c iss 777pfv ds = C 15 v, v gs = ? v f = 1 mhz common source reverse c rss 222pfv ds = C 15 v, v gs = ? v f = 1 mhz transfer capacitance equivalent short circuit e n 2.5 2.5 2.5 db v ds = C 15 v, v gs = ? v f = 100 hz, input noise voltage bw = 1 hz noise figure nf 115 115 115 nv/ hz v ds = C 15 v, v gs = ? v, f = 100 hz r g = 1 m audio amplifiers general purpose amplifiers 1000 n. shiloh road, garland, tx 75042 (972) 487-1287 fax (972) 276-3375 www.interfet.com databook.fxp 1/13/99 2:09 pm page b-21


▲Up To Search▲   

 
Price & Availability of 2N5460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X