Part Number Hot Search : 
DMN20 C3052 C220MR ICL710 TIP31A FDLL916B BCR16CM 620TG
Product Description
Full Text Search
 

To Download ZXMS6004DN8-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zxms6004dn8 document number: ds 38040 rev. 2 - 2 1 of 9 www.diodes.com august 2015 ? diodes incorporated zxms6004dn8 advance information 60v n - channel self protected enhancement mode intellifet ? mosfet product summary ? continuo s d rain - s ource v oltage : 60 v ? on - s tate r esistance : 5 00m ? ? nominal l oad c urrent (v in = 5v) : 1 . 3 a ? clamping energy : 120 mj description the zxms600 4 d n8 is a dual self - protected low side mosfet with logic level input. it integrates over - temperature , over current, over voltage (active clamp) and esd protected logic level functi onality. the zxms600 4 dn8 is ideal as a general purpose switch driven from 3.3v or 5v microcontrollers in harsh environments where standard mosfets are not rugged enough. applications ? lamp driver ? motor driver ? relay driver ? solenoid driver features and benefits ? low input c urrent ? logic level input (3.3v and 5v) ? short circuit protection with auto r estart ? over v oltage p rotection ( active clamp ) ? thermal shutdown with auto r estart ? over c urrent p rotection ? input protection (esd) ? high continuous c urr ent r ating ? totally l ead - free ; rohs compliant (note s 1 & 2) ? halogen and antimony free. green device (note 3) mechanical data ? case: s o - 8 ? case material: molded plastic, green molding compound . ul flammability classification rating 94v - 0 ? moisture sensitivity: level 1 per j - std - 020 ? terminals: matte tin finish ? weight: 7 9 . 1 mg (approximate) ordering information (note 4) product marking reel size (inches) tape width (mm) quantity per reel z xms600 4 d n8 - 13 600 4 d n8 13 12 2 , 500 units note s: 1 . no purposely added lead. fully eu directive 2002/95/ec (rohs) & 2011/65/eu . 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporateds definitions of hal ogen - and antimony - free, "green" and lead - f ree . 3. halogen - and antimony - free "green products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4 . for packaging details, go to our website at http : // www.diodes.com/products/packages.html . marking information top view so - 8 top view pin - out 6004dn8 = product n ame device symbol top view yy : year ww : week: 01~52; 52 represents 5 2 and 53 week intellifet is a registered trademark of diodes incorporated. d2 s2 in2 d1 s1 in1 s 1 s 2 i n 2 i n 1 d 1 d 1 d 2 d 2 l o g o p a r t n o . p i n 1 . 6 0 0 4 d n 8 y y w w
zxms6004dn8 document number: ds 38040 rev. 2 - 2 2 of 9 www.diodes.com august 2015 ? diodes incorporated zxms6004dn8 advance information functional block diagram application information ? two completely isolated independent channels ? especially suited for loads with a high in - rush current such as lamps and motors ? all types of resistive, inductive and capacitive loads in switching applications ? c compatible power switch for 12v and 24v dc applications ? replaces electromechanical relays and discrete circuits ? linear mode c apability the current - limiting protection circuitry is designed to de activate at low v ds to minimi z e on - state power dissipation the maximum dc operating current is therefore determined by the thermal capability of the package or board combination, rather than by the protection circuitry. this does not compromise the products ability to self - protect at low v ds absolute maximum ratings (@ t a = +25c, unless otherwise s tated .) characteristic symbol value units continuous drain - source voltage v ds 60 v drain - source voltage for short circuit protection v ds(sc) 36 v continuous input voltage v in - 0.5 to +6 v continuous input current @ - 0.2v v in 6v in < - 0.2v or v in > 6v i in no limit in 2 in = 3.3v i dm 2 a pulsed drain current @v in = 5v i dm 2.5 a continuous source current (body diode) (note 5) i s 1 a pulsed source current (body diode) i sm 5 a unclamped single pulse inductive energy, t j = + 25 c, i d = 0.5a, v dd = 24v e as 120 mj electrostatic discharge (human body model) v hbm 4 , 000 v charged device model v cdm 1 , 000 v
zxms6004dn8 document number: ds 38040 rev. 2 - 2 3 of 9 www.diodes.com august 2015 ? diodes incorporated zxms6004dn8 advance information thermal characteristics characteristic symbol value units power dissipation at t amb = +25c (note 5 ) linear derating factor p d 1. 21 9.7 w mw/c power dissipation at t amb = +25c (note 6 ) linear derating factor p d 1.5 6 12. 5 w mw/c thermal resistance, junction to ambient (note 5 ) r ja r ja (note 7 ) r jc j - 40 to +150 c storage temperature range t stg - 55 to +150 c notes: 5 . device mounted on fr - 4 substrate pc board, 2oz copper, with minimum recommended pad layout 6 . device mounted on fr - 4 substrate pc board, 2oz copper, with 1 - inch square copper plate . 7 . thermal resistance between junction and the mounting surfaces of drain and source pins. recommended operating conditions the zxms600 4 d n 8 is optimized for use with c operating from 3.3v and 5v supplies. characteristic symbol min max unit input v oltage r ange v in 0 5.5 v ambient t emperature r ange t a - 40 + 125 c high l evel i nput v oltage for mosfet to be o n v ih 3 5.5 v low l evel i nput v oltage for mosfet to be o ff v il 0 0.7 v peripheral s upply v oltage (voltage to which load is referred) v p 0 36 v
zxms6004dn8 document number: ds 38040 rev. 2 - 2 4 of 9 www.diodes.com august 2015 ? diodes incorporated zxms6004dn8 advance information 10 0 ms 0.00 0.50 1.00 1.50 2.00 2.50 0 25 50 75 100 125 150 if, dc forward current(a) ta, ambient temperature ( ) figure. dc forward current derating if(a) - mrp(1) if(a) - 1 inch(2) 0.01 0.1 1 10 0.1 1 10 100 id, drain current (a) vds, drain - source voltage (v) soa, safe operation area id(a) @ dc id(a) @pw=10s id(a) @pw=1s id(a) @pw=100 ms id(a) @pw=10 ms id(a) @pw=1ms id(a) @pw=100 us tj, (max) =150 ta=25 , vgs=5v single pulse rds(on) limited 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 r(t), transient thermal resistance t1, pulse duration time (sec) figure: transient thermal resistance r(t) @ d=0.9 r(t) @ d=0.7 r(t) @ d=0.5 r(t) @ d=0.3 r(t) @ d=0.1 r(t) @ d=0.05 r(t) @ d=0.02 r(t) @ d=0.01 r(t) @ d=0.005 r(t) @ d=single pulse rthja(t)=r(t) * rthja rthja=108c/w duty cycle, d=t1 / t2 0 100 200 300 400 500 600 700 800 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 p(pk), peak transient power (w) t 1 , pulse duration time (sec) figure 1: pulse power dissipation single pulse rthja=108c/w rthja(t)=rthja * r(t) tj - ta=p * rthja (t) thermal characteristics (continued) limit of s/c p rotection 1 s 1 0 s dc 10ms 1 m s
zxms6004dn8 document number: ds 38040 rev. 2 - 2 5 of 9 www.diodes.com august 2015 ? diodes incorporated zxms6004dn8 advance information notes: electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition static characteristics drain - source clamp voltage v ds(az) 60 65 70 v i d = 10ma off - state drain current i dss ds = 12v, v in = 0v ds = 36v, v in = 0v input threshold voltage v in(th ) 0.7 1 1.5 v v ds = v gs , i d = 1ma input current i in in = +3v in = +5v input current while over - temperature active in = +5v static drain - source on - state resistance r ds( on ) in = +3v, i d = 1a in = +5v, i d = 1a continuous drain current (notes 5 ) i d 0.9 in = 3v; t a = +25 c 1. 0 in = 5v; t a = +25 c continuous drain current (note 5 ) 1. 1 in = 3v; t a = +25 c 1. 2 in = 5v; t a = +25 c current limit (note 8 ) i d(lim) 0.7 1.7 in = +3v 1 2.2 in = +5v dynamic characteristics turn on delay time t d(on) dd = 12v, i d = 0.5 a, v gs = 5v rise time t r d(off) f over - temperature protection thermal overload trip temperature (note 9 ) t jt + 150 + 175 f 8 . the drain current is restricted only when the device is in saturation (see graph typical output characteristic). this allows the device to be used in the on state without interference from the current limit. the device is fully protected at all drain currents, as the low power diss ipation generated outside saturation makes curr ent limit unnecessary. 9 . over - temperature protection is designed to prevent device destruction under fault conditions. fault conditions are considered as outside normal operating range, so this part is not designed to withstand over - temperature for extended periods.
zxms6004dn8 document number: ds 38040 rev. 2 - 2 6 of 9 www.diodes.com august 2015 ? diodes incorporated zxms6004dn8 advance information typical characteristics
zxms6004dn8 document number: ds 38040 rev. 2 - 2 7 of 9 www.diodes.com august 2015 ? diodes incorporated zxms6004dn8 advance information typical characteristics ( continued) -50 0 50 100 150 200 250 300 0 2 4 6 8 10 12 -50 0 50 100 150 200 250 300 0 2 4 6 8 10 12 0 5 10 15 0 2 4 6 8 switching speed v in drain-source voltage (v) time ( ? s) v ds i d =1a v ds v in switching speed drain-source voltage (v) time ( ? s) i d =1a typical short circuit protection v in = 5v v ds = 15v r d = 0 ? i d drain current (a) time (ms)
zxms6004dn8 document number: ds 38040 rev. 2 - 2 8 of 9 www.diodes.com august 2015 ? diodes incorporated zxms6004dn8 advance information package outline dimensions please see ap02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version. suggested pad layout please see ap02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version. so - 8 dim min max a a1 0.10 0.20 a2 1.30 1.50 a3 0.15 0.25 b 0.3 0.5 d 4.85 4.95 e 5.90 6.10 e1 3.85 3.95 e 1.27 typ h l 0.62 0.82 ? ? ? ? all dimensions in mm dimensions value (in mm) x 0.60 y 1.55 c1 5.4 c2 1.27 so - 8 so - 8 gauge plane seating plane detail a detail a e e1 h l d e b a2 a1 a 45 7 ~ 9 a3 0 . 2 5 4 x c1 c2 y
zxms6004dn8 document number: ds 38040 rev. 2 - 2 9 of 9 www.diodes.com august 2015 ? diodes incorporated zxms6004dn8 advance information important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of an y jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. diodes incorporated doe s not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthor ized sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized applicatio n, customers shall indemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintende d or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or for eign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incor porated products are specifically not authorized for use as critical components in life support devices or systems without th e express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or sys tems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safe ty - related requirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes in corporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 201 5 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of ZXMS6004DN8-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X