Part Number Hot Search : 
SMA10 CMD5D11 AM29F016 AM29F016 2SC33 4ADTR 3VK7M 4N26SD
Product Description
Full Text Search
 

To Download ZXMS6004DGQTA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  intellifet is a registered trademark of diodes incorporated. zxms6004dgq document number: ds33608 rev. 1 - 2 1 of 8 www.diodes.com april 2014 ? diodes incorporated zxms6004dgq advance information 60v n-channel self protec ted enhancement mode intellifet ? mosfet product summary ? continuous drain source voltage v ds = 60v ? on-state resistance 500m ? ? nominal load current (v in = 5v) 1.3a ? clamping energy 490mj description the zxms6004dgq is a self protec ted low side mosfet with logic level input. it integrates over-temper ature, over-current, over-voltage (active clamp) and esd protected logic level functionality. the zxms6004dgq is ideal as a general purpose switch driven from 3.3v or 5v microcontrollers in harsh environments where standard mosfets are not rugged enough. applications ? especially suited for loads with a high in-rush current such as lamps and motors ? all types of resistive, inductive and capacitive loads in switching applications ? c compatible power switch for 12v and 24v dc applications. ? automotive rated ? replaces electromechanical relays and discrete circuits ? linear mode capability - the curren t-limiting protection circuitry is designed to de-activate at low v ds to minimize on state power dissipation. the maximum dc operating current is therefore determined by the thermal capability of the package/board combination, rather than by the pr otection circuitry. this does not compromise the product?s ability to self-protect at low v ds . features and benefits ? compact high power dissipation package ? low input current ? logic level input (3.3v and 5v) ? short circuit protection with auto restart ? over voltage protection (active clamp) ? thermal shutdown with auto restart ? over-current protection ? input protection (esd) ? high continuous current rating ? lead-free finish; rohs compliant (note 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability ? ppap capable (note 4) mechanical data ? case: sot-223 ? case material: molded plasti c, ?green? molding compound ? ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: matte tin finish ? weight: 0.112 grams (approximate) ordering information product marking reel size (inches) tape width (mm) quantity per reel ZXMS6004DGQTA zxms6004d 7 12 3,000 units notes: 1. eu directive 2002/95/ec (rohs) & 2011/65/eu (roh s 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. automotive products are aec-q101 qualified and are ppap capabl e. automotive, aec-q101 and standard products are electrically and thermally the same, except where specified. for more information, please refer to http://www.diodes.com/quality/product_compliance_de finitions/. 5. for packaging details, go to our website at http://www.diodes.com/p roducts/packages.html. marking information top view sot-223 top view pin out s d in d zxms 6004d zxms6004d = product type marking code
intellifet is a registered trademark of diodes incorporated. zxms6004dgq document number: ds33608 rev. 1 - 2 2 of 8 www.diodes.com april 2014 ? diodes incorporated zxms6004dgq advance information functional block diagram absolute maximum ratings (@t amb = +25c, unless otherwise stated.) characteristic symbol value units continuous drain-source voltage v ds 60 v drain-source voltage for short circuit protection v ds ( sc ) 36 v continuous input voltage v in -0.5 to +6 v continuous input current @-0.2v v in 6v continuous input current @v in < -0.2v or v in > 6v i in no limit i in 2 ma pulsed drain current @v in = 3.3v i dm 2 a pulsed drain current @v in = 5v i dm 2.5 a continuous source current (body diode) (note 6) i s 1 a pulsed source current (body diode) i sm 5 a unclamped single pulse inductive energy, t j = +25c, i d = 0.5a, v dd = 24v e as 490 mj electrostatic discharge (human body model) v esd 4000 v charged device model v cdm 1000 v thermal resistance characteristic symbol value units power dissipation at t amb = +25c (note 6) linear derating factor p d 1.3 10.4 w mw/c power dissipation at t amb = +25c (note 7) linear derating factor p d 3.0 24 w mw/c thermal resistance, junction to ambient (note 6) r ja 96 c/w thermal resistance, junction to ambient (note 7) r ja 42 c/w thermal resistance, junction to case (note 8) r jc 12 c/w operating temperature range t j? -40 to +150 c storage temperature range t stg -55 to +150 c notes: 6. for a device surfac e mounted on 15mm x 15mm single sided 1oz weight copper on 1.6mm fr4 board, in still air conditio ns. 7. for a device surface mounted on 50mm x 50mm single sided 2o z weight copper on 1.6mm fr4 board, in still air conditions. 8. thermal resistance between junction and the mounting surfaces of drain and source pins.
intellifet is a registered trademark of diodes incorporated. zxms6004dgq document number: ds33608 rev. 1 - 2 3 of 8 www.diodes.com april 2014 ? diodes incorporated zxms6004dgq advance information recommended operating conditions the zxms6004dgq is optimized for use with c operating from 3.3v and 5v supplies. characteristic symbol min max unit input voltage range v in 0 5.5 v ambient temperature range t a -40 +125 c high level input voltage for mosfet to be on v ih 3 5.5 v low level input voltage for mosfet to be off v il 0 0.7 v peripheral supply voltage (voltage to which load is referred) v p 0 36 v thermal characteristics
intellifet is a registered trademark of diodes incorporated. zxms6004dgq document number: ds33608 rev. 1 - 2 4 of 8 www.diodes.com april 2014 ? diodes incorporated zxms6004dgq advance information electrical characteristics (@t amb = +25c, unless otherwise stated.) characteristic symbol min typ max unit test condition static characteristics drain-source clamp voltage v ds(az) 60 65 70 v i d = 10ma off state drain current i dss ? ? 0.5 a v ds = 12v , v in = 0v ? ? 1 v ds = 36v , v in = 0v input threshold voltage v in(th) 0.7 1 1.5 v v ds = v gs , i d = 1ma input current i in ? 60 100 a v in = +3v ? 120 200 v in = +5v input current while over temperature active ? ? ? 400 a v in = +5v static drain-source on-state resistance r ds(on) ? 400 600 m ? v in = +3v , i d = 0.5a ? 350 500 v in = +5v , i d = 0.5a continuous drain current (note 6) i d 0.9 ? ? a v in = 3v ; t a = +25c 1.0 ? ? v in = 5v ; t a = +25c continuous drain current (note 7) 1.2 ? ? v in = 3v ; t a = +25c 1.3 ? ? v in = 5v ; t a = +25c current limit (note 9) i d(lim) 0.7 1.7 ? a v in = +3v 1 2.2 ? v in = +5v dynamic characteristics turn on delay time t d ( on ) ? 5 ? s v dd = 12v , i d = 0.5a , v gs = 5v rise time t r ? 10 ? turn off delay time t d ( off ) ? 45 ? fall time f f ? 15 ? over-temperature protection thermal overload trip temperature (note 10) t jt 150 175 ? c ? thermal hysteresis (note 10) ? 10 ? c ? notes: 9. the drain current is restrict ed only when the device is in saturation (see graph ?typical output characteristic?). this allows the device to be used in the fully on state without interference from th e current limit. the device is fully protec ted at all drain currents, as the low pow er dissipation generated outside saturation makes current limit unnecessary. 10. over-temperature protection is designed to prevent device destruction under fault conditions. fault conditions are consid ered as ?outside? normal operating range, so this part is not designed to wi thstand over-temperature for extended periods.
intellifet is a registered trademark of diodes incorporated. zxms6004dgq document number: ds33608 rev. 1 - 2 5 of 8 www.diodes.com april 2014 ? diodes incorporated zxms6004dgq advance information typical characteristics
intellifet is a registered trademark of diodes incorporated. zxms6004dgq document number: ds33608 rev. 1 - 2 6 of 8 www.diodes.com april 2014 ? diodes incorporated zxms6004dgq advance information typical characteristics - continued
intellifet is a registered trademark of diodes incorporated. zxms6004dgq document number: ds33608 rev. 1 - 2 7 of 8 www.diodes.com april 2014 ? diodes incorporated zxms6004dgq advance information package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. note: controlling dimensions are in millimeters. a pproximate dimensions are provided in inches. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. a1 a 7 7 d b e e1 b1 c e1 l 0 - 1 0 q e 0.25 seating plane gauge plane sot223 dim min max typ a 1.55 1.65 1.60 a1 0.010 0.15 0.05 b 0.60 0.80 0.70 b1 2.90 3.10 3.00 c 0.20 0.30 0.25 d 6.45 6.55 6.50 e 3.45 3.55 3.50 e1 6.90 7.10 7.00 e - - 4.60 e1 - - 2.30 l 0.85 1.05 0.95 q 0.84 0.94 0.89 all dimensions in mm dimensions value (in mm) x1 3.3 x2 1.2 y1 1.6 y2 1.6 c1 6.4 c2 2.3 x2 c1 c2 x1 y2 y1
intellifet is a registered trademark of diodes incorporated. zxms6004dgq document number: ds33608 rev. 1 - 2 8 of 8 www.diodes.com april 2014 ? diodes incorporated zxms6004dgq advance information important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described he rein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2014, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of ZXMS6004DGQTA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X