Part Number Hot Search : 
HC4060Y 752C041 NTE7101 KBP306 ST779ACN FR09E DTMPU63 STA42
Product Description
Full Text Search
 

To Download T2500D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1   
silicon bidirectional thyristors designed primarily for full-wave ac control applications, such as light dimmers, motor controls, heating controls and power supplies. ? blocking voltage 400 volts ? all diffused and glass passivated junctions for greater parameter uniformity and stability ? small, rugged, thermowatt construction for low thermal resistance, high heat dissipation and durability ? high surge current capability 60 amps peak at t c = 80 c ? device marking: logo, device type, e.g., T2500D, date code maximum ratings (t j = 25 c unless otherwise noted) rating symbol value unit peak repetitive offstate voltage (1) (sine wave 50 to 60 hz, t j = 40 to +100 c, gate open) v drm, v rrm 400 volts onstate rms current (t c = +80 c) (full cycle sine wave 50 to 60 hz) i t(rms) 6.0 a peak nonrepetitive surge current (one full cycle, 60 hz, t c = +80 c) i tsm 60 a circuit fusing considerations (t = 8.3 ms) i 2 t 15 a 2 s peak gate power (t c = +80 c, pulse width = 10 m sec) p gm 16 watts average gate power (t c = +80 c, t = 8.3 ms) p g(av) 0.2 watt peak gate current (pulse width = 10 m sec) i gm 4.0 a operating junction temperature range t j 40 to +125 c storage temperature range t stg 40 to +150 c triacs 6 amperes rms 400 volts device package shipping ordering information T2500D to220ab 500/box to220ab case 221a style 4 1 2 3 4 pin assignment 1 2 3 gate main terminal 1 main terminal 2 4 main terminal 2 www.kersemi.com mt1 g mt2
T2500D www.kersemi.com 2 thermal characteristics characteristic symbol value unit thermal resistance e junction to case r q jc 2.7 c/w maximum lead temperature for soldering purposes 1/8 from case for 10 seconds t l 260 c electrical characteristics (t c = 25 c unless otherwise noted; electricals apply in both directions) characteristic symbol min typ max unit off characteristics peak repetitive blocking current t j = 25 c (rated v drm , v rrm ; gate open) t j = 100 c i drm , i rrm e e 10 2.0 m a ma on characteristics peak on-state voltage* (i tm =  30 a peak) v tm e e 2.0 volts gate tri gger current (continuous dc) (v d = 12 vdc, r l = 100 ohms) mt2(+), g(+) mt2(+), g() mt2(), g() mt2(), g(+) i gt e e e e 10 20 15 30 25 60 25 60 ma gate tri gger v oltage (continuous dc) (all four quadrants) (v d = 12 vdc, r l = 100 ohms) v gt e 1.25 2.5 volts gate n ontrigger v oltage (v d = 12 v, r l = 100 ohms, t c = 100 c) v gd 0.2 e e volts holding current (main terminal voltage = 12 vdc, gate open, initiating current =  200 ma) i h e 15 30 ma gate controlled turn-on time (rated v drm , i t = 10 a , i gt = 160 ma, rise time = 0.1 m s) t gt e 1.6 e m s dynamic characteristics critical rate-of-rise of commutation voltage (rated v drm , i t(rms) = 6 a, commutating di/dt = 3.2 a/ms, gate unenergized, t c = 80 c) dv/dt(c) e 10 e v/ m s critical rate-of-rise of off-state voltage (rated v drm , exponential voltage rise, gate open, t c = 100 c) dv/dt e 75 e v/ m s * pulse test: pulse width 2.0 ms, duty cycle 2%.
T2500D www.kersemi.com 3 + current + voltage v tm i h symbol parameter v drm peak repetitive forward off state voltage i drm peak forward blocking current v rrm peak repetitive reverse off state voltage i rrm peak reverse blocking current voltage current characteristic of triacs (bidirectional device) i drm at v drm on state off state i rrm at v rrm quadrant 1 mainterminal 2 + quadrant 3 mainterminal 2 v tm i h v tm maximum on state voltage i h holding current mt1 (+) i gt gate (+) mt2 ref mt1 () i gt gate (+) mt2 ref mt1 (+) i gt gate () mt2 ref mt1 () i gt gate () mt2 ref mt2 negative (negative half cycle) mt2 positive (positive half cycle) + quadrant iii quadrant iv quadrant ii quadrant i quadrant definitions for a triac i gt + i gt all polarities are referenced to mt1. with inphase signals (using standard ac lines) quadrants i and iii are used.
T2500D 4 package dimensions style 4: pin 1. main terminal 1 2. main terminal 2 3. gate 4. main terminal 2 to220ab case 221a07 issue z notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.405 9.66 10.28 c 0.160 0.190 4.07 4.82 d 0.025 0.035 0.64 0.88 f 0.142 0.147 3.61 3.73 g 0.095 0.105 2.42 2.66 h 0.110 0.155 2.80 3.93 j 0.014 0.022 0.36 0.55 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.15 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 1.15 z 0.080 2.04 a k l v g d n z h q f b 123 4 t seating plane s r j u t c www.kersemi.com


▲Up To Search▲   

 
Price & Availability of T2500D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X