Part Number Hot Search : 
HPL1117G REEL7 3GT12 2N3716 PC549 C3842B KMD20S AP450
Product Description
Full Text Search
 

To Download SR540LA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  j f j f s r 5 4 0 l a 0 s r 5 4 5 l a low vf schottky barrier rectifier reverse voltage - 40/45 volts forward current - 5.0amperes features mechanical data maximum ratings case: jedec do-201ad molded plastic body terminals: plated axial leads, solderable per mil-std-750,method 2026 polarity: color band denotes cathode end mounting position: any weight: 0.041ounce, 1.15 grams (ratings at 25 ! ambient temperature unless otherwise specified ) plastic package has underwriters laboratory flammability classification 94v-0 metal silicon junction ,majority carrier conduction guard ring for overvoltage protection low power loss ,high efficiency high current capability ,low forward voltage drop high surge capability high temperature soldering guaranteed:260 ! /10 seconds at terminals component in accordance to rohs 2011 / 6 5 / eu maximum repetitive peak reverse voltage v rrm v a a i f(av) i fsm t stg t j maximum average forward rectified current 0.375"(9.5mm) lead length(see fig.1) operating junction temperature range storage temperature range peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method at rated tl) 5.0 150 -55 to+150 -55 to+150 ! ! 40 45 symbol unit sr540la 0 sr545la do-201ad dimensions in inches and (millimetrers) 0.375(9.50) 0.220(5.6) 0.052(1.32) 0.92(23.4) min 0.92(23.4) min 0.285(7.20) 0.190(4.8) dia 0.045(1.14) dia typical applications for use in low voltage ,high frequency inverters ,dc / dc converters , free wheeling ,and polarity protection applications parameter p r i m a r y c h a r a c t e r i s t i c s i f(av) v rrm i fsm v f at i f = 5 . 0a t jmax 5.0a 40v 0 45v 150a 150 ! 0 . 35v p b r o h s c o m p l i a n t
electrical characteristcs ? t a = 25 ! unless otherwise noted ) parameter test conditions symbol typ . max . unit i n s t a n e o u s f o r w a r d v o l t a g e i f = 5 . 0 a t a = 2 5 ! t a = 1 0 0 ! r e v e r s e c u r r e n t v r = 4 0 v \ 4 5 v t a = 2 5 ! t a = 1 0 0 ! v f i r 0 . 4 3 0 . 4 5 v 8 0 2 0 0 ? a ma 8 1 5 t y p i c a l j u n c t i o n c a p a c i t a n c e 4 v , 1 m h z c j pf 1 ) notes: 1.pulse test: 300 ? s pulse width,1% duty cycle 2 ) 2.pulse test: pulse width "d 40ms thermal characteristcs ? t a = 25 ! unless otherwise noted ) parameter typical thermal resistance 3.thermal resistance from junction to lead vertical p.c.b. mounted , 0.375"(9.5mm)lead length r ja r jl 25.0 8.0 ! /w symbol unit sr540la 0 sr545la 3 ) availabale pack information t a = 1 2 5 ! t a = 1 2 5 ! 0 . 3 5 0 . 3 7 0 . 3 7 0 . 3 9 2 0 5 0 5 7 0 pack carton sizel * w * h ( mm ) quantity ( pcs / box ) box size l * w * h ( mm ) quantity ( box / carton ) b / p 433 * 203 * 230 200 190 * 80 * 21 50 t / b 400 * 267 * 286 1000 264 * 74 * 135 10 product code sr540la - do - 201ad ratings and characteristic of sr540la 0 sr545la sr540la - do - 201ad b / p 433 * 203 * 230 200 190 * 80 * 21 50 t / b 400 * 267 * 286 1000 264 * 74 * 135 10 sr545la - do - 201ad sr545la - do - 201ad
0 25 50 75 100 125 150 1 10 100 0 20 40 60 80 100 120 150 0 2.0 3.0 4.0 5.0 1.0 fig.1-forward current derating curve fig.2-maximum non-repetitive peak forward surge current fig.3-typical instantaneous forward characteristics fig.4-typical reverse characteristics a v e r a g e f o r w a r d c u r r e n t a m p e r e s p e a k f o r w a r d s u r g e c u r r e n t ( a m p e r e s ) reverse voltage. volts number of cycles at 60hz lead temperature ( ! ) t j =t j max 8.3ms single half sine-wave (jedec method) resistive or inductive load 0.375" (9.5mm) lead length 0.1 1 10 100 100 4000 1000 fig.5-typical junction capacitance j u n c t i o n c a p a c i t a n c e ( p f ) 130 0.01 0.1 1 50 10 0 0.1 0.2 0.3 0.4 0 . 5 0 . 8 0 . 7 0 . 6 i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) instantaneous forward voltage (volts) t j =125 ! pulse width=300 s 1% duty cycle 5 t j =100 ! t j =25 ! 0.01 0.1 10 1 100 200 20 0 40 60 80 100 i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) percent of rated peak reverse voltage% t j =25 ! t j =100 ! t j =125 ! ratings and characteristic of sr540la 0 sr545la


▲Up To Search▲   

 
Price & Availability of SR540LA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X