for more information, please visit the product page. ????????? ?????????????????? cui .com 02/20/2015 1 of 4 series : sj-4361x-smt description: mid mount audio jack features ? mid mount for low profile applications ? 4 conductor ? multiple switch configurations rohs part number key specifications parameter conditions/description min typ max units rated input voltage 12 vdc rated input current 1 a contact resistance 1 between terminal and mating plug between terminal in a closed circuit 50 30 m? m? insulation resistance at 500 vdc 100 m? voltage withstand at 50/60hz for 1 minute 500 vac insertion/withdrawl force 0.3 3 kg terminal strength any direction for 10 seconds 500 g operating temperature -25 85 c life 5,000 cycles fammability rating ul94v-0 rohs 2011/65/eu notes: 1. when measured at a current of less than 100 ma / 1 khz sj-4361 x -smt- x switch options 4 = no switch 5rs = ring switch 5ts = tip switch 6 = tip and ring switch 7 = tip, ring 1, and ring 2 switch base number package options "blank" = standard tr = tape & reel date page
for more information, please visit the product page. ?????????????????? cui .com cui inc series : sj-4361x-smt description: mid mount audio jack date 02/20/2015 page 2 of 4 5.3 0.209 3.00 0.118 2.20 0.087 a 0.142 3.600 5.4 0.213 0.197 5.00 0.80 0.031 (7 plcs) 12.1 0.476 0.075 1.90 1.000 0.039 (2 plcs) 8.10 0.319 (2 plcs) 4.40 0.173 0.90 0.035 (4 plcs) 3.0 0.118 6.0 0.236 10.2 0.402 1.0 0.039 3.0 0.118 6.0 0.236 10.2 0.402 8.6 0.339 0.3 11 12 23 4 1 0 1 0.039 (6 plcs) (2 plcs) 0.024 0.60 1.00 0.80 0.031 detail a scale 12 : 1 0.1 -+ coplanarity pcb layou t pcb cutout mechanical drawing material plating terminal (1~4) copper alloy gold fash terminal (10~12) copper alloy gold fash plastic pa6t units: mm[inches] tolerance: x.x 0.2mm x.xx 0.1mm x.xxx 0.05mm 14 ? 3.5 mating plug model no. sj-43614-smt sj-43615rs-smt sj-43615ts-smt sj-43616-smt SJ-43617-SMT schematic pin 1 sleeve sleeve sleeve sleeve sleeve 2 tip tip tip tip tip 3 ring 1 ring 1 ring 1 ring 1 ring 1 4 ring 2 ring 2 ring 2 ring 2 ring 2 10 np np tip switch tip switch tip switch 11 np ring 1 switch np ring 1 switch ring 1 switch 12 np np np np ring 2 switch 2 11 4 3 10 1 12 2 11 4 3 10 1 2 4 3 10 1 2 11 4 3 1 2 4 3 1
for more information, please visit the product page. ?????????????????? cui .com cui inc series : sj-4361x-smt description: mid mount audio jack date 02/20/2015 page 3 of 4 120 50 270 260 250 240 217 180 120 60 70 140 250 340 380 43 0 60 120 180 240 300 360 420 48 0 c time (second) solderability parameter conditions/description min typ max units refow soldering see refow profle 255 260 265 c note: 1. all specifcations measured at 10~35c, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
for more information, please visit the product page. ????????? cui inc series : sj-4361x-smt description: mid mount audio jack date 02/20/2015 page 4 of 4 cui offers a one (1) year limited warranty. complete warranty information is listed on our website. cui reserves the right to make changes to the product at any time without notice. information provided by cui is believed to be accurate and reliable. however, no responsibility is assumed by cui for its use, nor for any infringements of patents or other rights of third parties which may result from its use. cui products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. headquarters 20050 sw 112th ave. tualatin, or 97062 800.275.4899 fax 503.612.2383 cui .com techsupport@cui.com rev. description date 1.0 initial release 06/27/2011 1.01 new template applied 06/06/2012 1.02 added tr package option 11/01/2012 1.03 updated pcb layout 08/06/2013 1.04 updated drawing 02/20/2015 the revision history provided is for informational purposes only and is believed to be accurate. revision history
|