Part Number Hot Search : 
EPSA1 WM8950 T3324551 GMA8875C NJU6680 LC74751 PS8601 A7260
Product Description
Full Text Search
 

To Download SB5120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c187ld issued date : 2013.03.18 revised date : page no. : 1/3 SB5120 cystek product specification 5.0amp schottky barrier rectifiers reverse voltage 120v forward current 5a SB5120 features outline ? guard ring for over voltage protection. do-201ad ? plastic package has ul flammability classification 94v-0 ? low power loss, high efficiency ? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications mechanical data ? case : jedec do-201ad molded plastic body ? epoxy : ul94v-0 rate flame retardant ? terminals: plated axial leads, solderable per mil-std-750 method 2026. high temperature soldering guaranteed: 250 c/10seconds, 0.375?(9.5mm) lead length, 5lbs(2.3kg) tension ? polarity: color band denotes cathode end. ? mounting position : any. ? weight: 0.041 oz., 1.15 gram maximum ratings and electrical characteristics ( rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60hz, re sistive or inductive load. for capacitive load, derate current by 20%) type parameter symbol SB5120 units maximum repetitive peak reverse voltage v rrm 120 v maximum rms voltage v rms 84 v maximum dc blocking voltage v dc 120 v maximum instantaneous forward voltage at 5a 1 v f 0.92 v maximum average forward rectified current @ 0.375?(9.5mm) lead length (see fig 1) i f(av) 5 a peak forward surge current @8.3ms single half sine wave superimposed on rated load (jedec method) at rated t l i fsm 125 a t a =25c 0.1 maximum dc reverse current at rated dc blocking voltage 1 t a =100c i r 5 ma typical thermal resistance 2 r jl 10 /w operating junction temperature range t j -55 ~ +175 storage temperature range t stg -55 ~ +175 note: 1.pulse test: pulse width 300 s, duty cycle 1% 2.thermal resistance, junction to lead , vertical pcb mounted, 0.375?(9.5mm) lead length
cystech electronics corp. spec. no. : c187ld issued date : 2013.03.18 revised date : page no. : 2/3 SB5120 cystek product specification characteristic curves
cystech electronics corp. spec. no. : c187ld issued date : 2013.03.18 revised date : page no. : 3/3 SB5120 cystek product specification do-201ad dimension do-201ad molded plastic package cystek package code: ld inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a ? 0.048 ? 0.052 ? 1.20 ? 1.30 d 1.000 - 25.40 - b 1.000 - 25.40 - e ? 0.190 ? 0.210 ? 4.80 ? 5.30 c 0.285 0.375 7.20 9.50 notes : 1.controlling dimension : millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material : ? lead : axial leads, solderable per mil-std-750, method 2026 guaranteed. ? mold compound : epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of SB5120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X