Part Number Hot Search : 
74279 6204B242 MP450 2SD2678 203DH3 B14NK60Z ISF84R MC4010
Product Description
Full Text Search
 

To Download RW-1205D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  input voltage range 2:1 output voltage accuracy 1% typ. / 2% max. line voltage regulation 0.1% typ. / 0.2% max. load voltage regulation (10% to 100% full load) 0.2% typ. / 0.5% max. output ripple and noise (20mhz limited) 50mvp-p max. operating frequency 100khz min. / 150khz typ. efficiency at full load see above no load power consumption 250mw max. isolation voltage (tested for 1 second) 3000vdc min. rated working voltage (long term isolation) see application notes continued on next page part input output output efficiency number voltage voltage current dip24 miniature (vdc) (vdc) (ma) % rw-0505d 4.5 C 9 5 300 71 rw-0509d 4.5 C 9 9 167 73 rw-0512d 4.5 C 9 12 125 74 rw-0515d 4.5 C 9 15 100 75 RW-1205D 9 C 18 5 300 76 rw-1209d 9 C 18 9 167 80 rw-1212d 9 C 18 12 125 83 rw-1215d 9 C 18 15 100 83 rw-2405d 18 C 36 5 300 78 rw-2409d 18 C 36 9 167 81 rw-2412d 18 C 36 12 125 85 rw-2415d 18 C 36 15 100 85 rw-4805d 36 C 72 5 300 78 rw-4809d 36 C 72 9 167 82 rw-4812d 36 C 72 12 125 84 rw-4815d 36 C 72 15 100 84 3 watt dip24 low profile package dual regulated output econoline dc/dc-converter rw-xxxxd series dip24 miniature package 2:1 wide range voltage input 3kvdc isolation ul94v-0 package material continuous short circuit protection low profile 7mm height cost effective short lead time no external capacitor needed full smd construction 100% burned in efficiency to 85% features regulated converters selection guide specifications (core operating area) the rw series with 2:1 input voltage ranges and max. height of 7,0 mm has been designed for the telecom - and industrial automation markets. they are particularly aimed at applications where pcb-space is at a premium, still requiring industrial standard pinning. the converters supply the full 3 watts without additional heat-sinks over the temperature range -40c to +85c. description 
           
 

    

 ! " " #" ! derating-graph (ambient temperature) en-60950-1 certified en-60601-1 certified july-2006 www.recom-international.com 102
specifications (core operating area) package style and pinning (mm) rw-xxxxd series econoline dc/dc-converter #$ $ 
   ! #     #    $ $ $ % &$'( $ #$ )$ )$ $ #
*+ 
, - recommended footprint details 24 pin dip miniature package style xx.x 0.5 mm xx.xx 0.25 mm pin connections pin dual 2 & 3 -vin 9 & 16 com 11 -vout 14 +vout 22 & 23 +vin nc = no connection   $. &/ / &/  0
*1 to measure the output ripple & noise use short runs with a 0.1uf/50v capacitor 20mhz bw limit, nominal input and full load. please see below: n o t e : pinout is the same like rec-series, a-pinout isolation capacitance 20pf min. / 40pf typ. / 60pf max. isolation resistance 1 g ? min. short circuit protection continuous operating temperature range (free air convection) -40c to +85c (see graph) storage temperature range -55c to +125c case material non-conductive black plastic potting material epoxy ( ul94v-0 ) relative humidity 95% rh package weight 7.7g mtbf (+25c) using mil-hdbk 217f 1636 x 10 3 hours (+85c) using mil-hdbk 217f 303 x 10 3 hours } 2- -3       2- -3'4*       +-
   rw-xx15d detailed information see application notes chapter "mtbf" july-2006 103 www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RW-1205D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X