Part Number Hot Search : 
LT310 SC461 11800 LJ64KM01 RB521G BA5954FM 2SJ0164 HA1210
Product Description
Full Text Search
 

To Download RV3049C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tel: +44 1460 256 100 fax: +44 1460 256 101 e-mail: sales@golledge.com web: www.golledge.com 01 may 1998 real time clock - spi ?bus RV3049C2 03 may 2012 features ? temperature compensated accuracy ? aec q200 rev c compliant ? compliant with 4-wire spi-bus ? backup battery input (internal switchover) ? programmable alarm, timer and interrupt 1.20 (max) 5.20 (max) 3.40 (max) solder pad layout top view 2.20 0.60 1.00 0.90 0.40 1.00 pad 1 2 3 4 5 connection supply (vdd) frequency output (clkout) chip select (cs) serial clock input (scl) serial data out (sdo) pad 6 7 8 9 10 connection ground interrupt output (/int) backup supply serial data in (sdi) clk output enable (clkoe) 15 6 10 option codes RV3049C2 product parameters product + option code eg: RV3049C2/b 25ppm -40+85c option code x (eg RV3049C2/x) denotes a custom spec. ordering information ? standard. ? optional - please specify required code(s) when ordering specifications ? available on t&r - 1k or 5k pcs per reel. ? evaluation / development board & ?manual a vailable on request block diagram the RV3049C2 is a real-time-clock module with embedded crystal. this rtc has a 4-wire serial interface (spi-bus) and offers temperature compensated time. the stc (smart temperature compensation) can be factory calibrated to achieve a very high time accuracy of 6ppm over -40c to +85c (option a) and 8ppm from -40c to +125c (option c). beside standard rtc functions, it includes a backup battery input with internal switchover function, a programmable trickle-charge circuitry, an integrated temperature sensor with digital-output and offers 8 bytes ram and 2 bytes eeprom for customer application. the calendar function tracks year and leap-year flags. the clock tracks second, minute and hour in 24-hour format. programmable alarm setting and universal timer functions increase flexibility. description ? manufactured by micro crystal ? stocked &?dis tributed by golledge frequencies (selectable): 32.768khz, 1024hz, 32hz & 1hz ? frequency tolerance @ ?25c: 10ppm typ, 20ppm max ? time accuracy: 3ppm max (0.26s/day) @ 25c ? 6ppm max (0.52s/day), -40+85c ? a 25ppm max (2.17s/day), -40+85c ? b 8ppm max (0.70s/day), -40+125c ? d 30ppm max (2.60s/day), -40+125c ? e operating temperature range: -40 to +85c ? extended op. temp range: -40 to +125c ? storage temperature range: -55 to +125c ? supply voltage (v dd ): spi bus active 1.8 ~ 5.5v ? time-keeping mode 1.3 ~ 5.5v ? supply current (v dd =3.0v): 0.80 a typ, 1.0 a max ? shock and vibration resistance: 5ppm, 5,000g, 0.3ms, ? sine ? 5ppm, 20g, 10.0 ~ 2,000hz ? soldering condition: reflow, 260c, 20 sec max ?


▲Up To Search▲   

 
Price & Availability of RV3049C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X