Part Number Hot Search : 
1N4732C LA743 GM160 LIS331HH BPC25 T1200 LBN08303 1V0DS00
Product Description
Full Text Search
 

To Download MTPS3085WC1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  absolute maximum ratings (ta=25oc) i t e m s s y m b o l r a t i n g s u n i t forward current (dc) if 80 ma forward current (pulse)*1 ifp 0.4 a reverse voltage vr 5 v power dissipation pd 150 mw operating temperature range topr -30 ~ +100 oc storage temperature range tstg -40 ~ +125 oc junction temperature tj 125 oc lead soldering temperature*2 tls 260 oc *1: tw=10sec, t=10msec; *2: time 5 sec max, position: up to 3mm from the body. peak emission wavelength: 855nm the 850nm point source series is designed for applications requiring high accuracy and precision as well as uniform spectral emission. custom package solutions and sorting are available. f e a t u r e s > hermetically sealed to-46 > emitting window diameter 50m > gold plated flat top can > high reliability / high output power a p p l i c a t i o n s > optical scanning > linear & rotary encoder > edge sensing > optical sensors electrical & optical characteristics (ta = 25oc) i t e m s s y m b o l c o n d i t i o n s m i n t y p m a x u n i t power output po if=50ma -- 2.1 -- m w forward voltage vf if=50ma -- 1.8 2.4 v reverse current ir vr=5v -- -- 100 a peak emission wavelength p if=50ma -- 855 -- nm spectral line half width ? if=50ma -- 25 -- nm half intensity beam angle ? if=50ma -- 45 -- deg infrared point source emitter product no: m t p s 3 0 8 5 w c 1 global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com 1 2011-05-23
unit: mm, tolerance: 0.2 global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com infrared point source emitter product no: m t p s 3 0 8 5 w c 1 2 2011-05-23 1 2
global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com infrared point source emitter product no: m t p s 3 0 8 5 w c 1 3 the information contained herein is subject to change without notice. 2011-05-23


▲Up To Search▲   

 
Price & Availability of MTPS3085WC1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X