|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
characteristics temperature range mass electrostatic capacitance between open contacts approx.0.7pf item 4.41 of iec 61810-7 between coil & contacts approx.1.0pf item 4.41 of iec 61810-7 between contact poles approx.0.9pf item 4.41 of iec 61810-7 insulation resistance dielectric strength between open contacts 1000vac 1min item 6 of iec 61810-5 between coil & contacts 1000v ac 1min item 6 of iec 61810-5 between contact poles 1000vac 1min item 6 of iec 61810-5 surge withstand voltage between open contacts 1500v fcc68 between coil & contacts 1500v fcc68between contact poles 1500v fcc68 shock resistance vibration resistance terminals strength solderability 4.5g iec68-2-27 test ea iec68-2-6 t est fc iec68-2-20 test ta method 1 iec68-2-21 t est ua1 2 functional:100m/s 11ms; 2 survival:1000 m/s 6ms 10~55hz double amplitude functional : 1.5mm survival:5mm 5n -40~90 (-40~194 f) (-40~80 for 0.3w coil) 235 2 3 0.5s safety approvals safety approval ul&cur load 1a/24vdc 0.5a/120v ac dimensions mm/inch notes 1).dimensions are in millimeters. 2).inch equivalents are given for general information only . 40 m4 1000m min (at 500vdc) item 7 of iec 61810-5 mounting (bottom view) dimensions 0. 1 0. 03 1 2. 54 to le ra n c e : 0 .1 / 0 .0 0 4 0 .1 2 .5 4 8- 0. 8 wiring diagram (bottom view) 1 4 6 13 9 11 8 16 dil pitch t erminals .high sensitivity. conforms to fcc part 68 1.5kv surge and dielectric 1000vac. fully sealed (immersion cleaning).high reliability bifurcated contact. application for t elecommunication equipment,office equipment,security alarm systems,measuring instruments, medical monitoring equipment,audio visual equipment,flight simulator ,sensor control. m4 1 2 h a w 1 2 3 4 5 ordering information features 1 part mumber m4 2 coil rated voltage dc:3:3v 5:5v 6:6v 9:9v 12:12v 18:18v 24:24v 48:48v 3 enclosure h: sealed type 4 nominal coil power nil:0.15w a:0.2w m:0.45w 5 contact material nil: agpd w: agni contact data contact arrangement 2c dpdt(b-m) bifurcated crossbar contact material agpd( gold clad ) agni(gold clad contact rating (resistive) 1a/24vdc; 0.5a/120v ac max. switching power 60w 125v a min. switching load 0.01ma/10mv reference value max. switching voltage 220vdc 250v ac max. switching current:2a contact resistance or voltage drop 55 1a/24vdc 5 10 ag ni 1 10 life mechanical 8 10 coil parameter caution: 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. 3.unless otherwise stated, the rated coil voltage specified in coil parameter table shall be used for all tests and its application to the relay . electrical 50m item 4.12 of iec 61810-7 operation al caution: relays previously tested or used above 10ma resistive at 6vdc maximum or peak ac open circuit are not recommended for subsequent use in low level applications. dash numbers coil voltage vdc coil resistance 10% pick up voltage vdc(max) (70% or 66%of rated voltage ) release voltage vdc(min) (5% or 10% of rated voltage) coil power w operate time ms release time ms rated max. m4-003 3 7.5 60 2.1 0.15 0.15 m4-005 5 12.5 167 3.5 0.25 0.15 m4-006 6 15.0 240 4.2 0.3 0.15 m4-009 9 22.5 540 6.3 0.45 0.15 m4-012 12 30.0 960 8.4 0.6 0.15 m4-018 18 40.0 1620 12.6 0.9 0.20 m4-024 24 52.9 2880 16.8 1.2 0.20 m4-048 48 84.9 7680 33.6 2.4 0.30 approx. 5 m4-005m 5 7.7 56 3.3 0.5 0.45 m4-006m 6 9.2 80 4.0 0.6 0.45 m4-009m 9 13.7 180 6.0 0.9 0.45 m4-012m 12 18.3 320 8.0 1.2 0.45 m4-018m 18 27.5 720 12.0 1.8 0.45 m4-024m 24 36.7 1280 15.9 2.4 0.45 m4-048m 48 72.5 5000 33.0 4.8 0.45 m4 m4-003a 3 6.5 45 2.1 0.3 0.2 M4-005A 5 10.8 125 3.5 0.5 0.2 m4-006a 6 13.0 180 4.2 0.6 0.2 m4-009a 9 19.5 405 6.3 0.9 0.2 m4-012a 12 26.5 720 8.4 1.2 0.2 m4-024a 24 52.9 2880 16.8 2.4 0.2 m4-048a 48 103.9 11520 33.6 4.8 0.2 39 item 4.30 of iec 61810-7 item 4.30 of iec 61810-7 5 0.5a/120vac 2 10 r e169380 c us 20.0 9.8 12.0 approx. 3 approx. 5 approx. 3 approx. 5 approx. 3 0.78 7ma x. 20m ax. 0.38 6ma x. 9.8m ax. 0 . 4 7 2 m a x . 1 2 m a x . 0 . 1 3 8 3 . 5 0.78 7 0.5 0.20 5.08 0.20 5.08 0.30 7.62 0.04 4 1.11 0.01 0.25 0.30 7.62 u t v 1a/24vdc 0.5a/120vac r50044268 ningbo huaguan electronics corporation l td .
|
Price & Availability of M4-005A |