Part Number Hot Search : 
KSC1623O 9701BG SM245K SK213 4LCX16 LTCMN E180CA E180CA
Product Description
Full Text Search
 

To Download LD-084 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  8.4" industrial open frame lcd monitor features flexible, low cost and high performance for industrial, kiosk, gaming, digital signage application 8.4" svga tft lcd display vesa mount specifications size 8.4" (4:3) signal input d-sub 15p vga, 24+5p dvi backlight led (50k hours) osd adj ustment power, enter, left, right , auto panel type tn dc connector 2.5mm diameter pixel pitch 0.213x0.213 mm dc input 12 vdc / 0.7a active area 170.4x127.8 mm consumption 8w brightness * 450 cd/m2 max. management vesa dpms contrast 600 : 1 mounting 75x75, vesa mount viewing angle 80/80/80/80 degree dimension 220 (w) x 147.5 (h) x 4 0.2 (d) mm resolution 800 x 600 net weight display color 262k/16.2m (6/8 bit ) packing 5 pcs / carton response time tr/tf=20/10 ms 20' container hor. frequency 30 ~ 48 khz 40' container ver. frequency 60/70 hz operation ** -30 ~ 80 degree c pixel rate 50 mhz storage -30 ~ 80 degree c * different brightness is per cus tomer's request ** temperature of lcd surface ** different temperature range is on demand. ordering information model selection x: panel selection y : in p ut selection z: touch selection 0: standard, chosen 0: standard, vga/dvi 0: standard, none a: specified lcd v: vga only g: glass b: specified lcd h: vga/dvi/hdmi r: resitive etc. specified lcd p: dvi/hdmi/dp c: surface capacitive s: vga/dvi/s-video p: projective capacitive i : ir s: saw optional accessories * power ada p ter 100 ~ 240 vac ada p ter with 12vdc / 3a o/ p * power cord 1.8m p ower cord, us / eu * si g nal cable 1.8m vga cable, 1.8m dvi cable product drawing * all specific ation and photos are s ubject to c hange without no tice. LD-084- xyz LD-084 lcd panel power package video temperature


▲Up To Search▲   

 
Price & Availability of LD-084

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X