Part Number Hot Search : 
4063A P40NF RODUCTS 2200B TA230PW D1885 D2589 74HC07AP
Product Description
Full Text Search
 

To Download KTD1415V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007. 5. 22 1/3 semiconductor technical data KTD1415V epitaxial planar npn transistor revision no : 1 industrial use. high power switching applications. hammer driver, pulse motor driver applications. features h high dc current gain : h fe =2000(min.) at v ce =3v, i c =3a. h low saturation voltage : v ce(sat) =1.5v(max.) at i c =3a. maximum rating (ta=25 ? ) dim millimeters to-220is 0.76+0.09/-0.05 a b c d e f g 0.5+0.1/-0.05 h 1.2+0.25/-0.1 1.5+0.25/-0.1 j k l m n p q r f q 1 2 3 l p n b g j m d n h e r k l s 0.5 typ s d a c 2.70 0.3 + _ 12.0 0.3 + _ 13.6 0.5 + _ 3.7 0.2 + _ 3.2 0.2 + _ 10.0 0.3 + _ 15.0 0.3 + _ 3.0 0.3 + _ 4.5 0.2 + _ 2.54 0.1 + _ + 2.6 0.2 _ 6.8 0.1 + _ 1. base 2. collector 3. emitter electrical characteristics (ta=25 ? ) characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =100v, i e =0 - - 100  a emitter cut-off current i ebo v eb =5v, i c =0 - - 3.0 ma collector-emitter breakdown voltage v (br)ceo i c =50ma, i b =0 100 - - v dc current gain h fe (1) v ce =3v, i c =3a 2000 - 15000 h fe (2) v ce =3v, i c =7a 1000 - - collector-emitter saturation voltage v ce(sat) (1) i c =3a, i b =6ma - 0.9 1.5 v v ce(sat) (2) i c =7a, i b =14ma - 1.2 2.0 base-emitter saturation voltage v be(sat) i c =3a, i b =6ma - 1.5 2.5 v switching time turn-on time t on 15 ? cc v =45v duty cycle 1% i b2 b2 i =-i =6ma b1 b2 i i b1 20 s b1 i input output - 0.8 -  s storage time t stg - 3.0 - fall time t f - 2.5 - characteristic symbol rating unit collector-base voltage v cbo 100 v collector-emitter voltage v ceo 100 v emitter-base voltage v ebo 5v collector current i c 7a base current i b 0.2 a collector power dissipation (tc=25 ? ) p c 30 w junction temperature t j 150 ? storage temperature range t stg -55 q 150 ? 5k ? base collecto r emitter 150 ? ~ = ~ = equivalent circuit
2007. 5. 22 2/3 KTD1415V revision no : 1 ce(sat) collector-emitter saturation 0.3 1 voltage v (v) c 0 collector current i (a) 10 ce 8 6 410 2 collector-emitter voltage v (v) 0 ce(sat) v - i c 10 3 120 0.4 ce i - v c 0.3 dc current gain h fe 300 collector current i (a) 13 1030 c fe h - i c 2 4 6 8 12 common emitter tc=25 c 1.4 1.2 1.0 0.8 0.6 0.4 i =0.2ma b 0 12 0 collector-emitter voltage v (v) 210 468 ce 8 6 4 2 10 collector current i (a) 0 c c i - v ce tc=100 c common emitter 1.0 0.8 0.6 0.4 0 b i =0.2ma 12 0 collector-emitter voltage v (v) 210 468 ce 8 6 4 2 10 collector current i (a) 0 c c i - v ce common emitter tc=-50 c 4.0 3.5 3.0 2.5 2.0 1.5 1.0 b i =0.5ma 0 500 1000 3000 5000 10000 20000 common emitter v =3v ce tc=100 c 25 -50 c collector current i (a) 0.5 3 5 c i /i =500 common emitter b 5 3 0.5 voltage v (v) 1 base-emitter saturation be(sat) 0.4 20 13 10 c v - i be(sat) b common emitter i /i =500 c collector current i (a) c 10 tc= -50 c 25 100 100 25 tc=-50 c 5 5
2007. 5. 22 3/3 KTD1415V revision no : 1 th 10 transient thermal resistance 100 1 r ( c/w) c 0 collector current i (a) be 1.6 1.2 02.0 0.8 base-emitter voltage v (v) 0.4 th r - t w 1 0.1 0.01 10 0.001 pulse width t (sec) be i - v c 1 2 3 4 5 6 7 2.4 2.8 3.2 common emitter v =3v ce tc=100 c 25 -50 w 0.1 100 1000 curves should be applied in thermal limited area. (sigle nonrepetitive pulse) 1 infinite heat sink 2 no heat sink 1 2 safe operating area 5 3 1 0.5 0.3 0.1 0.05 collector current i (a) 0.03 c 3 collector-emitter voltage v (v) 10 1 30 100 ce 10 i max.(pulsed) c c i max. (continuous) dc operati o n tc=25 c 100 s 1ms 10 ms 100m s v max. ceo single nonrepetitive pulse tc=25 c curves must be derated linearly with increase in temperature


▲Up To Search▲   

 
Price & Availability of KTD1415V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X