Part Number Hot Search : 
KE180 HM63921 3425L ML4880 OM5216RT RT33L012 74AC2 GLZ12C
Product Description
Full Text Search
 

To Download IRFH5006PBF-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hexfet   power mosfet notes   through  are on page 9 features and benefits applications ? secondary side synchronous rectification ? inverters for dc motors ? dc-dc brick applications ? boost converters features benefits low r dson ( 4.1m ) lower conduction losses low thermal resistance to pcb ( 0. 100 0. ? multi-vendor compatibility compatible with existing surface mount techniques easier manufacturing rohs compliant containing no lead, no bromide and no halogen environmentally friendlier msl1, industrial qualification increased reliability v ds 60 v r ds(on) max (@v gs = 10v) 4.1 m q g (typical) 69 nc r g (typical) 1.2 i d (@t mb = 25c) 100 a absolute maximum ratings parameter units v ds drain-to-source voltage v gs gate-to-source voltage i d @ t a = 25c continuous drain current, v gs @ 10v i d @ t a = 70c continuous drain current, v gs @ 10v i d @ t mb = 25c continuous drain current, v gs @ 10v i d @ t mb = 100c continuous drain current, v gs @ 10v i dm pulsed drain current p d @t a = 25c power dissipation  p d @ t mb = 25c power dissipation  linear derating factor  w/c t j operating junction and t stg storage temperature range v w a c max. 21 100  400 20 60 17 100  -55 to + 150 3.6 0.029 156 
 form quantity irfh5006pbf pqfn 5mm x 6mm tape and reel 4000 irfh5006trpbf base part number package type standard pack orderable part number pqfn 5x6 mm    
   
    
  ! "# 
irfh5006pbf   
   
    
  ! "#  d s g static @ t j = 25c (unless otherwise specified) parameter min. typ. max. units bv dss drain-to-source breakdown voltage 60 ??? ??? v ? . 0.0 . .1 .0 .0 .0 0 0 100 100 10 1 1 . 0 0. .1 1 . 1. . 1 0 1 1 0 avalanche characteristics parameter units e as single pulse avalanche energy mj i ar avalanche current  a diode characteristics parameter min. typ. max. units i s continuous source current (body diode)  i sm pulsed source current (body diode)  v sd diode forward voltage ??? ??? 1.3 v t rr reverse recovery time ??? 28 42 ns q rr reverse recovery charge ??? 130 195 nc t on forward turn-on time time is dominated by parasitic inductance v gs = 10v typ. ??? r g =1.8 v ds = 25v, i d = 50a v ds = 60v, v gs = 0v, t j = 125c m a i d = 50a t j = 25c, i f = 50a, v dd = 30v di/dt = 500a/ s  t j = 25c, i s = 50a, v gs = 0v  showing the integral reverse p-n junction diode. v gs = 20v v gs = -20v v ds = 60v, v gs = 0v mosfet symbol v ds = 16v, v gs = 0v v dd = 30v, v gs = 10v i d = 50a v gs = 0v v ds = 30v conditions v gs = 0v, i d = 250 a reference to 25c, i d = 1ma v gs = 10v, i d = 50a  pf nc conditions see fig.15 max. 285 50 ? = 1.0mhz v ds = 30v ??? v ds = v gs , i d = 150 a a 100 ??? ??? 400 ??? ??? na ns thermal resistance parameter typ. max. units r 0. 0. ??? 15 c/w r  ??? 35 r 10  ??? 22
irfh5006pbf $   
   
    
  ! "#  fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics fig 6. typical gate charge vs.gate-to-source voltage fig 5. typical capacitance vs.drain-to-source voltage 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 10v 8.0v 6.0v 5.0v 4.5v 4.3v 4.0v bottom 3.8v 60 s pulse width tj = 25c 3.8v 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 3.8v 60 s pulse width tj = 150c vgs top 10v 8.0v 6.0v 5.0v 4.5v 4.3v 4.0v bottom 3.8v -60 -40 -20 0 20 40 60 80 100 120 140 160 t j , junction temperature (c) 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 50a v gs = 10v 2 3 4 5 6 7 v gs , gate-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 150c v ds = 25v 60 s pulse width 1 10 100 v ds , drain-to-source voltage (v) 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 102030405060708090100 q g , total gate charge (nc) 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 48v v ds = 30v vds= 12v i d = 50a
irfh5006pbf %   
   
    
  ! "#  fig 11. maximum effective transient thermal impedance, junction-to-mounting base fig 8. maximum safe operating area fig 9. maximum drain current vs. case temperature fig 7. typical source-drain diode forward voltage fig 10. threshold voltage vs. temperature -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 1.5 2.0 2.5 3.0 3.5 4.0 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = 150 a i d = 500 a i d = 1.0ma i d = 1.0a 0.2 0.4 0.6 0.8 1.0 1.2 1.4 v sd , source-to-drain voltage (v) 0.1 1 10 100 1000 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 150c v gs = 0v 25 50 75 100 125 150 t c , case temperature (c) 0 25 50 75 100 125 150 i d , d r a i n c u r r e n t ( a ) limited by package 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 t 1 , rectangular pulse duration (sec) 0.0001 0.001 0.01 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) c / w 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 150c single pulse 10msec 1msec operation in this area limited by r ds (on) 100 sec dc
irfh5006pbf    
   
    
  ! "#  fig 13. maximum avalanche energy vs. drain current fig 12. on-resistance vs. gate voltage 4 6 8 10 12 14 16 18 20 v gs, gate -to -source voltage (v) 3 4 5 6 7 8 9 10 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ) i d = 50a t j = 25c t j = 125c 25 50 75 100 125 150 starting t j , junction temperature (c) 0 200 400 600 800 1000 1200 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 7.9a 14a bottom 50a fig 14. typical avalanche current vs. pulsewidth 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 tav (sec) 0.1 1 10 100 1000 a v a l a n c h e c u r r e n t ( a ) allowed avalanche current vs avalanche pulsewidth, tav, assuming ? j = 25c and tstart = 125c. allowed avalanche current vs avalanche pulsewidth, tav, assuming tj = 125c and tstart =25c (single pulse)
irfh5006pbf &   
   
    
  ! "#  fig 15. 
  

  for n-channel hexfet   power mosfets fig 18a. gate charge test circuit fig 18b. gate charge waveform vds vgs id vgs(th) qgs1 qgs2 qgd qgodr fig 16b. unclamped inductive waveforms fig 16a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 t p d.u.t l v ds + - v dd driver a 15v 20v fig 17a. switching time test circuit fig 17b. switching time waveforms v gs v ds 90% 10% t d(on) t d(off) t r t f   
 1      0.1          + -           ?       ?   ?         p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period 
 





  + - + + + - - -        ? !"   # $  ?  !   %  &'&& ?     #     (( ? &'&& ) !  '     1k vcc dut 0 l 
irfh5006pbf '   
   
    
  ! "#  ( )  
*+  ) +),,  
,+ 
*, pqfn 5x6 outline "b" package details 

 




!



!
 

!!

"#$% &' (!'))***  )($ )!!)$ %&! 

 

!+
!
(,
!
 

!!

"#$ -' (!'))***  )($ )!!)$  -! pqfn 5x6 outline "g" package details
irfh5006pbf -   
   
    
  ! "#  pqfn 5x6 tape and reel bo w p 1 ao ko code tape dimensions reel dimensions quadrant assignments for pin 1 orientation in tape dimens ion des ign to accommodate the component width dimens ion des ign to accommodate the component lenght dimens ion des ign to accommodate the component thicknes s pitch between s ucces s ive cavity centers over al l wi dth of the car r i er tape des cript ion type package 5 x 6 pqf n note: all dimens ion are nominal diameter r eel qt y width r eel (mm) ao (mm) bo (mm) ko (mm) p1 (mm) w quadr ant pin 1 (inch) w1 (mm) 13 4000 12.4 6.300 5.300 1.20 8.00 12 q1 note: for the most current drawing please refer to ir website at: http://www.irf.com/package/ xxxx xywwx xxxxx international rectifier logo part number marking code (per marking spec) assembly site code (per scop 200-002) date code pin 1 identifier lot code (eng mode - min last 4 digits of eati#) (prod mode - 4 digits of spn code) pqfn 5x6 part marking
irfh5006pbf "   
   
    
  ! "#   qualification standards can be found at international rectifier?s web site http://www .irf.com/product-info/reliability   higher qualification ratings may be available should the user have such requirements. please contact your international rectifier sales representative for further information: http://www .irf.com/whoto-call/salesrep/   applicable version of jedec standard at the time of product release. 

repetitive rating; pulse width limited by max. junction temperature. 
starting t j = 25c, l = 0.23mh, r g = 25 , i as = 50a. 
pulse width 400 s; duty cycle 2%.  r is measured at t j of approximately 90c.   when mounted on 1 inch square 2 oz copper pad on 1.5x1.5 in. board of fr-4 material. 
calculated continuous current based on maximum allowable junction temperature. package is limited to 100a by production test capability. ms l 1 (per je de c j-s t d-020d ??? ) rohs compliant yes pqfn 5mm x 6mm qualification information ? moisture sensitivity level qualification level industrial ?? (per je dec jes d47f ??? guidelines ) 
 
 (+./.#0* #1 " %#23 4 

 
 #+. +),, 
,  5
, revision history date comment ? updated package outline for ?option b? and added package outline for ?option g? on page 7. ? . ? . ? 1 . 01 101


▲Up To Search▲   

 
Price & Availability of IRFH5006PBF-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X