Part Number Hot Search : 
092316 GP1006 5MTCX 74ALVC16 74AVC TC07COA FR255P ON0776
Product Description
Full Text Search
 

To Download DL4749A-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dl4728 thru dl476 1 1 watt zener diode 3.3 to 75 volts features x high reliability x very sharp reverse characteristic x low reverse current level maximum ratings x operating temperature: -65 : to +175 : x storage temperature: -65 : to +175 : x 1 watt dc power dissipation x maximum thermal resistance: 100k/w junction to ambient test conditions: i = 9.5mm(3/8?),t l = constant x maximum forward voltage @ 200ma: 1.2 volts figure 2 - derating curve power dissipation (w) - versus - temperature : temperature : 25 100 150 200 w 0.5 1.0 typical temperature coefficient (mv/ : ) ? versus ? zener voltage (v z ) figure 1 - typical temperature coefficient 0 20 40 0 20 40 mv/ : v z  
 omp onents 20736 marilla street chatsworth    !"# $
%    !"# m c c glass melf suggested solder pad layout inches mm dim min max min max note a .190 .205 4.80 5.20 b --- .022 --- .55 nominal c .095 .105 2.40 2.67 ? a b c cathode mark .210? .035? .115? revision: b 2011/09/06 tm micro commercial components www. mccsemi .com 1 of 3 lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) notes: 1. lead in glass exemption applied, see eu directive annex notes 5. moisture sensitivity level 1
electrical characteristics @25 c mcc part number zener voltage v z test current i zt maximum dynamic impedance z zt @ i zt maximum reverse current i r @ v r test voltage v r maximum regulator current izm ta = 50 c maximum knee impedance z zk @ i zk test current i zk maximum surge current i s volts ma ohms m a volts ma ohms ma ma dl4728 3.3 76 10 100 1 276 400 1.0 1280 dl4729 3.6 69 10 100 1 252 400 1.0 1260 dl4730 3.9 64 9 50 1 234 400 1.0 1190 dl4731 4.3 58 9 10 1 217 400 1.0 1070 dl4732 4.7 53 8 10 1 193 500 1.0 970 dl4733 5.1 49 7 10 1 178 550 1.0 890 dl4734 5.6 45 5 10 2 162 600 1.0 810 dl4735 6.2 41 2 10 3 146 700 1.0 730 dl4736 6.8 37 3.5 10 4 133 700 1.0 660 dl4737 7.5 34 4.0 10 5 121 700 0.5 605 dl4738 8.2 31 4.5 10 6 110 700 0.5 550 dl4739 9.1 28 5.0 10 7 100 700 0.5 500 dl4740 10 25 7 10 7.6 91 700 0.25 454 dl4741 11 23 8 5 8.4 83 700 0.25 414 dl4742 12 21 9 5 9.1 76 700 0.25 380 dl4743 13 19 10 5 9.9 69 700 0.25 344 dl4744 15 17 14 5 11.4 61 700 0.25 304 dl4745 16 15.5 16 5 12.2 57 700 0.25 285 dl4746 18 14 20 5 13.7 50 750 0.25 250 dl4747 20 12.5 22 5 15.2 45 750 0.25 225 dl4748 22 11.5 23 5 16.7 41 750 0.25 205 dl4749 24 10.5 25 5 18.2 38 750 0.25 190 dl4750 27 9.5 35 5 20.6 34 750 0.25 170 dl4751 30 8.5 40 5 22.8 30 1000 0.25 150 dl4752 33 7.5 45 5 25.1 27 1000 0.25 135 dl4753 36 7.0 50 5 27.4 25 1000 0.25 125 dl4754 39 6.5 60 5 29.7 23 1000 0.25 115 dl4755 43 6.0 70 5 32.7 22 1500 0.25 110 dl4756 47 5.5 80 5 35.8 19 1500 0.25 95 dl4757 51 5.0 95 5 38.8 18 1500 0.25 90 dl4758 56 4.5 110 5 42.6 16 2000 0.25 80 dl4759 62 4.0 125 5 47.1 14 2000 0.25 70 dl4760 68 3.7 150 5 51.7 13 2000 0.25 65 dl4761 75 3.3 175 5 56.0 12 2000 0.25 60 note 1 the jedec type numbers shown have a 5% tolerance on nomi nal zener voltage. no suffix signifies 10% tolerance, a signifies 5% tolerance, c signifies 2% tolerance . note 2 the zener impedance is derived from the 60hz ac voltage , which results when an ac current having an rms value equal to 10% of the dc zener current (izt or izk) is superim posed on izt or izk. zener impedance is measured at two points to insure a sharp knee on the breakdown curve and eliminate unstable un its. note 3 the reverse surge current is measured at 25 o c ambient using a 1/2 square wave or equivalent sine wave puls e 1/120 second duration superimposed on izt note 4 voltage measurements to be performed 90 seconds afte r application of dc current. dl4728 thru dl4761 revision: b 2011/09 /06 tm micro commercial components www. mccsemi .com 2 of 3 m c c
m c c revision: b 2011/09 /06 tm micro commercial components www. mccsemi .com 3 of 3 3 device packing part number-tp tape&reel: 5kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: micro commercial components (mcc): ? dl4741a-tp? dl4754a-tp? dl4735a-tp? dl4757a-tp? dl4759a-tp? dl4748a-tp? dl4728a-tp? dl4738a-tp? dl4743a-tp? dl4755a-tp? dl4761a-tp? dl4729a-tp? dl4733a-tp? dl4730a-tp? dl4745a-tp? dl4732a-tp? dl4736a-tp? DL4749A-TP? dl4740a-tp? dl4753a-tp? dl4750a-tp? dl4742a-tp? dl4739a-tp? dl4752a-tp? dl4758a-tp? dl4731a-tp? dl4744a-tp? dl4746a-tp? dl4751a-tp? dl4756a-tp? dl4760a-tp? dl4734a-tp? dl4747a-tp? dl4737a-tp


▲Up To Search▲   

 
Price & Availability of DL4749A-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X