Part Number Hot Search : 
BAS40 NR8576 ECG26 30CPQ035 C330M 2C150 00ETT TSOP2
Product Description
Full Text Search
 

To Download BZX784C4V3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon 1 50 mwatt zener diodes features planar die construction ideally suited for automated assembly processes mechanical data maximum forward voltage@if=10ma v f 0.9 v power dissipation p (av ) 1 5 0 mwatt operation and storage temperature t j ,t stg -55 o c to +150 o c m cc  
 omp onents 20736 marilla street chatsworth       
     re vision: b 2 0 1 3 /0 1 /0 1 tm micro commercial components w w w. m c c se m i .c om 1 of 3 maximum ratings @ 25 o c unless otherwise specified thermal resistance rthj a 833 c/w o bzx784c2v4 thru bzx784c39 features planar die construction 1 50mw power dissipation zener voltages from 2.4v - 39 v ideally suited for automated assembly processes mechanical data lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) weight: 0.0005 grams (approx.) epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 a b e c f d dimensions inches mm dim min max min max note a .051 .059 1.30 1.50 b .035 .043 0.90 1.10 c .022 .026 0.55 0.65 d .021 .026 0.525 0.65 e .010 .014 0.25 0.35 f .003 .006 0.08 0.15 sod-723 h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
re vision: b 2 0 1 3 /0 1 /0 1 m cc ". >.".<  =0!"#>".4" ""$? #"@  1. valid provided that device terminals are kept at ambient temperature. 2.tested with pulses, period=5ms,pulse width =300  s. 3.f = 1kh z   zener voltage range (note 2) maximum zener impedance (note 3) maximum reverse current typical temperature coefficient @ i zt v z @i zt i zt z zt @i zt z zk @i zk i r v r mv/c type number type code nom(v) min(v) max(v) (ma) (  ) (ma) (ua) (v) min max bzx  84c2v4 z1 2.4 2.20 2.60 5 100 600 1.0 50 1.0 -3.5 0 bzx  84c2v7 z2 2.7 2.5 2.9 5 100 600 1.0 20 1.0 -3.5 0 bzx  84c3v0 z3 3.0 2.8 3.2 5 95 600 1.0 10 1.0 -3.5 0 bzx  84c3v3 z4 3.3 3.1 3.5 5 95 600 1.0 5 1.0 -3.5 0 bzx  84c3v6 z5 3.6 3.4 3.8 5 90 600 1.0 5 1.0 -3.5 0 bzx  84c3v9 z6 3.9 3.7 4.1 5 90 600 1.0 3 1.0 -3.5 0 bzx  84c4v3 z7 4.3 4.0 4.6 5 90 600 1.0 3 1.0 -3.5 0 bzx  84c4v7  1  4.7  4.4  5.0  5  80  500  1.0  3  2.0 -3.5  0.2  bzx  84c5v1  2  5.1    4.8  5.4  5  60  480  1.0  2  2.0 -2.7  1.2  bzx  84c5v6  3  5.6  5.2  6.0  5  40  400  1.0  1  2.0 -2.0  2.5 bzx  84c6v2  4  6.2  5.8  6.6  5  10  150  1.0   3  4.0 0.4  3.7 bzx  84c6v8  5  6.8  6.4  7.2  5  15  80  1.0  2  4.0   1.2  4.5 bzx  84c7v5  6  7.5  7.0  7.9  5  15  80  1.0  1  5.0  2.5  5.3 bzx  84c8v2  7  8.2  7.7  8.7  5  15  80  1.0 0.7 5.0 3.2  6.2 bzx  84c9v1  8  9.1  8.5  9.6  5  15  100  1.0 0.5 6.0 3.8  7.0 bzx  84c10  9  10  9.4  10.6  5   20  150  1.0  0.2 7.0 4.5  8.0 bzx  84c11  1  11  10.4  11.6  5  20  150 1.0 0.1 8.0 5.4  9.0 bzx  84c12  2  12  11.4  12.7  5  25  150 1.0 0.1 8.0 6.0  10.0 bzx  84c13  3  13  12.4  14.1  5  30  170 1.0 0.1 8.0 7.0  11.0 bzx  84c15  4  15  13.8  15.6  5  30  200 1.0 0.1 10.5 9.2  13.0 bzx  84c16  5  16  15.3  17.1  5  40  200 1.0 0.1 11.2 10.4  14.0 bzx  84c18  6  18  16.8  19.1  5  45  225 1.0 0.1 12.6 12.4  16.0 bzx  84c20  7  20  18.8  21.2  5  55  225  1.0 0.1 14.0 14.4  18.0 bzx  84c22  8  22  20.8  23.3  5  55  250 1.0 0.1 15.4 16.4  20.0 bzx  84c24  9  24  22.8  25.6  5  70  250  1.0 0.1 16.8 18.4  22.0 bzx  84c27 y1  27  25.1  28.9  2  80  300  0.5 0.1 18.9 21.4  25.3 bzx  84c30 y   30  28.0  32.0  2  80  300  0.5 0.1 21.0 24.4  29.4 bzx  84c33 y   33  31.0  35.0  2  80  325 0.5 0.1 23.1 27.4  33.4 bzx  84c36 y   36  34.0  38.0  2  90  350 0.5 0.1 25.2 30.4  37.4 bzx  84c39 y  39  37.0 41.0 2  130 350 0.5 0.1 27.3 33.4 41.2  w w w. m c c se m i .c om 2 of 3 downloaded from: http:///
m cc re vision: b 2 0 1 3 /0 1 /0 1 tm micro commercial components w w w. m c c se m i .c om 3 of 3 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 8 k p c s / r e e l o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BZX784C4V3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X