Part Number Hot Search : 
3P352LH AN1496 880102 PDLI27BD 80SQ035 BT149B HT46R4A M3764
Product Description
Full Text Search
 

To Download BR501L-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon bridge rectifiers page 1 rev :b br5005l-g thru. br5010l-g pa ra m et er sy m bo l un it d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) qw -bbr63 maximum peak recurrent v oltage reverse maximum rms bridge input v oltage maximum a verage forward for resistive load @t c =55c current peak forward surage current , half sine-w ave super imposed on rated load 8.3ms single operating t emperature range storage t emperature range reverse v oltage: 50 to 1000v forward current: 50a rohs device maximum ratings and electrical characteristics rating at 25c ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% br5005l -g 50 35 v rrm v rms i (a v) i fsm v f i r t j t stg 50 500 1.1 10 1000 -55 to +150 -55 to +150 v v a a v a c c 100 70 200 140 400 280 600 420 800 560 1000 700 comchip t echnology co., l td. features -plastic case with heatsink for heat dissipation. mechanical data maximum reverse current at rate dc blocking v oltage maximum forward v oltage per bridge element at 25a peak br5 -g 01l br502l -g br504l -g br506l -g br508l -g br5010l -g br -l 0.052(1.30)dia. 0.048(1.20)typ . 0.442(1 1.23) 0.424(10.77) 0.140(3.60) 0.120(3.05) metal heat sink 0.220(5.60) 0.180(4.60) 0.550(13.90) min. 0.748(19.00) min. 1.134(28.80) 1.1 14(28.30) maximum dc blocking v oltage 50 v dc v 100 200 400 600 800 1000 t ypical thermal resistance (fig.3) c/w 2.0 r jc @ t j =25 c @ t j =100 c -epoxy: u/l 94-v0 rate flame retardant. -mounting position: any -w eight: 30 grams -case: molded plastic with heatsink integrally , mounted in the bridge encapsulation. -t erminals: wire lead ? 50mils. -surge overload -500 amperes peak.
silicon bridge rectifiers page 2 rev :b rating and characteristics curves (br5005l-g thru. br5010l-g) qw -bbr63 fig.1 - derating curve output rectified current 0 40 100 140 0 20 40 50 case t emperature, (c) a v e r a g e f o r w a r d c u r r e n t , ( a ) 10 30 fig.3 - t ypical forward characteristics 0.6 1.4 0.8 1.0 1.6 0.01 instantaneous forward v oltage, (v) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) 0.1 1.0 10 1.2 0.4 comchip t echnology co., l td. fig.4 - t ypical reverse characteristics 20 40 60 80 0.01 1.0 10 percent of rated peak reverse v oltage, (%) i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( a ) 100 120 140 0 0.1 fig.2 - maximum forward surge current 1 10 100 number of cycle at 60hz p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 0 100 200 500 400 300 100 20 60 120 160 80 with heatsink pulse width 8.3ms single half sine-w ave (jedec method) t j = 25c
silicon bridge rectifiers page 3 rev : b qw -bbr63 comchip t echnology co., l td. standard packaging marking code xxx / xxxx = product type marking code b r x x x l + - c c a s e t y p e b r - l 1 2 0 b o x ( p c s ) b u l k p a c k c a r t o n ( p c s ) 1 , 2 0 0 br5005l-g br5 l 01 -g br5 l 02 -g br5 l 04 -g br5 l 06 -g br5 l 08 -g br5 l 010 -g part number marking code br5005l br501l br502l br504l br506l br508l br5010l


▲Up To Search▲   

 
Price & Availability of BR501L-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X