Part Number Hot Search : 
SI2308 STEVA LTC2642 ALN1102 S4100 5STRR S4100 ALVCH
Product Description
Full Text Search
 

To Download BHDBT-K-PI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hdbaset class b (hdbaset-lite) hdmi over cat5e/6/6a extender kit w/power & ir control, 4k x 2k uhd/1080p, up to 230 ft. model number: BHDBT-K-PI description the BHDBT-K-PI hdbaset class b(hdbaset-lite) hdmi over cat5e/6/6a extender kit extends uncompressed hdmi audio and video and ir remote control signals up to 230 feet over a single cat5e/6/6a cable, including video resolutions up to 1920 x 1080(1080p). it also extends an ultra high definition(uhd) 3840 x 2160(4k x 2k) signal up to 130 feet. in addition to hdmi and ir signals, this extender kit features built-in poe technology, which powers the receiver over cat5e/6/6a cable, eliminating the need for an external power source. the two-way ir remote control feature(@ 39 khz) lets you control your blu-ray player or other hdmi source using its remote when at the remote monitor or control your remote monitor using its remote when at the blu-ray player. locking hdmi ports(ideal for use with tripp lites p569-006-lock high-speed hdmi cables with locking connectors) on both the transmitter and receiver prevent cables from coming loose or undone, ensuring an intact signal. the plug-and-play BHDBT-K-PI supports 7.1-channel surround sound, dts-hd and dolby truehd audio, as well as 3d video, edid and hdcp. attach the transmitter and receiver units to a wall, rack or pole with the included mounting hardware. features extends hdmi video/audio and ir control signals with power over a single cat5e/6/6a cable ideal for digital signage, classrooms, retail locations, conference rooms and trade show booths extends an ultra high definition(uhd) 3840 x 2160(4k x 2k) signal up to 130 ft. extends a high-definition 1920 x 1080(1080p) signal up to 230 ft. supports 7.1-channel surround sound, dts-hd and dolby truehd audio supports 3d video, edid and hdcp reduces cable clutter and installation costs built-in poe technology powers receiver over cat5e/6/6a cable, eliminating need for external power source highlights ideal for digital signs, classrooms and trade show booths extends a 3840 x 2160 (4k x 2k) signal up to 130 ft. extends a 1920 x 1080 (1080p) signal up to 230 ft. supports 7.1-channel surround sound, dts-hd and dolby truehd built-in poe technology powers receiver over cat5e/6/6a cable package includes transmitter unit receiver unit ir-in cable, 5 ft. ir-out cable, 6 ft. external power supply with c14 inlet (input: 100C240v, 50/60 hz, 1.5a; output: 48v, 1a), 4.5 ft. c13 to nema 5-15p power cord, 6 ft. mounting hardware owners manual 1 / 2
controls ir devices 2-way 39 khz ir remote control functionality lets you control your blu-ray player with its remote while standing at the remote monitor(and vice versa) locking hdmi ports on transmitter and receiver prevent cables from coming loose or disconnected, ensuring an intact signal ideal for use with tripp lites p569-006-lock high-speed hdmi cables with locking connectors easy to set up and use plug and play with no software or drivers to download and install includes mounting hardware for attaching each unit to a wall, rack or pole taa-compliant compliant with the federal trade agreements act(taa) for gsa schedule purchases specifications overview ac adapter input: 100-240v, 50/60hz, 1.5a; output: 48v, 1a, 4.5ft. accessories type extender kit communications max 1080p range (ft) 230 max 4k uhd range (ft) 130 connections connector a (2) hdmi (female) connector b (2) rj45 (female) connector c (4) 3.5mm (female) ports 1 warranty product warranty period (worldwide) 1-year limited warranty ? 2016 tripp lite. all rights reserved. all product and company names are trademarks or registered trademarks of their respective holders. use of them does not imply any affiliation with or endorsement by them. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. tripp lite uses primary and third-party agencies to test its products for compliance with standards. see a list of tripp lite's testing agencies: http://www.tripplite.com/products/product-certification-agencies 2 / 2


▲Up To Search▲   

 
Price & Availability of BHDBT-K-PI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X