Part Number Hot Search : 
SN49A 25020 ST626 VS2AUF N4990 D100B NTE825 SF914
Product Description
Full Text Search
 

To Download BHDBT-K-E3SI-LR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hdbaset hdmi over cat5e/6/6a extender kit with ethernet, serial and ir control, 4k x 2k/1080p, up to 328 ft. (100 m) model number: BHDBT-K-E3SI-LR description the BHDBT-K-E3SI-LR hdbaset hdmi over cat5e/6/6a extender kit extends uncompressed hdmi audio and video, rs-232 serial and ir remote control signals up to 328 feet over a single cat5e/6/6a cable, including an ultra high definition(uhd) 3840 x 2160(4k x 2k) signal. in addition to hdmi, rs-232 and ir signals, this extender kit features three built-in 10/100 ethernet ports on both the transmitter and receiver units. this allows connected devices, such as a blu-ray? player, cable/satellite box, and hdmi television, to communicate with each other and access online content via lan. you can also control rs-232 serial devices, such as touchscreen displays or scanners, at baud rates up to 115 kbps. the two-way ir remote control feature(@ 39 khz) lets you control your blu-ray player using its remote when at the remote monitor or control your remote monitor using its remote when at the blu-ray player. locking hdmi ports(ideal for use with tripp lites p569-006-lock high-speed hdmi cables with locking connectors) on both the transmitter and receiver prevent cables from coming loose or undone, ensuring an intact signal. the plug-and-play BHDBT-K-E3SI-LR supports 7.1-channel surround sound, dts-hd and dolby truehd audio, as well as 3d video, edid and hdcp. features extends hdmi video/audio, ethernet, rs-232 serial and ir control signals over a single cat5e/6/6a cable ideal for digital signage, classrooms, retail locations, conference rooms and trade show booths extends an ultra high definition (uhd) 3840 x 2160 (4k x 2k) signal up to 328 ft. supports 7.1-channel surround sound, dts-hd and dolby truehd audio supports 3d video, edid and hdcp reduces cable clutter and installation costs built-in 10/100 ethernet ports on transmitter and receiver allows connected devices to communicate with each other and access online content via lan highlights ideal for digital signs, classrooms and trade show booths built-in 10/100 ethernet ports on transmitter and receiver extends a 3840 x 2160 (4k x 2k) signal up to 328 ft. supports 7.1-channel surround sound, dts-hd and dolby truehd controls rs-232 serial devices at baud rates up to 115 kbps package includes transmitter unit receiver unit ir-in cable - 5 ft. ir-out cable - 6 ft. (2) external power supplies with nema 1-15p plug - 4.5 ft. (input: 100C240v, 50/60 hz, 1a; output: 5v, 3a) mounting hardware owners manual 1 / 2
controls other display devices 2-way 39 khz ir remote control functionality lets you control your blu-ray player with its remote while standing at the remote monitor (and vice versa) rs-232 serial port supports 115 kbps full-duplex baud rates for scanners and touchscreen monitors easy to set up and use plug and play with no software or drivers to download and install included mounting hardware for installing each unit on a wall, rack or pole locking hdmi ports on transmitter and receiver prevent cables from coming loose or disconnected, ensuring an intact signal taa-compliant compliant with the federal trade agreements act (taa) for gsa schedule purchases specifications overview ac adapter input: 4.5ft. 100-240v, 50/60hz, 1a; output: 5v, 3a accessories type extender communications max 1080p range (ft) 328 max 4k uhd range (ft) 328 connections connector a (2) hdmi (female) connector b (8) rj45 (female) connector d (1) db9 (female) ports 1 other ports db9 (male) warranty product warranty period (worldwide) 1-year limited warranty ? 2016 tripp lite. all rights reserved. all product and company names are trademarks or registered trademarks of their respective holders. use of them does not imply any affiliation with or endorsement by them. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. tripp lite uses primary and third-party agencies to test its products for compliance with standards. see a list of tripp lite's testing agencies: http://www.tripplite.com/products/product-certification-agencies 2 / 2


▲Up To Search▲   

 
Price & Availability of BHDBT-K-E3SI-LR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X