Part Number Hot Search : 
B0612BT1 RC2512 CXA20 LC7218M 057R2 LM358A 3F334EL D82530
Product Description
Full Text Search
 

To Download B78108S1185J009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a~~=p a~~=p inductors rf chokes, bc series series/type: b78108s, b78148s date: june 2012 ? epcos ag 2015. reproduction, publicati on and dissemination of this publicatio n, enclosures hereto and the information contained therein without epcos' pr ior express consent is prohibited. epcos ag is a tdk group company.
2 06/12 please read cautions and warnings and important notes at the end of this document. bc chokes (bobbin core) rated inductance 1 ... 4700 h rated current 55 ... 1200 ma construction ferrite drum core winding: enamel copper wire flame-retardant lacquer coating features wide inductance range suitable for general-purpose application special versions available suitable for wave soldering rohs-compatible applications rf blocking and filtering decoupling and interference suppression for antenna systems, automotive electronics, energy-saving lamps, entertainment electronics terminals central axial leads (b78108s) radially bent to 5 mm lead spacing (b78148s) base material cu electroplated with nickel and pure tin marking inductance indicated by color bands to iec 60062 delivery mode and packing units taped, ammo and reel packing packing units: ammo (pcs./pack.) reel (pcs./reel) axial 2500 5000 radial 2500 2000 b78108s b78148s b78108s, b78148s rf chokes bc series, 4 x 9.2 (mm)
3 06/12 please read cautions and warnings and important notes at the end of this document. dimensional drawings b78108s (axial leads, taped) dimensions in mm b78148s (central radial leads, taped) packing 9.2 max. 50.25 11.5 max. ind0429-b-e ?4 max. ?0.8 max. 60.5 651 lacquered (iec 60294) 3.5 min. 532 50.25 minimum lead spacing 12.5 mm ind0629-b 0.70.2 ind0633-n-e 2 max. 2 max. 160.5 30.5 max. 6 min. 0.5 max. 3.80.7 12.70.3 1.3 max. 1.3 max. ?40.2 +1 0.5 18 _ +0.75 0.5 9 _ 0.1 5 +0.6 _ ?4 max. 9.2 max. (iec 60294) 11.5 max. lacquered 0.8 max. insulated thickness of tape 1 ?360 _ n w ?30.50.15 ?82+1 ?90 30 30 30 label ind0452-v-e ind0631-b-e h w l n (mm): axial 72 +1, radial 42 +1 w (mm): axial 84 max., radial 54 max. l u w u h (max. mm): axial: 275 u 80 u 140, radial: 340 u 50 u 210 b78108s, b78148s rf chokes bc series, 4 x 9.2 (mm)
4 06/12 please read cautions and warnings and important notes at the end of this document. technical data and measuring conditions mounting information when bending the leads, take care that the start-of-winding areas at the face ends (protected by glue and lacquer) are not subjected to any mechanical stress. rated inductance l r measured with lcr meter agilent 4284a or impedance analyzer agilent 4294a measuring frequency: l r d 10 p h= 1 mhz 10 p h < l r d 4700 p h = 100 khz measuring current: d 1 ma measuring temperature: +20 c q factor q min measured with precision impedance analyzer agilent 4294a, +20 c rated temperature t r +40 q c rated current i r maximum permissible dc current at rated temperature inductance decrease ' l/l 0 d 10% (referred to initial value) at i r , +20 q c dc resistance r max measured at 20 q c resonance frequency f res,min measured with agilent 4294a or 8753es, +20 c solderability (lead-free) sn95.5ag3.8cu0.7: +(245 r 5) c, (3 r 0.3) s wetting of soldering area t 90% (to iec 60068-2-20, test ta) resistance to soldering heat +(260 r 5) c, 10 s (to iec 60068-2-20, test tb) tensile strength of leads t 20 n (to iec 60068-2-21, test ua) climatic category 55/125/56 (to iec 60068-1) storage conditions mounted: C55 c +125 c packaged: C25 c +40 c, d 75% rh weight approx. 0.38 g b78108s, b78148s rf chokes bc series, 4 x 9.2 (mm)
5 06/12 please read cautions and warnings and important notes at the end of this document. characteristics and ordering codes bc chokes with temperature range up to +140 c on request. bc chokes up to 33 p h with higher resonance frequency on request. 1) closer tolerances on request. 2) replace the * by code number ?0? for axial taping or by ?4? for radial taping. 3) for ammo pack the last digit has to be a ?9?. example: b78108s1102k009 l r p h tolerance 1) q min f q mhz i r ma r max : f res, min mhz ordering code 2) (reel packing) 3) 1.0 r 10% k 55 7.96 1200 0.16 205 b781 * 8s1102k000 1.2 55 7.96 1150 0.18 185 b781 * 8s1122k000 1.5 55 7.96 1100 0.20 165 b781 * 8s1152k000 1.8 55 7.96 1030 0.22 155 b781 * 8s1182k000 2.2 55 7.96 1000 0.25 140 b781 * 8s1222k000 2.7 60 7.96 940 0.26 125 b781 * 8s1272k000 3.3 60 7.96 900 0.29 115 b781 * 8s1332k000 3.9 60 7.96 850 0.31 105 b781 * 8s1392k000 4.7 60 7.96 820 0.34 95 b781 * 8s1472k000 5.6 60 7.96 780 0.38 85 b781 * 8s1562k000 6.8 65 7.96 670 0.51 75 b781 * 8s1682k000 8.2 65 7.96 690 0.48 50 b781 * 8s1822k000 10 70 2.52 680 0.49 35 b781 * 8s1103k000 12 70 2.52 650 0.55 30 b781 * 8s1123k000 15 60 2.52 610 0.60 20 b781 * 8s1153k000 18 60 2.52 580 0.67 17 b781 * 8s1183k000 22 55 2.52 560 0.74 13 b781 * 8s1223k000 27 55 2.52 530 0.83 10 b781 * 8s1273k000 33 55 2.52 500 0.92 9.0 b781 * 8s1333k000 39 50 2.52 470 1.02 8.0 b781 * 8s1393k000 ^ b78108s, b78148s rf chokes bc series, 4 x 9.2 (mm)
6 06/12 please read cautions and warnings and important notes at the end of this document. characteristics and ordering codes bc chokes with temperature range up to +140 c on request. 1) closer tolerances on request. 2) replace the * by code number ?0? for axial taping or by ?4? for radial taping. 3) for ammo pack the last digit has to be a ?9?. example: b78108s1473j009 l r p h tolerance 1) q min f q mhz i r ma r max : f res, min mhz ordering code 2) (reel packing) 3) 47 r 5% j 45 2.52 450 1.10 7.5 b781 * 8s1473j000 56 40 2.52 430 1.23 7.0 b781 * 8s1563j000 68 40 2.52 410 1.35 6.5 b781 * 8s1683j000 82 35 2.52 390 1.54 6.0 b781 * 8s1823j000 100 70 0.796 370 1.70 5.0 b781 * 8s1104j000 120 70 0.796 300 2.40 4.5 b781 * 8s1124j000 150 70 0.796 280 2.80 4.2 b781 * 8s1154j000 180 70 0.796 270 3.00 3.9 b781 * 8s1184j000 220 70 0.796 250 3.30 3.7 b781 * 8s1224j000 270 70 0.796 200 5.70 2.8 b781 * 8s1274j000 330 70 0.796 190 6.40 2.7 b781 * 8s1334j000 390 70 0.796 180 7.00 2.4 b781 * 8s1394j000 470 70 0.796 170 7.90 2.2 b781 * 8s1474j000 560 60 0.796 160 8.80 2.0 b781 * 8s1564j000 680 55 0.796 150 10.0 1.9 b781 * 8s1684j000 820 50 0.796 140 12.0 1.6 b781 * 8s1824j000 1000 50 0.252 130 14.0 1.6 b781 * 8s1105j000 1200 50 0.252 115 17.5 1.3 b781 * 8s1125j000 1500 50 0.252 100 23.0 1.25 b781 * 8s1155j000 1800 50 0.252 95 26.0 1.2 b781 * 8s1185j000 2200 40 0.252 80 34.7 1.1 b781 * 8s1225j000 2700 40 0.252 75 40.0 1.0 b781 * 8s1275j000 3300 40 0.252 62 59.5 0.9 b781 * 8s1335j000 3900 40 0.252 59 66.0 0.8 b781 * 8s1395j000 4700 35 0.252 55 78.0 0.7 b781 * 8s1475j000 ^ b78108s, b78148s rf chokes bc series, 4 x 9.2 (mm)
7 06/12 impedance |z| versus frequency f measured with impedance analyzer agilent 4294a or s-parameter network analyzer agilent 8753es, typical values at +20 c q factor versus frequency f measured with impedance analyzer agilent 4294a, typical values at +20 c inductance l versus dc load current i dc measured with lcr meter agilent 4284a, typical values at +20 c current derating i op /i r versus ambient temperature t a (rated temperature t r = +40 q c) ind0122-k z 10 0 10 5 f 10 1 10 2 10 3 10 4 10 5 10 6 1 h 10 h 100 h hz 6 10 10 7 10 8 10 9 1000 h 4700 h | | b781*8s 4 10 f q 0 ind0124-c 4700 h 1000 h 100 h 10 h 1 h hz 10 5 10 6 10 7 10 8 50 100 150 b781*8s ind0123-x l 10 10 i 10 10 0 10 1 dc 10 0 10 1 10 2 10 3 10 4 1000 h 100 h 10 h 1 h 4700 h a h _ 21 _ 1 _ b781*8s ind0552-s-e 0 0 op i r i t a 20 40 60 80 100 140 0.2 0.4 0.6 0.8 1.0 1.2 c ? b78108s, b78148s rf chokes bc series, 4 x 9.2 (mm)
8 06/12 cautions and warnings please note the recommendations in our inductors data book (latest edition) and in the data sheets. C particular attention should be paid to the derating curves given there. C the soldering conditions should also be observed. temperatures quoted in relation to wave soldering refer to the pin, not the housing. if the components are to be washed varnished it is necessary to check whether the washing varnish agent that is used has a negative effect on the wire insulation, any plastics that are used, or on glued joints. in particular, it is possible for washing varnish agent residues to have a negative effect in the long-term on wire insulation. washing processes may damage the product due to the possible static or cyclic mechanical loads (e.g. ultrasonic cleaning). they may cause cracks to develop on the product and its parts, which might lead to reduced reliability or lifetime. the following points must be observed if the components are potted in customer applications: C many potting materials shrink as they harden. they therefore exert a pressure on the plastic housing or core. this pressure can have a deleterious effect on electrical properties, and in extreme cases can damage the core or plastic housing mechanically. C it is necessary to check whether the potting material used attacks or destroys the wire insulation, plastics or glue. C the effect of the potting material can change the high-frequency behaviour of the components. ferrites are sensitive to direct impact. this can cause the core material to flake, or lead to breakage of the core. even for customer-specific products, conclusive validation of the component in the circuit can only be carried out by the customer. please read cautions and warnings and important notes at the end of this document.
9 06/12 important notes the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it mu st therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed . 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the ?general terms of delivery for products and services in the electrical industry? published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, ceralink, csmp, cssp, ctvs, deltacap, digisimic, dssp, filtercap, formfit, miniblue, minicell, mkd, mkk, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.


▲Up To Search▲   

 
Price & Availability of B78108S1185J009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X