|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1/9 july 2001 n high speed: t pd = 5.0 ns (typ.) at v cc = 3.3v n 5v tolerant inputs n power-down protection on inputs n input voltage level: v il = 0.8v, v ih =2vatv cc =3v n low power dissipation: i cc =4 m a (max.) at t a =25 c n low noise: v olp = 0.3v (typ.) at v cc =3.3v n symmetrical output impedance: |i oh |=i ol = 4 ma (min) at v cc =3v n balanced propagation delays: t plh @ t phl n operating voltage range: v cc (opr) = 2v to 3.6v (1.2v data retention) n pin and function compatible with 74 series 541 n improved latch-up immunity description the 74lvx541 is a low voltage cmos octal bus buffer with 3 state output non inverting fabricated with sub-micron silicon gate and double-layer metal wiring c 2 mos technology. it is ideal for low power, battery operated and low noise 3.3v applications. the 3 state control gate operates as two input and such that if either g1 or g2 are high, all eight outputs are in the high impedance state. in order to enhance pc board layout, the 74vhc541 offers a pinout having inputs and outputs on opposite sides of the package. power down protection is provided on all inputs and 0 to 7v can be accepted on inputs with no regard to the supply voltage. this device can be used to interface 5v to 3v. it combines high speed performance with the true cmos low power consumption. all inputs and outputs are equipped with protection circuits against static discharge, giving them 2kv esd immunity and transient excess voltage. 74lvx541 low voltage cmos octal bus buffer (3-state non inv.) with 5v tolerant inputs pin connection and iec logic symbols order codes package tube t & r sop 74lvx541m 74LVX541MTR tssop 74lvx541ttr tssop sop
74lvx541 2/9 input equivalent circuit pin description truth table x : don't care z : high impedance absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditions is not implied recommended operating conditions 1) truth table guaranteed: 1.2v to 3.6v 2) v in from 0.8v to 2.0v pin no symbol name and function 1, 19 g1, g2 output enable inputs 2, 3, 4, 5, 6, 7, 8, 9 a1 to a8 data inputs 18, 17, 16, 15, 14, 13, 12, 11 y1 to y8 data outputs 10 gnd ground (0v) 20 v cc positive supply voltage input output g1 g2 an yn hxxz xhxz llhh llll symbol parameter value unit v cc supply voltage -0.5 to +7.0 v v i dc input voltage -0.5 to +7.0 v v o dc output voltage -0.5 to v cc + 0.5 v i ik dc input diode current -20 ma i ok dc output diode current 20 ma i o dc output current 25 ma i cc or i gnd dc v cc or ground current 50 ma t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 c symbol parameter value unit v cc supply voltage (note 1) 2 to 3.6 v v i input voltage 0 to 5.5 v v o output voltage 0 to v cc v t op operating temperature -55 to 125 c dt/dv input rise and fall time (note 2) (v cc = 3v) 0 to 100 ns/v 74lvx541 3/9 dc specifications dynamic switching characteristics 1) worst case package. 2) max number of outputs defined as (n). data inputs are driven 0v to 3.3v, (n-1) outputs switching and one output at gnd. 3) max number of data inputs (n) switching. (n-1) switching 0v to 3.3v. inputs under test switching: 3.3v to threshold (v ild ), 0v to threshold (v ihd ), f=1mhz. symbol parameter test condition value unit v cc (v) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. v ih high level input voltage 2.0 1.5 1.5 1.5 v 3.0 2.0 2.0 2.0 3.6 2.4 2.4 2.4 v il low level input voltage 2.0 0.5 0.5 0.5 v 3.0 0.8 0.8 0.8 3.6 0.8 0.8 0.8 v oh high level output voltage 2.0 i o =-50 m a 1.9 2.0 1.9 1.9 v 3.0 i o =-50 m a 2.9 3.0 2.9 2.9 3.0 i o =-4 ma 2.58 2.48 2.4 v ol low level output voltage 2.0 i o =50 m a 0.0 0.1 0.1 0.1 v 3.0 i o =50 m a 0.0 0.1 0.1 0.1 3.0 i o =4 ma 0.36 0.44 0.55 i oz high impedance output leakage current 3.6 v i =v ih or v il v o =v cc or gnd 0.25 2.5 2.5 m a i i input leakage current 3.6 v i =5vorgnd 0.1 1 1 m a i cc quiescent supply current 3.6 v i =v cc or gnd 44040 m a symbol parameter test condition value unit v cc (v) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. v olp dynamic low voltage quiet output (note 1, 2) 3.3 c l =50pf 0.3 0.8 v v olv -0.8 -0.3 v ihd dynamic high voltage input (note 1, 3) 3.3 2.0 v ild dynamic low voltage input (note 1, 3) 3.3 0.8 74lvx541 4/9 ac electrical characteristics (input t r =t f = 3ns) 1) skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch- ing in the same direction, either high or low 2) parameter guaranteed by design (*) voltage range is 3.3v 0.3v capacitive characteristics 1) c pd is defined as the value of the ic's internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) =c pd xv cc xf in +i cc /8 (per circuit) symbol parameter test condition value unit v cc (v) c l (pf) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. t plh t phl propagation delay time 2.7 15 6.3 8.3 1.0 10.0 1.0 10.0 ns 2.7 50 9.0 12.0 1.0 15.0 1.0 15.0 3.3 (*) 15 5.0 7.0 1.0 8.5 1.0 8.5 3.3 (*) 50 7.5 10.5 1.0 12.0 1.0 12.0 t pzl t pzh output enable time 2.7 15 8.0 12.0 1.0 14.0 1.0 14.0 ns 2.7 50 11.0 15.0 1.0 16.0 1.0 16.0 3.3 (*) 15 6.8 10.8 1.0 12.5 1.0 12.5 3.3 (*) 50 9.3 14.0 1.0 16.0 1.0 16.0 t plz t phz output disable time 2.7 50 12.5 16.5 1.0 19.0 1.0 19.0 ns 3.3 (*) 50 11.2 15.4 1.0 17.5 1.0 17.5 t oslh t oshl output to output skew time (note 1,2) 2.7 50 0.5 1.0 1.5 1.5 ns 3.3 (*) 50 0.5 1.0 1.5 1.5 symbol parameter test condition value unit v cc (v) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. c in input capacitance 3.3 7101010pf c out output capacitance 3.3 9 pf c pd power dissipation capacitance (note 1) 3.3 f in = 10mhz 20 pf 74lvx541 5/9 test circuit c l =15/50pf or equivalent (includes jig and probe capacitance) r l =r1=1k w or equivalent r t =z out of pulse generator (typically 50 w ) test switch t plh ,t phl open t pzl ,t plz v cc t pzh ,t phz gnd 74lvx541 6/9 waveform 1 : propagation delays (f=1mhz; 50% duty cycle) waveform 2 : output enable and disable times (f=1mhz; 50% duty cycle) 74lvx541 7/9 dim. mm. inch min. typ max. min. typ. max. a 2.65 0.104 a1 0.1 0.2 0.004 0.008 a2 2.45 0.096 b 0.35 0.49 0.014 0.019 b1 0.23 0.32 0.009 0.012 c 0.5 0.020 c1 45 (typ.) d 12.60 13.00 0.496 0.512 e 10.00 10.65 0.393 0.419 e 1.27 0.050 e3 11.43 0.450 f 7.40 7.60 0.291 0.300 l 0.50 1.27 0.020 0.050 m 0.75 0.029 s8 (max.) so-20 mechanical data po13l 74lvx541 8/9 dim. mm. inch min. typ max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.004 0.006 a2 0.8 1 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.0089 d 6.4 6.5 6.6 0.252 0.256 0.260 e 6.2 6.4 6.6 0.244 0.252 0.260 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 bsc 0.0256 bsc k0 8 0 8 l 0.45 0.60 0.75 0.018 0.024 0.030 tssop20 mechanical data c e b a2 a e1 d 1 pin 1 identification a1 l k e 0087225c 74lvx541 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringe ment of patents or other righ ts of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this pub lication are subject to change without notice. thi s pub lication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authori zed for use as critical components in life suppo rt devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2001 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco singapore - spain - sweden - swit zerland - united kingdom ? http://w ww.st.com 9/9 |
Price & Availability of 74LVX541MTR |