Part Number Hot Search : 
CXD8871Q 16F40 MIMH51 2SC3103 11151 BAV170W MC10E016 SI570
Product Description
Full Text Search
 

To Download 50-00041 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  materials: 1 pom, black 2 brass, nickel-plated, 2m min. 3 brass, nickel-plated, 2m min. 4 phosphor-bronze, nickel-plated, 2m min. 5 phosphor-bronze, gold-plated, 1m min. 6 phosphor-bronze, nickel-plated, 2m min. 7 phosphor-bronze, nickel-plated, 2m min. notes: rohs compliant mechanical drawing: 1 of 3 initial date tolerance x: 0.5 mm .x: 0.3 mm .xx: 0.05 mm applicable unless otherwise indicated in specifcation or on drawings units: mm part number: description: date: rev: page: may 7, 2012 a1 50-00041 connector, 4c audio jack, 3.5x7.8xl25.8 mm, brass, nickel plated, molding style, molding style
2 of 3 materials: insulator pom, black metal head brass c3604 terminals p-bronze c5191 outer sleeve brass c2700 electrical: dielectric strength 500 vac, 1 minute insulation resistance 500 vdc / 100 mohms contact resistance 50 mohms or less between plug and jack mechanical: insertion force 0.4 ~ 4 kgf when mating with a standard plug extraction force 0.4 ~ 4 kgf when mating with a standard plug durability meets specifcations below after 5000 cycles; insertion force: 0.3~4 kgf; withdrawal force: 0.3~4 kgf; contact resistance: 60 mohms or less between plug and jack environmental test: damp test test conditions 40c, relative humidity 90-100%, 96 hours then cool to ambient, 2 hours at ambient conditions requirements dielectric strength: 500 vac at 1 minute; insulation resistance: 500 vdc/50 mohms min.; contact resistance: 100 mohms max. dry test test conditions 70c, relative humidity 70-85%, 96 hours then cool to ambient, 2 hours at ambient conditions requirements no deformation; contact resistance: 100 mohms max. salt spray test test conditions 5% nacl salt mist. 35 2c, relative humidity 90-95%, 24 hours; parts washed after testing requirements electrical and mechanical specifications; contact resistance: 100 mohms max. environmental test: damp test temperature -25c to +70c humidity 85% or less part number: description: date: rev: page: may 7, 2012 a1 50-00041 connector, 4c audio jack, 3.5x7.8xl25.8 mm, brass, nickel plated, molding style, molding style
3 of 3 spec sign-off verifes that you have reviewed the entire specifcation, tested a sample of the product, and confrm that it meets your requirements. this specifcation refects the part as it will be ordered. orders will not be processed until the specifcation pages have been initialed and the approval page has been signed. this specifcation is confdential and is not to be transmitted without prior approval from tensility. signature title name date company branch specifcation approval revision notes: rev date description a september 4, 2009 initial release a1 may 7, 2012 updated drawing part number: description: date: rev: page: may 7, 2012 a1 50-00041 connector, 4c audio jack, 3.5x7.8xl25.8 mm, brass, nickel plated, molding style, molding style


▲Up To Search▲   

 
Price & Availability of 50-00041

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X