Part Number Hot Search : 
04N60 MBR2545 E222M MP7782 LL4115 XFTPR AP2001N CT374P
Product Description
Full Text Search
 

To Download 2SC6142 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SC6142 2013-11-01 1 toshiba transistor silic on npn triple diffused type 2SC6142 high voltage switch ing applications switching regulator applications dc-dc converter applications ? excellent switching times: t f = 0.15 s (typ.) ? high collector breakdown voltage: v ces = 800 v, v ceo = 375 v absolute maximum ratings (ta = 25c) characteristics symbol rating unit collector-base voltage v cbo 800 v v ces 800 v collector-emitter voltage v ceo 375 v emitter-base voltage v ebo 8 v dc i c 1.5 collector current pulse i cp 3 a base current i b 0.75 a collector power dissipation p c 1.1 w junction temperature t j 150 c storage temperature range t stg ? 55 to 150 c note 1: ensure that the channel temperature does not exceed 150c during use of the device. note 2: using continuously under heavy loads (e.g. the application of high temper ature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operat ing temperature/current/voltage, etc. ) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). unit: mm 1. base 2. collector 3. emitter jedec ? jeita ? toshiba 2-7j2a weight: 0.32 g (typ.) max 1 max max max start of commercial production 2008-03
2SC6142 2013-11-01 2 electrical characteristics (ta = 25c) characteristic symbol test condition min typ. max unit collector cutoff current i cbo v cb = 800 v, i e = 0 ? ? 50 a emitter cutoff current i ebo v eb = 8 v, i c = 0 ? ? 100 na collector-base breakdown voltage v (br) cbo i c = 1 ma, i e = 0 800 ? ? v collector-emitter breakdown voltage v (br) ceo i c = 10 ma, i b = 0 375 ? ? v h fe (1) v ce = 5 v, i c = 1 ma 80 ? ? h fe (2) v ce = 5 v, i c = 0.1 a 100 ? 200 dc current gain h fe (3) v ce = 5 v, i c = 0.2 a 80 ? ? ? collector emitter saturation voltage v ce (sat) i c = 0.8 a, i b = 0.1 a ? ? 0.9 v base-emitter saturation voltage v be (sat) i c = 0.8 a, i b = 0.1 a ? ? 1.3 v rise time t r ? 0.2 ? storage time t stg ? 3.5 ? switching time fall time t f i b1 = 20 ma, i b2 = 50 ma duty cycle 1% ? 0.15 ? s marking note 3: a line under a lot no. identifie s the indication of product labels. [[g]]/rohs compatible or [[g]]/rohs [[pb]] please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of product. the rohs is the directive 2011/65/eu of the european parliament and of the council of 8 june 2011 on the restriction of the use of cert ain hazardous substances in electrical and electronic equipment. note 3 part no. (or abbreviation code) lot no. i b1 20 s v cc 200 v in p ut out p ut 667 i b2 i b1 i i c 0 c6142
2SC6142 2013-11-01 3 1.2 0 0.6 0 0.4 0.8 1.2 1.6 1.5 0 2 4 8 1000 100 10 0.1 100 1 0.1 0.01 0.001 0.1 1 10 0.1 1 10 i b =10ma 20ma 40ma 60ma 150ma 100ma 80ma ta = 100c ? 55c 25c ta = 100c ? 55c 25c 100 10 0.1 0.001 0.1 1 10 0 0.4 0.8 1.6 1.2 ta = 100c ? 55c 25c 2 6 0.01 0.01 i b =10ma 20ma 40ma 60ma 150ma 100ma 80ma ta = 100c ? 55c 25c 1 0.9 0.3 1.2 0 0.6 1.5 0.9 0.3 1 10 1.2 0 0.6 1.5 0.9 0.3 collector current i c (a) dc current gain h fe collector-emitter voltage v ce (v) collector current i c (a) collector-emitter saturation voltage v ce (sat) (v) v ce (sat) ? i c i c ? v be collector current i c (a) base-emitter voltage v be (v) collector-emitter voltage v ce (v) i c ? v ce h fe i c collector current i c (a) collector current i c (a) v be (sat) ? i c i c ? v ce common emitter i c /i b = 8 single pulse test common emitter v ce = 5 v single pulse test common emitter v ce = 5 v single pulse test common emitter i c /i b = 8 single pulse test common emitter ta = 25c single pulse test 10 common emitter ta = 25c single pulse test 0.001 0.01 base-emitter saturation voltage v be (sat) (v) collector current i c (a)
2SC6142 2013-11-01 4 0.1 10 1000 0.001 0.01 0.1 1 100 10 1000 1.2 0 0.4 0.6 0.2 0.8 0 40 160 120 0.1 10 100 1000 1 0.001 0.01 0.1 10 100 ms* 10 ms* 1 ms* 100 s* 1 100 1 1 80 collector power dissipation p c (w) ambient temperature ta (c) p c ? ta r th(j-a) ? t w transient thermal resistance r th(j-a) (c/w) pulse width t w (s) curves apply only to limited areas of thermal resistance. single nonrepetitive pulse ta = 25c collector current i c (a) collector-emitter voltage v ce (v) i c max (pulse)* i c max ( continuous ) dc operation ta 25 safe operating area *: single nonrepetitive pulse ta = 25c curves must be derated linearly with increase in temperature. v ceo max 10 s*
2SC6142 2013-11-01 5 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively "toshiba"), reserve the right to make changes to the in formation in this document, and related hardware, software and systems (collectively "product") without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba's written permission, reproduc tion is permissible only if reproduction is without alteration/omission. ? though toshiba works continually to improve product's quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a ma lfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, cu stomers must also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and application notes for product and the precautions and condi tions set forth in the "toshiba semiconductor reliability handbook" and (b) the instructions for the application with which the product will be us ed with or for. customers are solely responsible for all aspe cts of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this product in such design or applications; (b) eval uating and determining the applicability of any info rmation contained in this document, or in c harts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operatin g parameters for such designs and applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted fo r use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact ( " unintended use " ). except for specific appl ications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used f or automobiles, trains, ships and other transportation, traffic si gnaling equipment, equipment used to control combustions or expl osions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. if you use product for unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability wh atsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the applicable export laws and regulations including, without limitat ion, the japanese foreign exchange and foreign trade law and t he u.s. export administration regulations. export and re-export of pr oduct or related software or technology are strictly prohibit ed except in compliance with all appl icable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of 2SC6142

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X