Part Number Hot Search : 
GS001 LSIT124 6010QM3 GS100 6010QM3 AQZ202 05010 4084L
Product Description
Full Text Search
 

To Download 2SC2655L-O Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sc2655l-y npn plastic-encapsulate transistor features ? collector of 0.9watts of power dissipation. ? collector-current 2.0a electrical characteristics @ 25 o c unless otherwise specified symbol parameter min max units v (br ) ceo collector-emitter breakdown voltage ( i c =10madc, i b =0) 50 --- vdc v (br)cbo collector-base breakdown voltage ( i c =100uadc, i e =0) 50 --- vdc v (br)ebo emitter-base breakdown voltage ( i e =100madc, i c =0) 5.0 --- vdc i cbo collector cutoff current ( v c b =50vdc, i e =0) --- 1.0 uadc i ebo emitter cutoff current ( v e b =5.0vdc, i c =0) --- 1.0 uadc h fe(1) dc current gain ( i c =0.5adc, v c e =2.0vdc) 70 240 --- h fe(2) dc current gain ( i c =1.5adc, v c e =2.0vdc) 40 --- --- v ce(sat) collector-emitter saturation voltage ( i c =1adc, i b =50madc) --- 0.5 vdc v be(sat) base-emitter saturation voltage ( i c =1.0adc, i b =50ma) --- 1.2 vdc f t transistor frequency ( i c =500madc, v c e =2.0vdc,) 100(typ) mhz classification of h fe (1) rank o y range 7 0-1 4 0 120-2 4 0  
 omp onents 20736 marilla street chatsworth       
     m cc revision: c 20 1 3/01/01 tm micro commercial components w w w. m c c se m i .c om 1 of 2 2SC2655L-O ? operating and storage junction temperature range: -5 5  to +15 0  epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 ? lead free finish/rohs compliant ("p"suffix designates rohs compliant. see ordering information) c ob coll ecto r output capacitance ( i e =0, v cb =10vdc,f=1mhz) 40(typ) pf t on turn-0n time ( i b 1 = -i b2 = 0.05, v cc =30vdc,i c =1adc) 0.1(typ) us t s storage time ( i b 1 = -i b2 = 0.05, v cc =30vdc,i c =1adc) 1.0(typ) us t f fall time ( i b 1 = -i b2 = 0.05, v cc =30vdc,i c =1adc) 0.1(typ) us to-92 l dimensions mm inches dim min ma min ma note a 3.700 4.100 .146 .161 b 4.000 - - - .157 --- c 0.000 0.300 0.000 0.012 d 0.350 0.450 .014 .018 e 1.280 1.580 .050 .062 f 4.700 5.100 .185 .201 g 7.800 8.200 .307 .323 h 13.80 14.20 .543 .559 j .60 0 .80 0 .02 4 .031 k 0.350 .550 .014 .022 1.27 0 .050 2.44 0 2 .64 0 .09 6 .104 e c b e c b bent lead straight lead bulk p ack ammo pack * for ammo packing detailed specification, click here to visit our website of product packaging for details. 4.40 0 5.60 0 . 173 . 220 2.20 0 2.80 0 . 08 6 . 110 straight lead bent lead straight lead bent lead lm h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
m cc revision: c 20 1 3/01/01 tm micro commercial components w w w. m c c se m i .c om 2 of 2 d e vi c e p ac k i n g p a r t n u m b e r - bp b u l k: 5 0 k p c s / c a r t o n *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. o r de r i n g i n f or m a ti on : p a r t n u m b e r- a p a m m o p a c k i n g : 2 k p c s / a mm o b o x note : adding "-hf" suffix for halogen free, eg. part number-ap-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SC2655L-O

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X