Part Number Hot Search : 
28F128 BX0026 SB4045PT 1ACSD HD66206 BU2727 TDA4817G MJE13003
Product Description
Full Text Search
 

To Download 2SC2383-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  npn silicon plastic-encapsulate transistor features ? capable of 0.9 watts of power dissipation. ? collector-current 1.0a ? collector-base voltage 160v ? operating and storage junction temperature range: -55 o c to +150 o c off characteristics v (br)ceo collector-emitter breakdown voltage (i c =10madc, i b =0) 160 vdc v (br)cbo collector- base breakdown voltage (i c =100uadc, i e =0) 160 vdc v (br)ebo emitter- base voltage (i e =10uadc , i c =0) 6.0 vdc i cbo collector cutoff current (v cb =150vdc, i e =0) 1.0 uadc i cer collector cutoff current (v cb =150vdc, r eb =10m ohm) 10 uadc i ebo emitter cutoff current (v eb =6.0vdc, i c =0) 1.0 uadc on characteristics h fe(1) dc current gain (i c =200madc, v ce =5.0vdc) 60 320 v ce(sat) collector- emitter saturation voltage (i c =500madc, i b =50madc) 1.0 vdc v be base- emitter voltage (i c =5.0madc, v ce =5.0vdc) 0.75 vdc small-signal characteristics f t transistor frequency (i c =200madc, v ce =5.0vdc ) 20 mhz classification of h fe (1) rank r o y range 60-120 100-200 160-320 revision: c 20 1 3/01/01  
 omp onents 20736 marilla street chatsworth       
     m cc tm micro commercial components w w w. m c c se m i .c om 1 of 2 2SC2383-R 2sc2383-o 2sc2383- electrical characteristics @ 25 o c unless otherwise specified symbol parameter min max units ? marking: c2383 ? lead free finish/rohs compliant ("p" suffi designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 to-92mod inches mm dim min max min max note a .228 . 244 5.80 6.20 . 059 1.50 b a c d e f g j k l m h b .331 . 346 8.40 8.80 c .016 . 024 0.40 0.60 .114 . 122 2.90 3.10 f .543 . 559 13.80 14.20 h .157 ----- 4.00 --- g .035 . 043 0.90 1.10 dimensions e c b e c b bent lead straight lead bulk p ack ammo pack * for ammo packing detailed specification, click here to visit our website of product packaging for details. j .185 . 201 4.70 5.10 k ---- . 063 ----- 1.60 l .016 . 020 0.40 0.50 m .068 . 080 1.73 2.03 .08 6 .11 0 2.20 2.80 straight lead bent lead straight lead bent lead de .173 .220 4.40 5.60 h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
m cc revision: c 20 1 3/01/01 tm micro commercial components w w w. m c c se m i .c om 2 of 2 d e vi c e p ac k i n g p a r t n u m b e r- a p a m m o p a c k i n g : 2 0 k p c s / ca rt o n p a r t n u m b e r - bp b u l k: 5 0 k p c s / c a r t o n *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. o r de r i n g i n f or m a ti on : note : adding "-hf" suffix for halogen free, eg. part number-ap-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SC2383-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X