Part Number Hot Search : 
MIC706 2N650 SF103 HZK27L MC2800 74F175A OSFKS5JS UPC1298V
Product Description
Full Text Search
 

To Download 2SAR542P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data s he et www.rohm.com ? 2014 rohm co., ltd. all rights reserved. 2SAR542P pnp -5.0a -30v middle power transistor l outline l features 1) suitable for middle power driver 2) complementary npn types : 2scr542p 3) low v ce(sat) v ce(sat) = - 0.4v max. (i c /i b = - 2a/ - 100ma) 4) lead free/rohs compliant. l inner circuit l applications motor driver , led driver power supply l packaging specifications l absolute maximum ratings (ta = 25c) collector-base voltage collector-emitter voltage emitter-base voltage dc pulsed junction temperature range of storage temperature *1 pw=10ms , single pulse *2 each terminal mounted on a reference land *3 mounted on a ceramic board (40400.7mm) parameter value mpt3 v ceo - 30v i c - 5.0a basic ordering unit (pcs) marking part no. package package size (mm) taping code reel size (mm) tape width (mm) parameter symbol values unit 2SAR542P mpt3 4540 t100 180 12 1,000 mq v cbo - 30 v v ceo - 30 v v ebo - 6 v collector current i c - 5.0 a i cp *1 - 10 a 0.5 *2 w 2sar533p p d 2.0 *3 w power dissipation t j 150 c t stg - 55 to + 150 c collector base emitter 2 sar 542 p (sc- 62 ) base emitter collector 1/6 2014.02 - rev.c downloaded from: http:///
www.rohm.com ? 2014 rohm co., ltd. all rights reserved. data sheet 2SAR542P l electrical characteristics (ta = 25c) *1 pulsed *2 see switching time test circuit l switching time test circuit unit collector-emitter breakdown voltage bv ceo i c = - 1ma - 30 - - v parameter symbol conditions min. typ. max. v emitter-base breakdown voltage bv ebo i e = - 100 m a - 6 - - v collector-base breakdown voltage bv cbo i c = - 100 m a - 30 - - m a emitter cut-off current i ebo v eb = - 4v - - - 1 m a collector cut-off current i cbo v cb = - 30v - - - 1 - v dc current gain h fe v ce = - 2v, i c = - 500ma 200 - 500 - collector-emitter saturation voltage v ce(sat) *1 i c = - 2a, i b = - 100ma - - 0.20 - 0.40 t f *2 - 25 mhz output capacitance c ob v cb = - 10v, i e = 0a, f = 1mhz - 40 - pf transition frequency f t v ce = - 10v, i e = 100ma f=100mh z - 240 - ns ns storage time t stg *2 - 200 - ns turn-on time t on *2 i c = - 2.5a i b1 = - 250ma i b2 =250ma v cc ? - 10v - 45 - fall time 2/6 2014.02 - rev.c downloaded from: http:///
www.rohm.com ? 2014 rohm co., ltd. all rights reserved. data sheet 2SAR542P l electrical characteristic curves (ta = 25c) -1 -10 -100 -1000 -10000 -1.5 -1 -0.5 0 v ce = - 2v ta= 125 oc 75 oc 25 oc - 40 oc -0.50 -0.45 -0.40 -0.35 -0.30 -0.25 -0.20 -0.15 -0.10 -0.05 0.00 -2.0 -1.5 -1.0 -0.5 0.0 - 1.0 ma - 1.5 ma - 2.0 ma - 5.0 ma - 2.5 ma i b = - 0.5 ma 10 100 1000 -1 -10 -100 -1000 -10000 v ce = - 2v ta= 125 oc 75 oc 25 oc - 40 oc 10 100 1000 -1 -10 -100 -1000 -10000 ta= 25 oc v ce = - 5v - 2v fig. 2 typical output characteristics fig. 1 ground emitter propagation characteristics collector current : i c [ma] base to emitter voltage : v be [v] collector current : i c [a] colector to emitte voltage : v ce [v] fig. 3 dc current gain vs. collector current (i) dc current gain : h fe collector current : i c [ma] fig. 4 dc current gain vs. output current (ii) dc current gain : h fe collector current : i c [ma] 3/6 2014.02 - rev.c downloaded from: http:///
www.rohm.com ? 2014 rohm co., ltd. all rights reserved. data sheet 2SAR542P l electrical characteristic curves (ta = 25c) -0.1 -1 -10 -1 -10 -100 -1000 -10000 i c / i b = 20 pulsed ta= - 40 oc 25 oc 75 oc 125 oc -0.001 -0.01 -0.1 -1 -1 -10 -100 -1000 -10000 i c / i b = 20 ta= 125 oc 75 oc 25 oc - 40 oc -0.001 -0.01 -0.1 -1 -1 -10 -100 -1000 -10000 i c / i b = 50 20 10 ta= 25 oc 10 100 1000 10 100 1000 ta= 25 oc v ce = - 10 v fig. 5 collector-emitter saturation voltage vs. collector current (i) collector-emitter saturation voltage : v ce(sat) [v] collector current : i c [ma] fig. 6 collector-emitter saturation voltage vs. collector current (ii) collector-emitter saturation voltage : v ce(sat) [v] collector current : i c [ma] fig. 7 base-emitter saturation voltage vs. collector current base -emitter saturation voltage : v be(sat) [v] collector current : i c [ma] fig. 8 gain bandwidth product vs. emitter current transition frequency : f t [mhz] emitter current :i e [ma] 4/6 2014.02 - rev.c downloaded from: http:///
www.rohm.com ? 2014 rohm co., ltd. all rights reserved. data sheet 2SAR542P l electrical characteristic curves (ta = 25c) 1 10 100 1000 -0.1 -1 -10 -100 c ob c ib ta= 25 oc f= 1mhz i e =0a i c =0a -0.01 -0.1 -1 -10 -100 -0.1 -1 -10 -100 100 ms 10 ms 1 ms dc (mounted on a ceramic board) dc (mounted on a reference land) ta= 25 oc single non repetitive pulse collector output capacitance : cob [pf] emitter input capacitance : cib [pf] fig. 9 emitter input capacitance vs. emitter-base voltage collector output capacitance vs. collector-base voltage collector - base voltage : v cb [v] emitter - base voltage : v eb [v] fig. 10 safe operating area collector current : i c [a] collector to emitter voltage : v ce [v] 5/6 2014.02 - rev.c downloaded from: http:///
www.rohm.com ? 2014 rohm co., ltd. all rights reserved. data sheet 2SAR542P l dimensions (unit : mm) dimension in mm / inches mpt3 l e h e e b1 d a b x s a e1 b2 e c y s a lp b3 b5 l1 b4 l2 l3 e1 e s pattern of terminal position areas [not a recommended pattern of soldering pads] min max min max a 1.40 1.50 0.055 0.059 b 0.30 0.50 0.012 0.020 b1 1.50 1.70 0.059 0.067 b2 0.40 0.60 0.016 0.024 c 0.35 0.50 0.014 0.020 d 4.40 4.70 0.173 0.185 e 2.40 2.70 0.094 0.106 e e1 h e 3.70 4.30 0.146 0.169 l e 0.80 1.20 0.031 0.047 lp 1.01 1.41 0.040 0.056 x - 0.15 - 0.006 y - 0.10 - 0.004 min max min max b3 - 0.65 - 0.026 b4 - 1.70 - 0.067 b5 - 0.75 - 0.030 l1 - 1.71 - 0.067 l2 - 0.58 - 0.023 l3 - 3.72 - 0.146 dim milimeters inches 3.00 0.118 1.50 0.059 dim milimeters inches 6/6 2014.02 - rev.c downloaded from: http:///
r1102 a www.rohm.com ? 2014 rohm co., ltd. all rights reserved. notice ro hm cu stome r s upport sy s tem h ttp :// www.r oh m .co m/ co n tact / thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. no tes the information contained herein is subject to change without notice. before you use our products, pl ease contact our sales representative and verify th e la tes t specifica - tion s : alt hou gh rohm is contin uous ly wor ki ng to im pr ove p ro du ct r eli a bility and qualit y, semicon - du c tor s c an bre a k d ow n and ma lf un ct io n du e to var io us f ac to rs. th e re fore, in or der to prevent pe r so nal in ju ry or fi re ar isi ng f ro m fa ilur e, please ta ke sa f ety mea s ur es su ch as com plyin g wi th th e de r at in g ch ara ct er ist ic s, impl e menting redundant and f ir e preve nt ion designs, and u tilizin g ba ck up s a nd f ail - sa fe p ro ce du re s. ro hm shall have no responsibility for any damages arising out of the use of our poducts b ey ond the rating specified by rohm. examples of application circuits, circuit constants and any other information contained herein are provided only to illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. the technical information specified herein is intended only to show the typical functions of and examples of application circuits for the products. rohm does not gr ant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm or any other parties. rohm shall have no responsibility whatsoever for any dispute arising out of the use of such technical information. the products are intended for use in general electronic equipment (i.e. av/oa devices, communi- cation, consumer systems, gaming/entertainment sets) as well as the applications indicated in this document. the products specified in this document are not designed to be radiation tolerant. for use of our products in applications requiring a high degree of reliability (as ex emplified bel ow), please contact and consult with a rohm representative : transportation equipment (i.e. cars, ships, trains), primary communication equipment, traffic lights, fire/crime prevention, safety equipment, medical systems, servers, solar cells, and power transmission systems. do not use our products in applications requiring extremely high reliability, such as aerospace equipment, nuclear power control systems, and submarine repeaters. rohm shall have no responsibility for any damages or injury arising from non-compliance with the recommended usage conditions and specifications contained herein. rohm has used reasonable care to ensur the accuracy of the information contained in this document. however, rohm does not warrants that such information is error-free, and rohm shall have no responsibility for any damages arising from any inaccuracy or misprint of such information. please use the products in accordance with any applicable environmental laws and regulations, such as the rohs directive. for more details, including rohs compatibility, please contact a rohm sales office. rohm shall have no responsibility for any damages or losses resulting non-compliance with any applicable laws or regulations. when providing our products and technologies contained in this document to other countries, you must abide by the procedures and provisions stipulated in all applicable export laws and regulations, including without limitation the us export administration regulations and the foreign exchange and foreign trade act. this document, in part or in whole, may not be reprinted or reproduced without prior consent of rohm. 1) 2) 3) 4) 5) 6) 7) 8) 9) 10)11) 12) 13) 14) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SAR542P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X