Part Number Hot Search : 
V0DS00 2N5743 2400A KK74A 1G126 MRF160 152DPB14 06N60
Product Description
Full Text Search
 

To Download 2N7002E-13-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2n7002e document number: ds30376 rev. 14 - 2 1 of 5 www.diodes.com august 2013 ? diodes incorporated 2n7002e n-channel enhancement mode mosfet product summary v (br)dss r ds(on) max i d max t a = +25c 60v 3? @ v gs = 10v 300ma description this mosfet has been designed to minimize the on-state resistance (r ds(on) ) and yet maintain superior switching performance, making it ideal for high efficiency po wer management applications. applications ? motor control ? power management functions features and benefits ? low on-resistance ? low gate threshold voltage ? low input capacitance ? fast switching speed ? small surface mount package ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? ? qualified to aec-q101 standards for high reliability mechanical data ? case: sot23 ? case material: molded plastic, ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: matte tin finish annealed over alloy 42 leadframe (lead free plating). solderable per mil-std-202, method 208 ? weight: 0.008 grams (approximate) ordering information (note 4) part number case packaging 2n7002e-7-f sot23 3,000/tape & reel 2N7002E-13-F sot23 10,000/tape & reel notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com/p roducts/packages.html. marking information date code key year 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 2013 2014 2015 2016 2017 code p r s t u v w x y z a b c d e month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d sot23 top view d g s top view pin out confi g uration equivalent circuit source gate drain k7b = product type marking code ym = date code marking for sat (shanghai assembly/ test site) = date code marking for cat (chengdu assembly/ test site) y or = year (ex: a = 2013) m = month (ex: 9 = september) shanghai a/t site chengdu a/t site e3 y y m k7b ym k7b ym
2n7002e document number: ds30376 rev. 14 - 2 2 of 5 www.diodes.com august 2013 ? diodes incorporated 2n7002e maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value units drain-source voltage v dss 60 v drain-gate voltage r gs ? 1.0m ? v dgr 60 v gate-source voltage continuous pulsed v gss 20 40 v continuous drain current (note 5) v gs = 10v steady state t a = +25c t a = +70c i d 250 200 ma continuous drain current (note 6) v gs = 10v steady state t a = +25c t a = +70c i d 300 240 ma maximum body diode forward current (note 6) i s 500 ma pulsed drain current (10s pulse, duty cycle = 1%) i dm 800 ma thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol value units total power dissipation (note 5) p d 370 mw (note 6) 540 thermal resistance, junction to ambient (note 5) r ja 348 c/w (note 6) 241 thermal resistance, junction to case (note 6) r jc 91 operating and storage temperature range t j, t stg -55 to 150 c electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition off characteristics (note 7) drain-source breakdown voltage bv dss 60 70 ? v v gs = 0v, i d = 10a zero gate voltage drain current @ t c = +25c @ t c = +125c i dss ? ? 1.0 500 a v ds = 60v, v gs = 0v gate-body leakage i gss ? ? 10 na v gs = 15v, v ds = 0v on characteristics (note 7) gate threshold voltage v gs(th) 1.0 ? 2.5 v v ds = v gs , i d = 250a static drain-source on-resistance @ t j = +25c r ds (on) ? ? 1.6 2.0 3 4 ? v gs = 10v, i d = 250ma v gs = 4.5v, i d = 200ma on-state drain current i d(on) 0.8 1.0 ? a v gs = 10v, v ds = 7.5v forward transconductance g fs 80 ? ? ms v ds =10v, i d = 0.2a dynamic characteristics (note 8) input capacitance c iss ? 22 50 pf v ds = 25v, v gs = 0v, f = 1.0mhz output capacitance c oss ? 11 25 pf reverse transfer capacitance c rss ? 2.0 5.0 pf gate resistance r g ?? 120 ? ? v ds = 0v, v gs = 0v, f = 1.0mhz total gate charge (v gs = 4.5v) q g ?? 223 ? pc v ds = 10v, i d = 250ma gate-source charge q gs ?? 82 ? pc gate-drain charge q gd ?? 178 ? pc switching characteristics (note 8) turn-on delay time t d(on) ? 7.0 20 ns v dd = 30v, i d = 0.2a, r l = 150 ? , v gen = 10v, r gen = 25 ? turn-off delay time t d(off) ? 11 20 ns notes: 5. device mounted on fr-4 pcb, with minimum recommended pad layout. 6. device mounted on 1? x 1? fr-4 pcb wi th high coverage 2oz. copper, single sided. 7. short duration pulse test used to minimize self-heating effect. 8. guaranteed by design. not subject to product testing.
2n7002e document number: ds30376 rev. 14 - 2 3 of 5 www.diodes.com august 2013 ? diodes incorporated 2n7002e 0 0.2 0.4 0.6 0.8 1.0 01 2 3 45 i, d r ain-s o u r c e c u r r en t (a) d v , drain-source voltage (v) fig. 1 on-region characteristics ds 0 v , gate to source voltage (v) fig. 2 drain current vs. gate-source voltage gs 0.4 0.8 1.2 1.6 2.0 012 34 5 67 i, d r ai n c u r r e n t (a) d t = -55c a t = 125c a t = 25c a 0 1 2 3 4 5 0246810 v , gate to source voltage (v) fig. 3 on resistance vs. gate-source voltage gs i = 75ma d i = 250ma d r , d r ain-s o u r c e o n- r esis t an c e ( ) ds(on) ? 0 1 2 3 4 5 0 0.2 0.4 0.6 0.8 1.0 i , drain current (a) fig. 4 on resistance vs. drain current d v = 4.5v gs v = 10v gs r , d r ai n -s o u r c e o n - r esis t a n c e ( ) ds(on) ? 0 t , junction temperature (c) fig. 5 on-resistance vs. junction temperature j 1 2 3 4 5 -75 -50 -25 0 25 50 75 100 125 150 v = 10v @ 250ma gs v = 4.5v @ 200ma gs r , d r ain-s o u r c e o n- r esis t an c e ( ) ds(on) ? 0 50 100 25 50 75 100 125 150 175 200 p , p o we r dissi p a t i o n (mw) d t , ambient temperature (c) fig. 6 max power dissipation vs. ambient temperature a 150 200 250 300 350 0
2n7002e document number: ds30376 rev. 14 - 2 4 of 5 www.diodes.com august 2013 ? diodes incorporated 2n7002e package outline dimensions please see ap02001 at http://www.diodes.com/ datasheets/ap02001.pdf for the latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. sot23 dim min max typ a 0.37 0.51 0.40 b 1.20 1.40 1.30 c 2.30 2.50 2.40 d 0.89 1.03 0.915 f 0.45 0.60 0.535 g 1.78 2.05 1.83 h 2.80 3.00 2.90 j 0.013 0.10 0.05 k 0.903 1.10 1.00 k1 - - 0.400 l 0.45 0.61 0.55 m 0.085 0.18 0.11 ?? 0 8 - all dimensions in mm dimensions value (in mm) z 2.9 x 0.8 y 0.9 c 2.0 e 1.35 x e y c z a m j l d f b c h k g k1
2n7002e document number: ds30376 rev. 14 - 2 5 of 5 www.diodes.com august 2013 ? diodes incorporated 2n7002e important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated a nd all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of 2N7002E-13-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X