abspulrichtung - reel off direction coplanarity area of termination anforderungsstufe 2 performance level 2 kontaktbereich vergoldet mating area gold plating anschlussbereich verzinnt 4-6 m terminal area 4-6 m tin plating koplanarit?t de r anschlsse 0,1 mm 0,1 mm 24,5 150 330 0 stck - verpackt in gurtverpackung - tape on reel packaging verpackungseinheit: 67 packaging unit: 670 pcs a1 12 24 a1 a10 ohne ansaughaube - without hood 1,25 3 0,95 1,9 0,8 9 x 0,8 = 7,2 prior notice. contact one of the erni companies date index drcb 0,8 drc-b, f 6mm, 20 pin 0,8 drc-b, f 6mm, 20 polig 294014 5:1 information: tolerances scale all dimensions in mm class i subject to modification without a3 designation www.erni.com before using. drawing will not be updated. all rights reserved. only for information. to ensure that this is the latest version of this drawing, please copyright by erni gmbh proprietary notice pursuant to iso 16016 to be observed. a1 leiterplatten-layout vorschlag fr smt pcb-layout proposal for smt 0,8 5 1 -0,03 -0,03 2,65 1,8 1,35 0,55 2,35 0,625 0,15 0,8 9,2 0,03 1 0,03 9 x 0,8 = 7,2 ohne ansaughaube - without hood 6 8,5 10,6 11,9 4,7 4,2 0,9 6,6 0,7 -0,05 6,3 ansaughaube hood 7,3 0,7 -0,03 5,2 0,7 -0,03 9,2 0,03
|