Part Number Hot Search : 
FU9120 CX158 LTC694 C1812C LTC694 KRC282U 1N158 AF4409P
Product Description
Full Text Search
 

To Download 24LC512-ESN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2010 microchip technology inc. ds21754m-page 1 24aa512/24lc512/24fc512 device selection table features: single supply with operation down to 1.7v for 24aa512 and 24fc512 devices, 2.5v for 24lc512 devices low-power cmos technology: - active current 400 ua, typical - standby current 100 na, typical 2-wire serial interface, i 2 c ? compatible cascadable for up to eight devices schmitt trigger inputs for noise suppression output slope control to eliminate ground bounce 100 khz and 400 khz clock compatibility page write time 5 ms max. self-timed erase/write cycle 128-byte page write buffer hardware write-protect esd protection >4000v more than 1 million erase/write cycles data retention > 200 years packages include 8-lead pdip, soij, soic, tssop, dfn, chip scale and 14-lead tssop pb-free and rohs compliant temperature ranges: - industrial (i): -40 ? c to +85 ? c - automotive (e):-40 ? c to +125 ? c description: the microchip technology inc. 24aa512/24lc512/ 24fc512 (24xx512*) is a 64k x 8 (512 kbit) serial electrically erasable prom, capable of operation across a broad voltage range (1.7v to 5.5v). it has been developed for advanced, low-power applications such as personal communications and data acquisi- tion. this device also has a page write capability of up to 128 bytes of data. this device is capable of both random and sequential reads up to the 512k boundary. functional address lines allow up to eight devices on the same bus, for up to 4 mbit address space. this device is available in the standard 8-pin plastic dip, soij, soic, tssop, dfn, and 14-lead tssop packages. the 24aa512 is also available in the 8-lead chip scale package. block diagram package type part number v cc range max. clock frequency temp. ranges 24aa512 1.7-5.5v 400 khz (1) i 24lc512 2.5-5.5v 400 khz i, e 24fc512 1.7-5.5v 1 mhz (2) i note 1: 100 khz for v cc < 2.5v 2: 400 khz for v cc < 2.5v hv generator eeprom array page latches ydec xdec sense amp. r/w control memory control logic i/o control logic i/o a0 a1 a2 sda scl v cc v ss wp a0a1 a2 v ss v cc wpscl sda 12 3 4 87 6 5 24xx512 tssop a0a1 a2 v ss 1 2 34 8 7 6 5 v cc wp scl sda 24xx512 dfn a0a1 a2 v ss wpscl sda 24xx512 5 6 7 8 4 3 2 1 v cc pdip/soij/soic/tssop 9 10 11 12 13 14 nc nc nc nc nc nc note 1: available in i-temp, aa only. cs (chip scale) (1) 1 2 3 45 6 7 8 v cc a1 a0 wp a2 sda scl v ss (top down view, balls not visible) 512k i 2 c ? serial eeprom * 24xx512 is used in this docum ent as a generic part number fo r the 24aa512/24lc512/24fc512 devices. downloaded from: http:///
24aa512/24lc512/24fc512 ds21754m-page 2 ? 2010 microchip technology inc. 1.0 electrical characteristics absolute maximum ratings (?) v cc .............................................................................................................................................................................6.5v all inputs and outputs w.r.t. v ss ......................................................................................................... -0.6v to v cc +1.0v storage temperature ............................................................................................................ ...................-65c to +150c ambient temperature with power applied ......................................................................................... .......-40c to +125c esd protection on all pins ???????????????????????????????????????????????????????????????????????????????????????????????????? ??????????????????????????????????????????????????? 4kv table 1-1: dc characteristics ? notice : stresses above those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. exposure to maximum rating conditions for extended periods may affect device reliability. dc characteristics electrical characteristics: industrial (i): v cc = +1.7v to 5.5v t a = -40c to +85c automotive (e): v cc = +2.5v to 5.5v t a = -40c to +125c param. no. sym. characteristic min. max. units conditions d1 a0, a1, a2, scl, sda and wp pins: d2 v ih high-level input voltage 0.7 v cc v d3 v il low-level input voltage 0.3 v cc 0.2 v cc vv v cc ? 2.5v v cc < 2.5v d4 v hys hysteresis of schmitt trigger inputs (sda, scl pins) 0.05 v cc v v cc ? 2.5v (note) d5 v ol low-level output voltage 0.40 v i ol = 3.0 ma @ v cc = 4.5v i ol = 2.1 ma @ v cc = 2.5v d6 i li input leakage current 1 ? av in = v ss or v cc , wp = v ss v in = v ss or v cc , wp = v cc d7 i lo output leakage current 1 ? av out = v ss or v cc d8 c in , c out pin capacitance (all inputs/outputs) 1 0p f v cc = 5.0v (note) t a = 25c, f clk = 1 mhz d9 i cc read operating current 400 ? av cc = 5.5v, scl = 400 khz i cc write 5 ma v cc = 5.5v d10 i ccs standby current 1 ? at a = -40c to +85c scl = sda = v cc = 5.5v a0, a1, a2, wp = v ss 5 ? at a = -40c to +125c scl = sda = v cc = 5.5v a0, a1, a2, wp = v ss note: this parameter is periodically sampled and not 100% tested. downloaded from: http:///
? 2010 microchip technology inc. ds21754m-page 3 24aa512/24lc512/24fc512 table 1-2: ac characteristics ac characteristics electrical characteristics: industrial (i): v cc = +1.7v to 5.5v t a = -40c to +85c automotive (e): v cc = +2.5v to 5.5v t a = -40c to +125c param. no. sym. characteristic min. max. units conditions 1 f clk clock frequency 100 400 400 1000 khz 1.7v ? v cc ? 2.5v 2.5v ? v cc ? 5.5v 1.7v ? v cc ? 2.5v 24fc512 2.5v ? v cc ? 5.5v 24fc512 2 t high clock high time 4000 600600 500 ns 1.7v ? v cc ? 2.5v 2.5v ? v cc ? 5.5v 1.7v ? v cc ? 2.5v 24fc512 2.5v ? v cc ? 5.5v 24fc512 3 t low clock low time 4700 13001300 500 ns 1.7v ? v cc ? 2.5v 2.5v ? v cc ? 5.5v 1.7v ? v cc ? 2.5v 24fc512 2.5v ? v cc ? 5.5v 24fc512 4 t r sda and scl rise time (note 1) 1000 300 300 ns 1.7v ? v cc < 2.5v 2.5v ? v cc ? 5.5v 1.7v ? v cc ? 5.5v 24fc512 5 t f sda and scl fall time (note 1) 300 100 ns all except, 24fc512 1.7v ? v cc ? 5.5v 24fc512 6 t hd : sta start condition hold time 4000 600600 250 ns 1.7v ? v cc ? 2.5v 2.5v ? v cc ? 5.5v 1.7v ? v cc ? 2.5v 24fc512 2.5v ? v cc ? 5.5v 24fc512 7 t su : sta start condition setup time 4700 600600 250 ns 1.7v ? v cc ? 2.5v 2.5v ? v cc ? 5.5v 1.7v ? v cc ? 2.5v 24fc512 2.5v ? v cc ? 5.5v 24fc512 8 t hd : dat data input hold time 0 ns (note 2) 9 t su : dat data input setup time 250 100100 ns 1.7v ? v cc ? 2.5v 2.5v ? v cc ? 5.5v 1.7v ? v cc ? 5.5v 24fc512 10 t su : sto stop condition setup time 4000 600600 250 ns 1.7v ? v cc ? 2.5v 2.5v ? v cc ? 5.5v 1.7v ? v cc ? 2.5v 24fc512 2.5v ? v cc ? 5.5v 24fc512 11 t su : wp wp setup time 4000 600600 ns 1.7v ? v cc ? 2.5v 2.5v ? v cc ? 5.5v 1.7v ? v cc ? 5.5v 24fc512 12 t hd : wp wp hold time 4700 13001300 ns 1.7v ? v cc ? 2.5v 2.5v ? v cc ? 5.5v 1.7v ? v cc ? 5.5v 24fc512 13 t aa output valid from clock (note 2) 3500 900 900 400 ns 1.7v ? v cc ? 2.5v 2.5v ? v cc ? 5.5v 1.7v ? v cc ? 2.5v 24fc512 2.5v ? v cc ? 5.5v 24fc512 14 t buf bus free time: time the bus must be free before a new trans- mission can start 47001300 1300 500 ns 1.7v ? v cc ? 2.5v 2.5v ? v cc ? 5.5v 1.7v ? v cc ? 2.5v 24fc512 2.5v ? v cc ? 5.5v 24fc512 note 1: not 100% tested. c b = total capacitance of one bus line in pf. 2: as a transmitter, the device must provide an internal mini mum delay time to bridge the undefined region (minimum 300 ns) of the falling edge of scl to avoid unintended generation of start or stop conditions. 3: the combined t sp and v hys specifications are due to new schmitt tri gger inputs which provide improved noise spike suppression. this eliminates the need for a t i specification for standard operation. 4: this parameter is not tested but ensured by characterization. for endurance esti mates in a specific application, please consult the total endurance? model which can be obtained from microchips web site at www.microchip.com. downloaded from: http:///
24aa512/24lc512/24fc512 ds21754m-page 4 ? 2010 microchip technology inc. 16 t sp input filter spike suppression (sda and scl pins) 50 ns all except, 24fc512 (notes 1 and 3) 17 t wc write cycle time (byte or page) 5 ms 18 endurance 1,000,000 cycles page mode, 25c, v cc = 5.5v (note 4) ac characteristics (continued) electrical characteristics: industrial (i): v cc = +1.7v to 5.5v t a = -40c to +85c automotive (e): v cc = +2.5v to 5.5v t a = -40c to +125c param. no. sym. characteristic min. max. units conditions note 1: not 100% tested. c b = total capacitance of one bus line in pf. 2: as a transmitter, the device must provide an internal mi nimum delay time to bridge the undefined region (minimum 300 ns) of the falling edge of scl to avoid unintended generation of start or stop conditions. 3: the combined t sp and v hys specifications are due to new schmitt tri gger inputs which provide improved noise spike suppression. this eliminates the need for a t i specification for standard operation. 4: this parameter is not tested but ensured by characterization. for endurance estima tes in a specific application, please consult the total endurance? model which can be obtained from microchips web site at www.microchip.com. downloaded from: http:///
? 2010 microchip technology inc. ds21754m-page 5 24aa512/24lc512/24fc512 figure 1-1: bus timing data (unprotected) (protected) scl sda in sda out wp 5 7 6 16 3 2 89 13 d4 4 10 11 12 14 downloaded from: http:///
24aa512/24lc512/24fc512 ds21754m-page 6 ? 2010 microchip technology inc. 2.0 pin descriptions the descriptions of the pins are listed in table 2-1. table 2-1: pin function table 2.1 a0, a1 and a2 chip address inputs the a0, a1 and a2 inputs are used by the 24xx512 for multiple device operations. the logic levels on these inputs are compared with the corresponding bits in the slave address. the chip is selected if the compare is true. up to eight devices may be connected to the same bus by using different chip select bit combinations. these inputs must be connected to either v cc or v ss . in most applications, the chip address inputs a0, a1 and a2 are hard-wired to logic 0 or logic 1 . for applications in which these pins are controlled by a microcontroller or other programmable logic device, the chip address pins must be driven to logic 0 or logic 1 before normal device operation can proceed. 2.2 serial data (sda) this is a bidirectional pin used to transfer addresses and data into and data out of the device. it is an open- drain terminal, therefore, the sda bus requires a pull- up resistor to v cc (typical 10 k ? for 100 khz, 2 k ?? for 400khz and 1mhz). for normal data transfer, sda is allowed to change only during scl low. changes during scl high are reserved for indicating the start and stop conditions. 2.3 serial clock (scl) this input is used to synchronize the data transfer from and to the device. 2.4 write-protect (wp) this pin must be connected to either v ss or v cc . if tied to v ss , write operations are enabled. if tied to v cc , write operations are inhibited but read operations are not affected. 3.0 functional description the 24xx512 supports a bidirectional 2-wire bus and data transmission protocol. a device that sends data onto the bus is defined as a transmitter and a device receiving data as a receiver. the bus must be controlled by a master device which generates the serial clock (scl), controls the bus access and generates the start and stop conditions, while the 24xx512 works as a slave. both master and slave can operate as a transmitter or receiver, but the master device determines which mode is activated. name pdip soic soij tssop 14-lead tssop dfn cs function a0 1 1 1 1 1 1 3 user configured chip select a1 2 2 2 2 2 2 2 user configured chip select (nc) 3, 4, 5 not connected a2 3 3 3 3 6 3 5 user configured chip select v ss 4444 7 4 8g r o u n d sda 5 5 5 5 8 5 6 serial data scl 6 6 6 6 9 6 7 serial clock (nc) 10, 11, 12 not connected wp 7 7 7 7 13 7 4 write-protect input v cc 8 8 8 8 14 8 1 +1.7v to 5.5v (24aa512) +2.5v to 5.5v (24lc512) +1.7v to 5.5v (24fc512) downloaded from: http:///
? 2010 microchip technology inc. ds21754m-page 7 24aa512/24lc512/24fc512 4.0 bus characteristics the following bus protocol has been defined: data transfer may be initiated only when the bus is not busy. during data transfer, the data line must remain stable whenever the clock line is high. changes in the data line, while the clock line is high, will be interpreted as a start or stop condition. accordingly, the following bus conditions have been defined (figure 4-1). 4.1 bus not busy (a) both data and clock lines remain high. 4.2 start data transfer (b) a high-to-low transition of the sda line while the clock (scl) is high determines a start condition. all commands must be preceded by a start condition. 4.3 stop data transfer (c) a low-to-high transition of the sda line while the clock (scl) is high determines a stop condition. all operations must end with a stop condition. 4.4 data valid (d) the state of the data line represents valid data when, after a start condition, the data line is stable for the duration of the high period of the clock signal. the data on the line must be changed during the low period of the clock signal. there is one bit of data per clock pulse. each data transfer is initiated with a start condition and terminated with a stop condition. the number of the data bytes transferred between the start and stop conditions is determined by the master device. 4.5 acknowledge each receiving device, when addressed, is obliged to generate an acknowledge signal after the reception of each byte. the master device must generate an extra clock pulse which is associated with this acknowledge bit. see figure 4-2 for acknowledge timing. a device that acknowledges must pull down the sda line during the acknowledge clock pulse in such a way that the sda line is stable low during the high period of the acknowledge related clock pulse. of course, setup and hold times must be taken into account. during reads, a master must signal an end of data to the slave by not generating an acknowledge bit on the last byte that has been clocked out of the slave. in this case, the slave (24xx512) will leave the data line high to enable the master to generate the stop condition. note: the 24xx512 does not generate any acknowledge bits if an internal programming cycle is in progress. downloaded from: http:///
24aa512/24lc512/24fc512 ds21754m-page 8 ? 2010 microchip technology inc. figure 4-1: data transfer sequence on the serial bus figure 4-2: acknowledge timing address or acknowledge valid data allowed to change stop condition start condition scl sda (a) (b) (d) (d) (c) (a) scl 9 8 7 6 5 4 3 2 1 123 transmitter must release the sda line at this point allowing the receiver to pull the sda line low to acknowledge the previous eight bits of data. receiver must release the sda line at this point so the transmitter can continue sending data. data from transmitter sda acknowledge bit data from transmitter downloaded from: http:///
? 2010 microchip technology inc. ds21754m-page 9 24aa512/24lc512/24fc512 5.0 device addressing a control byte is the first byte received following the start condition from the master device (figure 5-1). the control byte consists of a 4-bit control code; for the 24xx512 this is set as 1010 binary for read and write operations. the next three bits of the control byte are the chip select bits (a2, a1 and a0). the chip select bits allow the use of up to eight 24xx512 devices on the same bus and are used to select which device is accessed. the chip select bits in the control byte must correspond to the logic levels on the corresponding a2, a1 and a0 pins for the device to respond. these bits are in effect the three most significant bits of the word address. the last bit of the control byte defines the operation to be performed. when set to a one a read operation is selected and when set to a zero a write operation is selected. the next two bytes received define the address of the first data byte (figure 5-2). because all a15a0 are used, there are no upper address bits that are dont care. the upper address bits are transferred first, followed by the less significant bits. following the start condition, the 24xx512 monitors the sda bus checking the device type identifier being transmitted. upon receiving a 1010 code and appro- priate device select bits, the slave device outputs an acknowledge signal on the sda line. depending on the state of the r/w bit, the 24xx512 will select a read or write operation. figure 5-1: control byte format 5.1 contiguous addressing across multiple devices the chip select bits a2, a1 and a0 can be used to expand the contiguous address space for up to 4 mbit by adding up to eight 24xx512 devices on the same bus. in this case, software can use a0 of the control byte as address bit a16; a1 as address bit a17; and a2 as address bit a18. it is not possible to sequentially read across device boundaries. figure 5-2: address sequence bit assignments 10 1 0 a2 a1 a0 s ack r/w control code chip select bits slave address acknowledge bit start bit read/write bit 1010 a 2 a 1 a 0 r/w a 11 a 10 a 9 a 7 a 0 a 8 a 12 control byte address high byte address low byte control code chip select bits a 13 a 14 a 15 downloaded from: http:///
24aa512/24lc512/24fc512 ds21754m-page 10 ? 2010 microchip technology inc. 6.0 write operations 6.1 byte write following the start condition from the master, the control code (four bits), the chip select (three bits) and the r/w bit (which is a logic low) are clocked onto the bus by the master transmitter. this indicates to the addressed slave receiver that the address high byte will follow after it has generated an acknowledge bit during the ninth clock cycle. therefore, the next byte transmitted by the master is the high-order byte of the word address and will be written into the address pointer of the 24xx512. the next byte is the least significant address byte. after receiving another acknowledge signal from the 24xx512, the master device will transmit the data word to be written into the addressed memory location. the 24xx512 acknowl- edges again and the master generates a stop condition. this initiates the internal write cycle and during this time, the 24xx512 will not generate acknowledge signals (figure 6-1). if an attempt is made to write to the array with the wp pin held high, the device will acknowledge the command, but no write cycle will occur, no data will be written and the device will immediately accept a new command. after a byte write command, the internal address counter will point to the address location following the one that was just written. 6.2 page write the write control byte, word address and the first data byte are transmitted to the 24xx512 in the same way as in a byte write. but instead of generating a stop condition, the master transmits up to 127 additional bytes, which are temporarily stored in the on-chip page buffer and will be written into memory after the master has transmitted a stop condition. after receipt of each word, the seven lower address pointer bits are inter- nally incremented by one. if the master should transmit more than 128 bytes prior to generating the stop con- dition, the address counter will roll over and the previ- ously received data will be overwritten. as with the byte write operation, once the stop condition is received, an internal write cycle will begin (figure 6-2). if an attempt is made to write to the array with the wp pin held high, the device will acknowledge the command, but no write cycle will occur, no data will be written and the device will immediately accept a new command. 6.3 write protection the wp pin allows the user to write-protect the entire array (0000-ffff) when the pin is tied to v cc . if tied to v ss the write protection is disabled. the wp pin is sampled at the stop bit for every write command (figure 1-1). toggling the wp pin after the stop bit will have no effect on the execution of the write cycle. note: when doing a write of less than 128 bytes the data in the rest of the page is refreshed along with the data bytes being written. this will force the entire page to endure a write cycle, for this reason endurance is specified per page. note: page write operations are limited to writing bytes within a single physical page, regardless of the number of bytes actually being written. physical page boundaries start at addresses that are integer multiples of the page buffer size (or page size) and end at addresses that are integer multiples of [page size C 1]. if a page write command attempts to write across a physical page boundary, the result is that the data wraps around to the beginning of the current page (overwriting data previously stored there), instead of being written to the next page as might be expected. it is therefore necessary for the application software to prevent page write operations that would attempt to cross a page boundary. downloaded from: http:///
? 2010 microchip technology inc. ds21754m-page 11 24aa512/24lc512/24fc512 figure 6-1: byte write figure 6-2: page write bus activity master sda line bus activity st a r t control byte address high byte address low byte data s t o p ac k ac k ac k ac k s 1010 0 a 2 a 1 a 0 p bus activity master sda line bus activity st a r t control byte address high byte address low byte data byte 0 s t o p ac k ac k ac k ac k data byte 127 ac k s 1010 0 a 2 a 1 a 0 p downloaded from: http:///
24aa512/24lc512/24fc512 ds21754m-page 12 ? 2010 microchip technology inc. 7.0 acknowledge polling since the device will not acknowledge during a write cycle, this can be used to determine when the cycle is complete (this feature can be used to maximize bus throughput). once the stop condition for a write command has been issued from the master, the device initiates the internally timed write cycle. ack polling can be initiated immediately. this involves the master sending a start condition, followed by the control byte for a write command (r/w = 0 ). if the device is still busy with the write cycle, then no ack will be returned. if no ack is returned, then the start bit and control byte must be re-sent. if the cycle is complete, then the device will return the ack and the master can then proceed with the next read or write command. see figure 7-1 for flow diagram. figure 7-1: acknowledge polling flow send write command send stop condition to initiate write cycle send start send control byte with r/w = 0 did device acknowledge (ack = 0 )? next operation no yes downloaded from: http:///
? 2010 microchip technology inc. ds21754m-page 13 24aa512/24lc512/24fc512 8.0 read operation read operations are initiated in the same way as write operations with the exception that the r/w bit of the control byte is set to 1 . there are three basic types of read operations: current address read, random read and sequential read. 8.1 current address read the 24xx512 contains an address counter that main- tains the address of the last word accessed, internally incremented by 1 . therefore, if the previous read access was to address n (n is any legal address), the next current address read operation would access data from address n + 1 . upon receipt of the control byte with r/w bit set to 1 , the 24xx512 issues an acknowledge and transmits the 8-bit data word. the master will not acknowledge the transfer but does generate a stop condition and the 24xx512 discontinues transmission (figure 8-1). figure 8-1: current address read 8.2 random read random read operations allow the master to access any memory location in a random manner. to perform this type of read operation, first the word address must be set. this is done by sending the word address to the 24xx512 as part of a write operation (r/w bit set to 0 ). after the word address is sent, the master generates a start condition following the acknowledge. this terminates the write operation, but not before the internal address pointer is set. then, the master issues the control byte again but with the r/w bit set to a one. the 24xx512 will then issue an acknowledge and transmit the 8-bit data word. the master will not acknowledge the transfer but does generate a stop condition which causes the 24xx512 to discontinue transmission (figure 8-2). after a random read command, the internal address counter will point to the address location following the one that was just read. 8.3 sequential read sequential reads are initiated in the same way as a random read except that after the 24xx512 transmits the first data byte, the master issues an acknowledge as opposed to the stop condition used in a random read. this acknowledge directs the 24xx512 to transmit the next sequentially addressed 8-bit word (figure 8-3). following the final byte transmitted to the master, the master will not generate an acknowledge, but will generate a stop condition. to provide sequential reads, the 24xx512 contains an internal address pointer which is incremented by one at the completion of each operation. this address pointer allows the entire memory contents to be serially read during one operation. the internal address pointer will automatically roll over from address ffff to address 0000 if the master acknowledges the byte received from the array address ffff. bus activity master sda line bus activity p s st o p control byte st a r t data ac k n o a c k 11 00 aaa 1 byte 210 downloaded from: http:///
24aa512/24lc512/24fc512 ds21754m-page 14 ? 2010 microchip technology inc. figure 8-2: random read figure 8-3: sequential read bus activity master sda line bus activity ac k no ac k ac k ac k ac k st o p st a r t control byte address high byte address low byte control byte data byte st a r t x = dont care bit s 1010 aaa 0 210 s 1010 aaa 1 210 p bus activity master sda line bus activity control byte data (n) data (n + 1) data (n + 2) data (n + x ) no a c k ac k ac k ac k ac k st o p p downloaded from: http:///
? 2010 microchip technology inc. ds21754m-page 15 24aa512/24lc512/24fc512 9.0 packaging information 9.1 package marking information xxxxxxxx t/xxxnnn yyww 8-lead pdip (300 mil) example: 8-lead soij (5.28 mm) example: 24lc512 0510017 i/sm 24aa512 i/p 017 0510 xxxxxxxx yywwnnn t/xxxxxx 8-lead dfn-s example : xxxxxxx t/xxxxx yyww 24lc512 i/mf 0510 017 nnn * standard device marking consists of microchip part number, year code, week code, and traceability code. for device marking beyond this, certain price adders apply. please check with your microchip sales office. legend: xx...x customer-specific information* y year code (last digit of calendar year) yy year code (last 2 digits of calendar year) ww week code (week of january 1 is week 01) nnn alphanumeric traceability code pb-free jedec designator for matte tin (sn) * this package is pb-free. the pb-free jedec designator ( ) can be found on the outer packaging for this package. t temperature blank commercial i industrial e extended note : in the event the full microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 3 e 3 e 3 e downloaded from: http:///
24aa512/24lc512/24fc512 ds21754m-page 16 ? 2010 microchip technology inc. package marking information (continued) 8-lead soic (3.90 mm) example: 24lc512i 0510 snm xxxxxxxt nnn xxxxyyww 3 e 017 8-lead tssop xxxx tyww nnn example 4le i510 017 14-lead tssop xxxxxxxt yyww nnn example 4l512i 0510 017 8-lead chip scale xxxxxxxyywwnnn example: 24aa512 0810017 first line marking codes part no. 8- lead tssop package codes 24aa512 4ae 24lc512 4le 24fc512 4fe downloaded from: http:///
? 2010 microchip technology inc. ds21754m-page 17 24aa512/24lc512/24fc512 
 
  
        !"#$%&" '  ()"&'"!&)
&#*& &  & #   +%&,  & !& - '!
!#.#

&"#'
#%! 

& "!
!
#%! 

& "!
!! 
&$#/  !#  '!
#&
   .0 1,21!'!
 
&$& "!
**&
"&&
 !   3
& '
!&" & 4# *!( !!& 
  4 %&

&#& && 255***'
  
'5 4 6&! 7,8. '!
9'&! 7 7: ; 7"') 
%! 7 < &  1,
&
&  = =  
##4 4!!   -  1!&
&   = = 
"# &

"# >#& .  - - 
##4>#& .   < :  9&  -< -?   &
& 9  -  9# 4!!  <   6  9#>#& )  ?  9
* 9#>#& )  <  :  
* + 1 = = - n e1 note 1 d 12 3 a a1 a2 l b1 b e e eb c 
   

  * ,<1 downloaded from: http:///
24aa512/24lc512/24fc512 ds21754m-page 18 ? 2010 microchip technology inc. 
  
!
 ""#$%& !'      !"#$%&" '  ()"&'"!&)
&#*& &  & #   +%&,  & !& - '!
!#.#

&"#'
#%! 

& "!
!
#%! 

& "!
!! 
&$#''  !#  '!
#&
   .0 1,2 1!'!
 
&$& "!
**&
"&&
 ! .32 % '!
("!"*&
"&&
 (%
%
'&
 "
!!
   3
& '
!&" & 4# *!( !!& 
  4 %&

&#& && 255***'
  
'5 4 6&! 99. . '!
9'&! 7 7: ; 7"') 
%! 7 < &  1, :  8 &  = =  
##4 4!!   = = &#
%% +   =  :  >#& . ?1, 
##4>#& . -1, :  9&  1, , '% @
&
a  =  3
&9& 9  =  3
& & 9 .3 3
& b = #& ) - =  
# %&
b = b 
# %&1
&&
' b = b d n e e e1 note 1 12 3 b a a1 a2 l l1 c h h 
   

  * ,1 downloaded from: http:///
? 2010 microchip technology inc. ds21754m-page 19 24aa512/24lc512/24fc512 
  
!
 ""#$%& !'   3
& '
!&" & 4# *!( !!& 
  4 %&

&#& && 255***'
  
'5 4 downloaded from: http:///
24aa512/24lc512/24fc512 ds21754m-page 20 ? 2010 microchip technology inc. 
  
!
 (( $)%* !+     :c(c. 5.c&# #(%
' #:,  +%&,  & !& - '!
!#.#

&"#'
#%! 

& "!
!
#%! 

& "!
!! 
&$#''  !#   3
& '
!&" & 4# *!( !!& 
  4 %&

&#& && 255***'
  
'5 4 6&! 99. . '!
9'&! 7 7: ; 7"') 
%! 7 < &  1, :  8 &   = - 
##4 4!!   = < &#
%%+   =  :  >#& . ? = <? 
##4>#& .  = -< :  9&  - = -- 3
&9& 9  = ? 3
& b = #& ) -? =  
# %&
= = b 
# %&1
&&
' = = b l c a2 a1 a b 12 e e e1 n d 
   

  * ,?1 downloaded from: http:///
? 2010 microchip technology inc. ds21754m-page 21 24aa512/24lc512/24fc512 noe: for the most current package drawings, please see the microchip packaging specification located at http://www.microchip.com/packaging downloaded from: http:///
24aa512/24lc512/24fc512 ds21754m-page 22 ? 2010 microchip technology inc. 
 ,-  -" . 
!
 ,/%/, !       !"#$%&" '  ()"&'"!&)
&#*& &  & #   '!
!#.#

&"#'
#%! 

& "!
!
#%! 

& "!
!! 
&$#''  !# - '!
#&
   .0 1,2 1!'!
 
&$& "!
**&
"&&
 ! .32 % '!
("!"*&
"&&
 (%
%
'&
 "
!!
   3
& '
!&" & 4# *!( !!& 
  4 %&

&#& && 255***'
  
'5 4 6&! 99. . '!
9'&! 7 7: ; 7"') 
%! 7 < &  ?1, :  8 &  = =  
##4 4!!  <   &#
%%   =  :  >#& . ?1, 
##4>#& . -   
##49&   - - 3
&9& 9  ?  3
& & 9 .3 3
& b = #& )  = - d n e e1 note 1 12 b e c a a1 a2 l1 l 
   

  * , ? 2010 microchip technology inc. ds21754m-page 23 24aa512/24lc512/24fc512 0/
 ,-  -" . 
!
 ,/%/, !       !"#$%&" '  ()"&'"!&)
&#*& &  & #   '!
!#.#

&"#'
#%! 

& "!
!
#%! 

& "!
!! 
&$#''  !# - '!
#&
   .0 1,2 1!'!
 
&$& "!
**&
"&&
 ! .32 % '!
("!"*&
"&&
 (%
%
'&
 "
!!
   3
& '
!&" & 4# *!( !!& 
  4 %&

&#& && 255***'
  
'5 4 6&! 99. . '!
9'&! 7 7: ; 7"') 
%! 7  &  ?1, :  8 &  = =  
##4 4!!  <   &#
%%   =  :  >#& . ?1, 
##4>#& . -   
##49&     3
&9& 9  ?  3
& & 9 .3 3
& b = #& )  = - note 1 d n e e1 1 2 e b c a a1 a2 l1 l 
   

  * ,<1 downloaded from: http:///
24aa512/24lc512/24fc512 ds21754m-page 24 ? 2010 microchip technology inc. 
 
1
 $ .2(134)1        !"#$%&" '  ()"&'"!&)
&#*& &  & #   4'  

'
$
!#&) !&#! - 4!!*!"&#  '!
#&
   .0 1,2 1!'!
 
&$& "!
**&
"&&
 ! .32 % '!
("!"*&
"&&
 (%
%
'&
 "
!!
   3
& '
!&" & 4# *!( !!& 
  4 %&

&#& && 255***'
  
'5 4 6&! 99. . '!
9'&! 7 7: ; 7"') 
%! 7 < &  1, :  8 &  < <  &#
%%     ,
&& 4!! - .3 :  9&  1, :  >#& . ?1, .$
!##9&  -   .$
!##>#& .  -  ,
&&>#& ) -  < ,
&&9& 9  ?  ,
&&&
.$
!## d  = = note 2 a1 a a3 note 1 12 e n d exposed pad note 1 2 1 e2 l n e b k bottom view top view d2 
   

  * ,1 downloaded from: http:///
? 2010 microchip technology inc. ds21754m-page 25 24aa512/24lc512/24fc512   3
& '
!&" & 4# *!( !!& 
  4 %&

&#& && 255***'
  
'5 4 downloaded from: http:///
24aa512/24lc512/24fc512 ds21754m-page 26 ? 2010 microchip technology inc. noe: for the most current package drawings, please see the microchip packaging specification located at http://www.microchip.com/packaging downloaded from: http:///
? 2010 microchip technology inc. ds21754m-page 27 24aa512/24lc512/24fc512 noe: for the most current package drawings, please see the microchip packaging specification located at http://www.microchip.com/packaging downloaded from: http:///
24aa512/24lc512/24fc512 ds21754m-page 28 ? 2010 microchip technology inc. noe: for the most current package drawings, please see the microchip packaging specification located at http://www.microchip.com/packaging downloaded from: http:///
? 2010 microchip technology inc. ds21754m-page 29 24aa512/24lc512/24fc512 appendix a: revision history revision d correction to section 1.0, electrical characteristics. revision e correction to section 1.0., ambient temperature correction to section 6.2, page write revision f add e3 (pb-free) to marking examples. updated marking legend and on-line support. revision g revised sections 2.1, 2.4 and 6.3. revision h revised features section; revised 1.8v voltage to 1.7v; replaced package drawings; revised product id system; removed 14 lead tssop. revision j revised table 1-2, ac characteristics; updated packaging. revision k (06/2009) removed cmos from title; revised table 1-2, para. 18; added soic and tssop packaging; updated pin descriptions; updated product id. revision l (12/2009) added note to section 6.1. revision m (03/2010) added 8-lead chip scale package. downloaded from: http:///
24aa512/24lc512/24fc512 ds21754m-page 30 ? 2010 microchip technology inc. notes: downloaded from: http:///
? 2010 microchip technology inc. ds21754m-page 31 24aa512/24lc512/24fc512 the microchip web site microchip provides online support via our www site at www.microchip.com. this web site is used as a means to make files and information easily available to customers. accessible by using your favorite internet browser, the web site contains the following information: product support C data sheets and errata, application notes and sample programs, design resources, users guides and hardware support documents, latest software releases and archived software general technical support C frequently asked questions (faq), technical support requests, online discussion groups, microchip consultant program member listing business of microchip C product selector and ordering guides, latest microchip press releases, listing of seminars and events, listings of microchip sales offices, distributors and factory representatives customer change notification service microchips customer notification service helps keep customers current on microchip products. subscribers will receive e-mail notification whenever there are changes, updates, revisions or errata related to a specified product family or development tool of interest. to register, access the microchip web site at www.microchip.com, click on customer change notification and follow the registration instructions. customer support users of microchip products can receive assistance through several channels: distributor or representative local sales office field application engineer (fae) technical support development systems information line customers should contact their distributor, representative or field application engineer (fae) for support. local sales offices are also available to help customers. a listing of sales offices and locations is included in the back of this document. technical support is available through the web site at: http://support.microchip.com downloaded from: http:///
24aa512/24lc512/24fc512 ds21754m-page 32 ? 2010 microchip technology inc. reader response it is our intention to provide you with the best documentation possible to ensure successful use of your microc hip prod- uct. if you wish to provide your comments on organization, clarity, subject matter, and ways in which our document ation can better serve you, please fax your comments to the technical publications manager at (480) 792-4150. please list the following information, and use this outline to provide us with your comments about this docume nt. to : technical publications manager re: reader response total pages sent ________ from: name company address city / state / zip / country telephone: (_______) _________ - _________ application (optional): would you like a reply? y n device: literature number: questions: fax: (______) _________ - _________ ds21754m 24aa512/24lc512/24fc512 1. what are the best features of this document? 2. how does this document meet your hardware and software development needs? 3. do you find the organization of this document easy to follow? if not, why? 4. what additions to the document do you think would enhance the structure and subject? 5. what deletions from the document could be made without affecting the overall usefulness? 6. is there any incorrect or misleading information (what and where)? 7. how would you improve this document? downloaded from: http:///
? 2010 microchip technology inc. ds21754m-page33 24aa512/24lc512/24fc512 product identification system to order or obtain information, e. g., on pricing or delivery, refer to the factory or the listed sales office . part no. x /xx package temperature range device device: 24aa512: 512 kbit 1.8v i 2 c serial eeprom 24aa512t: 512 kbit 1.8v i 2 c serial eeprom (tape and reel) 24lc512: 512 kbit 2.5v i 2 c serial eeprom 24lc512t: 512 kbit 2.5v i 2 c serial eeprom (tape and reel) 24fc512: 512 kbit 1 mhz i 2 c serial eeprom 24fc512t: 512 kbit 1 mhz i 2 c serial eeprom (tape and reel) temperature range: i= - 4 0 ? c to +85 ? c e= -40 ? c to +125 ? c package: p = plastic dip (300 mil body), 8-lead sm = plastic soij (5.28 mm body), 8-lead mf = micro lead frame (6x5 mm body), 8-lead sn = plastic soic (3.90 mm body), 8-lead st = plastic tssop (4.4 mm), 8-lead st14 = plastic tssop (4.4 mm), 14-lead cs17k (1) = chip scale (cs), 8-lead (i-temp, "aa", tape and reel only) examples: a) 24aa512-i/p: industrial temp., 1.7v, pdip package. b) 24aa512t-i/sm: tape and reel, industrial temp., 1.7v, soij package. c) 24aa512-i/mf: industrial temp., 1.7v, dfn package. d) 24lc512-e/p: extended temp., 2.5v, pdip package. e) 24lc512-i/sn: industrial temp., 2.5v, soic package. f) 24lc512t-i/sm: tape and reel, industrial temp., 2.5v, soij package. g) 24lc512-i/st: industrial temp., 2.5v, tssop package. h) 24fc512-i/p: industrial temp., 1.7v, high speed, pdip package. i) 24fc512-i/sm: industrial temp., 1.7v, high speed, soij package. j) 24fc512t-i/sn: tape and reel, industrial temp., 1.7v, high speed, soic package. k) 24aa512t-i/cs17k: industrial temp., 1.7v, cs package, tape and reel note 1: "17k" indicates 160k technology. downloaded from: http:///
24aa512/24lc512/24fc512 ds21754m-page34 ? 2010 microchip technology inc. notes: downloaded from: http:///
? 2010 microchip technology inc. ds21754m-page 35 information contained in this publication regarding device applications and the like is provided only for your convenience and may be superseded by updates. it is your responsibility to ensure that your application meets with your specifications. microchip makes no representations or warranties of any kind whether express or implied, written or oral, statutory or otherwise, related to the information, including but not limited to its condition, quality, performance, merchantability or fitness for purpose . microchip disclaims all liability arising from this information and its use. use of microchip devices in life support and/or safety applications is entirely at the buyers risk, and the buyer agrees to defend, indemnify and hold harmless microchip from any and all damages, claims, suits, or expenses resulting from such use. no licenses are conveyed, implicitly or otherwise, under any microchip intellectual property rights. trademarks the microchip name and logo, the microchip logo, dspic, k ee l oq , k ee l oq logo, mplab, pic, picmicro, picstart, pic 32 logo, rfpic and uni/o are registered trademarks of microchip technology incorporated in the u.s.a. and other countries. filterlab, hampshire, hi-tech c, linear active thermistor, mxdev, mxlab, seeval and the embedded control solutions company are registered trademarks of microchip technology incorporated in the u.s.a. analog-for-the-digital age, appl ication maestro, codeguard, dspicdem, dspicdem.net, dspicworks, dsspeak, ecan, economonitor, fansense, hi-tide, in-circuit serial programming, icsp, mindi, miwi, mpasm, mplab certified logo, mplib, mplink, mtouch, octopus, omniscient code generation, picc, picc-18, picdem, picdem.net, pickit, pictail, real ice, rflab, select mode, total endurance, tsharc, uniwindriver, wiperlock and zena are trademarks of microchip tec hnology incorporated in the u.s.a. and other countries. sqtp is a service mark of microchip technology incorporated in the u.s.a. all other trademarks mentioned herein are property of their respective companies. ? 2010, microchip technology incorporated, printed in the u.s.a., all rights reserved. printed on recycled paper. isbn: 978-1-60932-073-7 note the following details of the code protection feature on microchip devices: microchip products meet the specification cont ained in their particular microchip data sheet. microchip believes that its family of products is one of the most secure families of its kind on the market today, when used i n the intended manner and under normal conditions. there are dishonest and possibly illegal methods used to breach the code protection feature. all of these methods, to our knowledge, require using the microchip products in a manner outside the operating specif ications contained in microchips data sheets. most likely, the person doing so is engaged in theft of intellectual property. microchip is willing to work with the customer who is concerned about the integrity of their code. neither microchip nor any other semiconduc tor manufacturer can guarantee the security of their code. code protection does not mean that we are guaranteeing the product as unbreakable. code protection is constantly evolving. we at microchip are co mmitted to continuously improvin g the code protection features of our products. attempts to break microchips code protection feature may be a violation of the digital millennium copyright act. if such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that act. microchip received iso/ts-16949:2002 certification for its worldwide headquarters, design and wafer fabrication facilities in chandler and tempe, arizona; gresham, oregon and design centers in california and india. the companys quality system processes and procedures are for its pic ? mcus and dspic ? dscs, k ee l oq ? code hopping devices, serial eeproms, microperipherals, nonvolatile memory an d analog products. in addition, microchips quality system for the design and manufacture of development systems is iso 9001:2000 certified. downloaded from: http:///
ds21754m-page 36 ? 2010 microchip technology inc. americas corporate office 2355 west chandler blvd. chandler, az 85224-6199 tel: 480-792-7200 fax: 480-792-7277 technical support: http://support.microchip.com web address: www.microchip.com atlanta duluth, ga tel: 678-957-9614 fax: 678-957-1455 boston westborough, ma tel: 774-760-0087 fax: 774-760-0088 chicago itasca, il tel: 630-285-0071 fax: 630-285-0075 cleveland independence, oh tel: 216-447-0464 fax: 216-447-0643 dallas addison, tx tel: 972-818-7423 fax: 972-818-2924 detroit farmington hills, mi tel: 248-538-2250 fax: 248-538-2260 kokomo kokomo, in tel: 765-864-8360 fax: 765-864-8387 los angeles mission viejo, ca tel: 949-462-9523 fax: 949-462-9608 santa clara santa clara, ca tel: 408-961-6444 fax: 408-961-6445 toronto mississauga, ontario, canada tel: 905-673-0699 fax: 905-673-6509 asia/pacific asia pacific office suites 3707-14, 37th floor tower 6, the gateway harbour city, kowloon hong kong tel: 852-2401-1200 fax: 852-2401-3431 australia - sydney tel: 61-2-9868-6733 fax: 61-2-9868-6755 china - beijing tel: 86-10-8528-2100 fax: 86-10-8528-2104 china - chengdu tel: 86-28-8665-5511 fax: 86-28-8665-7889 china - chongqing tel: 86-23-8980-9588 fax: 86-23-8980-9500 china - hong kong sar tel: 852-2401-1200 fax: 852-2401-3431 china - nanjing tel: 86-25-8473-2460 fax: 86-25-8473-2470 china - qingdao tel: 86-532-8502-7355 fax: 86-532-8502-7205 china - shanghai tel: 86-21-5407-5533 fax: 86-21-5407-5066 china - shenyang tel: 86-24-2334-2829 fax: 86-24-2334-2393 china - shenzhen tel: 86-755-8203-2660 fax: 86-755-8203-1760 china - wuhan tel: 86-27-5980-5300 fax: 86-27-5980-5118 china - xian tel: 86-29-8833-7252 fax: 86-29-8833-7256 china - xiamen tel: 86-592-2388138 fax: 86-592-2388130 china - zhuhai tel: 86-756-3210040 fax: 86-756-3210049 asia/pacific india - bangalore tel: 91-80-3090-4444 fax: 91-80-3090-4123 india - new delhi tel: 91-11-4160-8631 fax: 91-11-4160-8632 india - pune tel: 91-20-2566-1512 fax: 91-20-2566-1513 japan - yokohama tel: 81-45-471- 6166 fax: 81-45-471-6122 korea - daegu tel: 82-53-744-4301 fax: 82-53-744-4302 korea - seoul tel: 82-2-554-7200 fax: 82-2-558-5932 or 82-2-558-5934 malaysia - kuala lumpur tel: 60-3-6201-9857 fax: 60-3-6201-9859 malaysia - penang tel: 60-4-227-8870 fax: 60-4-227-4068 philippines - manila tel: 63-2-634-9065 fax: 63-2-634-9069 singapore tel: 65-6334-8870 fax: 65-6334-8850 taiwan - hsin chu tel: 886-3-6578-300 fax: 886-3-6578-370 taiwan - kaohsiung tel: 886-7-536-4818 fax: 886-7-536-4803 taiwan - taipei tel: 886-2-2500-6610 fax: 886-2-2508-0102 thailand - bangkok tel: 66-2-694-1351 fax: 66-2-694-1350 europe austria - wels tel: 43-7242-2244-39 fax: 43-7242-2244-393 denmark - copenhagen tel: 45-4450-2828 fax: 45-4485-2829 france - paris tel: 33-1-69-53-63-20 fax: 33-1-69-30-90-79 germany - munich tel: 49-89-627-144-0 fax: 49-89-627-144-44 italy - milan tel: 39-0331-742611 fax: 39-0331-466781 netherlands - drunen tel: 31-416-690399 fax: 31-416-690340 spain - madrid tel: 34-91-708-08-90 fax: 34-91-708-08-91 uk - wokingham tel: 44-118-921-5869 fax: 44-118-921-5820 w orldwide s ales and s ervice 01/05/10 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 24LC512-ESN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X