Part Number Hot Search : 
12000 D4SBL 70DR12M BTS3207 HZS152 22AH2T CKG32KX 60T03G
Product Description
Full Text Search
 

To Download 1N5926B3P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n5 9 13 b 3 p thru 1n59 5 6 b 3 p 3 . 0 watt zener diode 3.3 t o 200 volts do-41 features a b c d cathode m a rk min max min max a 0.160 0.205 4.10 5.20 b 0.080 0.107 2.00 2.70 diameter c 0.028 0.034 0.71 0.86 diameter d 1.000 ----- 25.40 ----- dimensions dim inches mm note maximum ratings & thermal characteristics ratings at 25c ambient temperature unless otherwise specified. parameter symbol value unit power dissipation at t l = 75 c p to t 3.0 ( 2 ) w pwak forward surge current 8.3ms single half sine/square wave i fsm 10 amps junction temperature t j -55 ~ +1 75 o c storage temperature range t stg -55 ~ +1 75 o c forward voltage at i f =200ma 1.5 v f v  
 omp onents 20736 marilla street chatsworth       
     m cc revision: c 20 1 5 /0 1 / 1 4 tm micro commercial components ? marking : 1n5913b 3 ~1n59 5 6 b 3 type number and cathode band w w w. m c c se m i .c om 1 of 5 note1: high temperature solder exemption applied, see eu directive annex 7. d ? lead free finish/rohs compliant (note1)("p"suffix designates compliant. see ordering information) 2 . 0.375" lead length from body. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 h alogen free available upon request by adding suffix "-hf" glass passivated junction low profile package low inductance built-in strain relief downloaded from: http:///
electrical characteristics @ 25 c 1n5913b 3 p thru 1n59 5 6 b 3 p m cc * t o l e r a nc e a n d v o l t a g e d es i g n a t i o n t o l e r an c e de s i gnat i o n - t h e t y p e numbe r s l i s te d i nd i c at e a revision: c 20 1 5 /0 1 /1 4 tm micro commercial components w w w . m c c s e m i .c o m 2 of 5 to l e r an c e o f + /-5% zener voltage vz test current izt maximum dynamic impedance zzt @izt knee current izk knee impedance zzk maximum reverse current ir reverse voltage vr volts ma ohms ma ohms a volts 1n5913b 3 p 3. 3 113. 6 1 0 1 50 0 10 0 1 1n5914b 3 p 3. 6 104. 2 9 1 50 0 7 5 1 1n5915b 3 p 3. 9 96. 1 7. 5 1 50 0 2 5 1 1n5916b 3 p 4. 3 87. 2 6 1 50 0 5 1 1n5917b 3 p 4. 7 79. 8 5 1 50 0 5 1.5 1n5918b 3 p 5. 1 73. 5 4 1 35 0 5 2 1n5919b 3 p 5. 6 66. 9 2 1 25 0 5 3 1n5920b 3 p 6. 2 60. 5 2 1 20 0 5 4 1n5921b 3 p 6. 8 55. 1 2. 5 1 20 0 5 5.2 1n5922b 3 p 7. 5 5 0 3 0. 5 40 0 5 6 1n5923b 3 p 8. 2 45. 7 3. 5 0. 5 40 0 5 6.5 1n5924b 3 p 9. 1 41. 2 4 0. 5 50 0 5 7 1n5925b 3 p 1 0 37. 5 4. 5 0.2 5 50 0 5 8 1n5926b 3 p 1 1 34. 1 5. 5 0.2 5 55 0 1 8.4 1n5927b 3 p 1 2 31. 2 6. 5 0.2 5 55 0 1 9.1 1n5928b 3 p 1 3 28. 8 7 0.2 5 55 0 1 9.9 1n5929b 3 p 1 5 2 5 9 0.2 5 60 0 1 11.4 1n5930b 3 p 1 6 23. 4 1 0 0.2 5 60 0 1 12.2 1n5931b 3 p 1 8 20. 8 1 2 0.2 5 65 0 1 13.7 1n5932b 3 p 2 0 18. 7 1 4 0.2 5 65 0 1 15.2 1n5933b 3 p 2 2 1 7 17. 5 0.2 5 65 0 1 16.7 1n5934b 3 p 2 4 15. 6 1 9 0.2 5 70 0 1 18.2 1n5935b 3 p 2 7 13. 9 2 3 0.2 5 70 0 1 20.6 1n5936b 3 p 3 0 12. 5 2 8 0.2 5 75 0 1 22.8 1n5937b 3 p 3 3 11. 4 3 3 0.2 5 80 0 1 25.1 1n5938b 3 p 3 6 10. 4 3 8 0.2 5 85 0 1 27.4 1n5939b 3 p 3 9 9. 6 4 5 0.2 5 90 0 1 29.7 1n5940b 3 p 4 3 8. 7 5 3 0.2 5 95 0 1 32.7 1n5941b 3 p 4 7 8 6 7 0.2 5 100 0 1 35.8 1n5942b 3 p 5 1 7. 3 7 0 0.2 5 110 0 1 38.8 1n5943b 3 p 5 6 6. 7 8 6 0.2 5 130 0 1 42.6 1n5944b 3 p 6 2 6 10 0 0.2 5 150 0 1 47.1 1n5945b 3 p 6 8 5. 5 12 0 0.2 5 170 0 1 51.7 1n5946b 3 p 7 5 5 14 0 0.2 5 200 0 1 56 1n5947b 3 p 8 2 4. 6 16 0 0.2 5 250 0 1 62.2 1n5948b 3 p 9 1 4. 1 20 0 0.2 5 300 0 1 69.2 1n5949b 3 p 10 0 3. 7 25 0 0.2 5 310 0 1 76 1n5950b 3 p 11 0 3. 4 30 0 0.2 5 400 0 1 83.6 1n5951b 3 p 12 0 3. 1 38 0 0.2 5 450 0 1 91.2 1n5952b 3 p 13 0 2. 9 45 0 0.2 5 500 0 1 98.8 1n5953b 3 p 15 0 2. 5 60 0 0.2 5 600 0 1 114 1n5954b 3 p 16 0 2. 3 70 0 0.2 5 650 0 1 121.6 1n5955b 3 p 18 0 2. 1 90 0 0.2 5 700 0 1 136.8 1n5956b 3 p 20 0 1. 9 120 0 0.2 5 800 0 1 152 mcc part number downloaded from: http:///
1n5913b 3 p thru 1n59 5 6 b 3 p m cc revision: c 20 1 5 /0 1 /1 4 tm micro commercial components w w w . m c c s e m i .c o m 3 of 5 characteristics (t j =25 unless otherwise specified) symbol parameter vz reverse zener voltage @ i zt i zt reverse current z zt maximum zener impedance @ i zt i zk reverse current z zk maximum zener impedance @ i zk i r reverse leakage current @ v r v r breakdown voltage i f forward current v f forward voltage @ i f figure 1. z e ner v o l t a g e r e gul a t or figure 2. steady state power derating figure 3. vz C 3.3 thru 10 volts figure 4. zener voltage C 3.3 to 12 volts figure 5. zener voltage C 14 to 43 volts t l temperature( 0 c) t l temperature( 0 c) p d maximum power dissi pa t ion ( w a tts) 0 0.8 1.6 2.4 3.2 4.0 0 25 50 75 100 125 150 175 downloaded from: http:///
1n5913b 3 p thru 1n59 5 6 b 3 p m cc revision: c 20 1 5 /0 1 /1 4 tm micro commercial components w w w . m c c s e m i .c o m 4 of 5 figure 6. effect of zener voltage figure 7. capacitance curve figure 8. typical pulse rating curve figure 9. pulse waveform figure 10. pulse waveform downloaded from: http:///
m cc revision: c 20 1 5 /0 1 /1 4 tm micro commercial components w w w . m c c s e m i .c o m 5 of 5 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 5 k p c s / r e e l p a r t n u m b e r- a p a m m o p a c k i n g : 5 k p c s / a mm o b o x p a r t n u m b e r - bp b u l k: 5 0 k p c s / c a r t o n o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 1N5926B3P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X