Part Number Hot Search : 
45F2R0 D3305 AD7760 DS1012 LQFP208 IC16F1 C100B D1027
Product Description
Full Text Search
 

To Download TGS2352-2-SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TGS2352-2-SM 0.5 to 12 ghz high power spdt reflective switch preliminary datasheet: rev - 01-07-14 - 1 of 11 - disclaimer: subject to change without notice ? 2014 triquint www.triquint.com applications ? commercial and military radar ? communications ? electronic warafe ? test instrumentation ? general purpose qfn 4x4mm 22l product features ? spdt, reflective ? frequency range: 0.5 to 12 ghz ? input power: up to 20 w ? insertion loss: <1 db ? isolation: ?35 db typical ? switching speed: <35 ns ? control voltages: 0 v/?40 v ? dimensions: 4.0 x 4.0 x 1.42 mm functional block diagram pin configuration pin no. label 1-2, 4-6, 8-9, 11-17, 19-20, 22-23 gnd 3 rf in 7 v c2 10 rf out 2 18 rf out 1 21 v c1 general description the triquint TGS2352-2-SM is a single-pole, double- throw (spdt) reflective switch packaged in a 4x4mm ceramic, air-cavity qfn. fabricated on triquint?s 0 .25um gan on sic production process, the tgs2353-2-sm operates from 0.5- 18ghz and can swtich up to 10w with low insertion loss and high isolation. the tgs2353-2- sm performance allows it to be used in a variety of applications across commercial and mil itary markets; low and high power. lead-free and rohs compliant evaluation boards are available upon request. ordering information part no. eccn description TGS2352-2-SM ear99 0.5 to 12 ghz high power spdt reflective switch 3 18 j1 rf in vc2 j2 - rf out 1 j3 - rf out 2 10 21 7 vc1
TGS2352-2-SM 0.5 to 12 ghz high power spdt reflective switch preliminary datasheet: rev - 01-07-14 - 2 of 11 - disclaimer: subject to change without notice ? 2014 triquint www.triquint.com recommended operating conditions parameter min typ max units v c1 ?40/0 v v c2 0/?40 v i c1 / i c2 ?0.25 to 0.1 ma electrical performance is measured under conditions noted in the electrical specifications table. specification s are not guaranteed over all recommended operating condition s. absolute maximum ratings parameter rating control voltage (v c ) ?50 v control current (i dc ) ?1.5 to 6 ma power dissipation (p diss ) 5 w rf input power, cw, 50 , t = 25 c 44 dbm channel temperature (t ch ) 275 c mounting temperature (30 seconds) 320 c storage temperature ?40 to 150 c operation of this device outside the parameter rang es given above may cause permanent damage. electrical specifications test conditions unless otherwise noted: 25 c, v c1 = ?40/0 v, v c2 = 0/?40 v, see function table on page 7 parameter min typ max units operational frequency range 0.5 12 ghz insertion loss <1 db input return loss ? common port 15 db output return loss ? switched port 15 db isolation ?35 db output return loss ? isolated port 3 db input power 43 dbm insertion loss temperature coefficient ?0.004 db/c switching speed ? on 31 ns switching speed ? off 18 ns
TGS2352-2-SM 0.5 to 12 ghz high power spdt reflective switch preliminary datasheet: rev - 01-07-14 - 3 of 11 - disclaimer: subject to change without notice ? 2014 triquint www.triquint.com median lifetime thermal and reliability information parameter condition value units thermal resistance ( jc ) (1) t base = 85c 21 c/w channel temperature (t ch ) t base = 85c, v c1 = 0 v, v c2 = ?40 v, p in = 20 w, p diss = 4.15 w 166 c median lifetime (t m ) 3.21 x 10^8 hours notes: 1. measured to back of package 1e+04 1e+05 1e+06 1e+07 1e+08 1e+09 1e+10 1e+11 1e+12 1e+13 1e+14 1e+15 1e+16 1e+17 1e+18 25 50 75 100 125 150 175 200 225 250 275 median lifetime, t m (hours) channel temperature, t ch ( c) median lifetime vs. channel temperature fet13
TGS2352-2-SM 0.5 to 12 ghz high power spdt reflective switch preliminary datasheet: rev - 01-07-14 - 4 of 11 - disclaimer: subject to change without notice ? 2014 triquint www.triquint.com typical performance -3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0 2 4 6 8 10 12 14 16 insertion loss (db) frequency (ghz) insertion ? loss vs. ? freq. ? vs. ? temp. v c1 = ?40 v, v c2 = 0 v +85 c +25 c ?40 c -80 -70 -60 -50 -40 -30 -20 0 2 4 6 8 10 12 14 16 isolation (db) frequency (ghz) isolation vs. frequency +85 c +25 c ?40 c v c1 = 0 v, v c2 = -40 v -35 -30 -25 -20 -15 -10 -5 0 0 2 4 6 8 10 12 14 16 common port return loss (db) frequency (ghz) irl (common port) vs. freq. vs. temp. +85 c +25 c ?40 c v c1 = ?40 v, v c2 = 0 v -35 -30 -25 -20 -15 -10 -5 0 0 2 4 6 8 10 12 14 16 switched port return loss (db) frequency (ghz) orl (switched port) vs. freq. vs. temp. +85 c +25 c ?40 c v c1 = ?40 v, v c2 = 0 v -7 -6 -5 -4 -3 -2 -1 0 0 2 4 6 8 10 12 14 16 isolated port return loss (db) frequency (ghz) orl (isolated port) vs. freq. vs. temp. +85 c +25 c ?40 c v c1 = 0 v, v c2 = -40 v
TGS2352-2-SM 0.5 to 12 ghz high power spdt reflective switch preliminary datasheet: rev - 01-07-14 - 5 of 11 - disclaimer: subject to change without notice ? 2014 triquint www.triquint.com typical performance -3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0 2 4 6 8 10 12 14 16 insertion loss (db) frequency (ghz) insertion ? loss vs. ? freq vs. ? v c v c = ?30 v v c = ?35 v v c = ?40 v v c = ?20 v v c = ?25 v temp. = +25 ? c -80 -70 -60 -50 -40 -30 -20 0 2 4 6 8 10 12 14 16 isolation (db) frequency (ghz) isolation vs. freq vs. v c v c = ?20 v v c = ?25 v v c = ?30 v v c = ?35 v v c = ?40 v temp. = +25 ? c -3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 18 20 22 24 26 28 30 32 34 36 38 40 42 44 loss compression (db) input power (dbm) loss compression vs. p in vs. frequency v c = ?40 v temp. = +25 ? c 8 ghz 10 ghz 12 ghz 1 ghz -3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 18 20 22 24 26 28 30 32 34 36 38 40 42 44 loss compression (db) input power (dbm) loss compression vs. p in vs. temperature +85 c +25 c ?40 c v c = ?40 v, freq = 1 ghz temp. = +25 ? c -3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 18 20 22 24 26 28 30 32 34 36 38 40 42 44 loss compression (db) input power (dbm) loss compression vs. p in vs. temperature +85 c +25 c ?40 c v c = ?40 v, freq = 12 ghz temp. = +25 ? c -3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 18 20 22 24 26 28 30 32 34 36 38 40 42 44 loss compression (db) input power (dbm) loss compression vs. p in vs. v c temp. = +25 ? c v c ?20 v v c ?25 v v c ?30 v v c ?15 v v c ?35 v v c ?40 v frequency = 1 ghz
TGS2352-2-SM 0.5 to 12 ghz high power spdt reflective switch preliminary datasheet: rev - 01-07-14 - 6 of 11 - disclaimer: subject to change without notice ? 2014 triquint www.triquint.com typical performance 50 52 54 56 58 60 62 64 66 8 10 12 14 16 18 20 22 24 26 28 30 32 otoi (dbm) input power / tone (dbm) otoi vs. p in /tone vs. frequency temp. = +25 ? c 8 ghz 10 ghz 12 ghz 2 ghz v c = ?40 v, tone spacing = 10 mhz 50 52 54 56 58 60 62 64 66 68 70 8 10 12 14 16 18 20 22 24 26 28 30 32 otoi (dbm) input power / tone (dbm) otoi vs. p in /tone vs. temperature +85 c +25 c ?40 c v c = ?40 v, freq. = 2 ghz tone spacing = 10 mhz 50 52 54 56 58 60 62 64 66 68 70 8 10 12 14 16 18 20 22 24 26 28 30 32 otoi (dbm) input power / tone (dbm) otoi vs. p in /tone vs. temperature +85 c +25 c ?40 c v c = ?40 v, freq. = 12 ghz tone spacing = 10 mhz
TGS2352-2-SM 0.5 to 12 ghz high power spdt reflective switch preliminary datasheet: rev - 01-07-14 - 7 of 11 - disclaimer: subject to change without notice ? 2014 triquint www.triquint.com application circuit the switch can be configured as a single-pole, sing le-throw (spst) by terminating one unused rf out port with a 50 load. bias-up procedure 1. v c1 or v c2 set to 0 v (see function table for rf path) 2. v c2 or v c1 set to -40 v (see function table for rf path) 3. apply rf signal to rf input bias-down procedure 1. turn off rf supply 2. turn v c2 or v c1 to 0 v 3. turn v c1 or v c2 to 0 v function table rf path state v c1 v c2 rf in to rf out1 (50 load to rf out2) insertion loss 0 v ?40 v isolation ?40 v 0 v rf in to rf out2 (50 load to rf out1) insertion loss ?40 v 0 v isolation 0 v ?40 v pin 1 indicator j1 rf in vc2 0 v / -40 v j3 rf out 2 j2 rf out 1 vc1 -40 v / 0 v 1 2 3 4 5 6 7 8 9 10 21 20 19 18 17 TGS2352-2-SM 16 15 14 13 12 11 22
TGS2352-2-SM 0.5 to 12 ghz high power spdt reflective switch preliminary datasheet: rev - 01-07-14 - 8 of 11 - disclaimer: subject to change without notice ? 2014 triquint www.triquint.com pin description pin no. label description 1-2, 4-6, 8-9, 11-17, 19-20, 22 gnd connected to gnd paddle (pin 23); must be grounded on pcb to improve isolation 3 rf in rf input; matched to 50 ohms; dc coupled 7 v c2 control voltage #2; external components are not req uired 10 rf out 2 output #2, matched to 50 , dc coupled 18 rf out 1 output #1, matched to 50 , dc coupled 21 v c1 control voltage #1; external components are not req uired 23 gnd backside paddle. multiple vias should be employed to minimize inductance and thermal resistance. pc board layout
TGS2352-2-SM 0.5 to 12 ghz high power spdt reflective switch preliminary datasheet: rev - 01-07-14 - 9 of 11 - disclaimer: subject to change without notice ? 2014 triquint www.triquint.com mechanical information ? package information and di mensions notes: 1. material: package base: aluminum nitride (aln) package lid: liquid crystal polymer (lcp) 2. finish: electroless gold (au): 2.54 to 8.89 m over electroless nickel (ni): 1.52 to 5.71 m 3. part marking: 2352: part number yy: part assembly year ww: part assembly week mxxx: batch id 4. units: millimeters
TGS2352-2-SM 0.5 to 12 ghz high power spdt reflective switch preliminary datasheet: rev - 01-07-14 - 10 of 11 - disclaimer: subject to change without notice ? 2014 triquint www.triquint.com recommended soldering temperature profile
TGS2352-2-SM 0.5 to 12 ghz high power spdt reflective switch preliminary datasheet: rev - 01-07-14 - 11 of 11 - disclaimer: subject to change without notice ? 2014 triquint www.triquint.com product compliance information esd sensitivity ratings caution! esd-sensitive device esd rating: class 1a value: passes 250 v min. test: human body model (hbm) standard: jedec standard jesd22-a114 msl rating level 1 at +260 c convection reflow the part is rated moisture sensitivity level tbd at 260 c per jedec standar ipc/jedec j-std-020. solderability compatible with the latest version of j-std-020, le ad- free solder, 260 c. rohs compliance this part is compliant with eu 2002/95/ec rohs directive (restrictions on the use of certain hazar dous substances in electrical and electronic equipment). this product also has the following attributes: ? lead free ? halogen free (chlorine, bromine) ? antimony free ? tbbp-a (c 15 h 12 br 4 0 2 ) free ? pfos free ? svhc free eccn us department of commerce ear99 contact information for the latest specifications, additional product i nformation, worldwide sales and distribution locati ons, and information about triquint: web: www.triquint.com tel: +1.972.994.8465 email: info-sales@triquint.com fax: +1.972.994.8504 for technical questions and application information : email: info-products@triquint.com important notice the information contained herein is believed to be reliable. triquint makes no warranties regarding the informat ion contained herein. triquint assumes no responsibility or liability whatsoever f or any of the information contained herein. triquint assumes no responsibility or liab ility whatsoever for the use of the information con tained herein. the information contained herein is provided "as i s, where is" and with all faults, and the entire ri sk associated with such information is entirely with the user. all information contained herein is subject to chan ge without notice. customers should obtain and verify the latest relev ant information bef ore placing orders for triquint products. the information contained herein or any use of such inf ormation does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or anything described by such information. triquint products are not warranted or authorized f or use as critical components in medical, life-savi ng, or life- sustaining applications, or other applications wher e a failure would rea sonably be expected to cause severe personal injury or death.


▲Up To Search▲   

 
Price & Availability of TGS2352-2-SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X