Part Number Hot Search : 
TDA1526N ELM185B C68HC70 15005 S2801 DT74AL STZ8082 RU206G
Product Description
Full Text Search
 

To Download SGB-6433Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features 1 of 8 optimum technology matching? applied gaas hbt ingap hbt gaas mesfet sige bicmos si bicmos sige hbt gaas phemt si cmos si bjt gan hemt rf micro devices?, rfmd?, optimum technology matching?, enabling wireless connectivity?, powerstar?, polaris? total radio? and ultimateblue? are trademarks of rfmd, llc. bluetooth is a trade- mark owned by bluetooth sig, inc., u.s.a. and licensed for use by rfmd. all other trade names, trademarks and registered tradem arks are the property of their respective owners. ?2006, rf micro devices, inc. product description 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . rf mems sgb-6433(z) dc to 3.5ghz active bias gain block rfmd?s sgb-6433 is a high performance sige hbt mmic amplifier utilizing a dar- lington configuration with an active bias network. the active bias network provides stable current over temperature and process beta variations. designed to run directly from a 5v supply the sgb-6433 does not require a drop resistor as com- pared to typical darlington amplifiers. this robust amplifier features a class 1c esd rating, low thermal resistance , and unco nditional stability. the sgb-6433 product is designed for high linearity 5v gain bloc k applications that require small size and minimal external components. it is on chip matched to 50 and an external bias inductor choke is required for the application band. vcc nc nc gnd nc nc nc vbias nc nc nc rfin nc rfout nc nc active bias ? high reliability sige hbt technology ? robust class 1c esd ? simple and small size ? p 1db =18.5dbm at 1950mhz ? ip 3 =31dbm at 1950mhz ? low thermal resistance=60c/w applications ? 5v applications ? lo buffer amp ? rf pre-driver and rf receive path eds-103095 rev h 9 rfmd green, rohs compliant, pb-free (z part number) package: 3x3 qfn, 16-pin sgb-6433(z) parameter specification unit condition min. typ. max. small signal gain 20.0 db 850mhz 14.5 16.0 17.5 db 1950mhz 15.0 db 2400mhz output power at 1db compression 18.5 dbm 850mhz 16.5 18.5 dbm 1950mhz 17.5 dbm 2400 mhz output third order intercept point 33.0 db 850mhz 28.5 31.0 db 1950mhz 31.0 db 2400 mhz noise figure 4.1 5.1 db 1950mhz frequency of operation dc 3500 mhz current 76 88 98 ma input return loss 12.0 15.0 db 1950mhz output return loss 8.5 11.5 db 1950mhz thermal resistance 60 c/w junction to backside test conditions: z 0 =50 , v cc =5v, i c =88ma, t=30c
2 of 8 eds-103095 rev h 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . sgb-6433(z) detailed performance table: v cc =5v, i c =88ma, t=25c, z=50 simplified device schematic absolute maximum ratings parameter rating unit current (l c total) 150 ma max device voltage (v d )6.5v max rf input power 20 dbm power dissipation 0.75 w max junction temperature (t j ) 150 c operating temperature range (t l ) -40 to + 85 c max storage temperature -40 to +150 c operation of this device beyond any one of these limits may cause permanent dam- age. for reliable continuous operation, the device voltage and current must not exceed the maximum operating values specified in the table on page one. bias conditions should also satisfy the following expression: i d v d <(t j -t l )/r th , j-l parameter unit 100 mhz 500 mhz 850 mhz 1950 mhz 2400 mhz 3500 mhz small signal gain (g) db 21.2 20.7 20.0 16.0 15.0 12.3 output 3rd order intercept point (oip 3 ) dbm 34.0 33.0 31.0 31.0 output power at 1db compression (p 1db ) dbm 18.918.518.517.5 input return loss (irl) db 43.6 33.3 25.6 15.0 13.8 9.7 output return loss (orl) db 15.8 13.9 12.2 11.5 10.2 11.3 reverse isolation (s 12 ) db 24.4 24.6 25.0 24.4 23.8 22.5 noise figure (nf) db 5.1 3.6 3.6 4.1 4.6 5.2 caution! esd sensitive device. exceeding any one or a combination of the absolute maximum rating conditions may cause permanent damage to the device. extended application of absolute maximum rating conditions to the device may reduce device reliability. specified typical perfor- mance or functional operation of the devi ce under absolute maximum rating condi- tions is not implied. rohs status based on eudirective2002/95/ec (at time of this document revision). the information in this publication is believed to be accurate and reliable. however, no responsibility is assumed by rf micro devices, inc. ("rfmd") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. no license is granted by implication or otherwise under any patent or patent rights of rfmd. rfmd reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice. 16 1 4 58 9 12 13 15 14 2 3 11 10 67 active bias
3 of 8 eds-103095 rev h 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . sgb-6433(z) evaluation board data (v cc =v bias =5.0v, i c =88ma) bias tee substituted for dc feed inductor (l1) gain vs frequency 12.0 14.0 16.0 18.0 20.0 22.0 24.0 0.40.91.41.92.4 frequency (ghz) gain (db) +25c +85c -40c p1db vs. frequency 14.0 15.0 16.0 17.0 18.0 19.0 20.0 0.4 0.9 1.4 1.9 2.4 frequency (ghz) p1db (dbm) +25c +85c -40c noise figure vs. frequency 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 frequency (ghz) noise figure (db) +25c +85c -40c ic vs. temperature 0. 000 0. 020 0. 040 0. 060 0. 080 0. 100 0. 120 + 85c + 25c -40c temperature ic (ma) current vs. voltage 0.000 0.020 0.040 0.060 0.080 0.100 0.120 0.140 4.44.64.85.05.25.45.65.86.06.2 vc (volts) ic (a) oip3 vs. frequency 22.0 24.0 26.0 28.0 30.0 32.0 34.0 36.0 0.40.91.41.92.4 frequency (ghz) oip3 (dbm) +25c +85c -40c
4 of 8 eds-103095 rev h 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . sgb-6433(z) evaluation board data (v cc =v bias =5.0v, i c =88ma) bias tee substituted for dc feed inductor (l1) cont l s 11 l vs. frequency -50.0 -45.0 -40.0 -35.0 -30.0 -25.0 -20.0 -15.0 -10.0 -5.0 0.0 0.01.02.03.04.05.06.0 frequency (ghz) s 11 (db) +25c +85c -40c l s 21 l vs. frequency 0.0 5.0 10.0 15.0 20.0 25.0 30.0 0.01.02.03.04.05.06.0 frequency (ghz) s 21 (db) +25c +85c -40c l s 22 l vs. frequency -30.0 -25.0 -20.0 -15.0 -10.0 -5.0 0.0 0.0 1.0 2.0 3.0 4.0 5.0 6.0 frequency (ghz) s 22 (db) +25c +85c -40c l s 12 l vs. frequency -28.0 -26.0 -24.0 -22.0 -20.0 -18.0 0.0 1.0 2.0 3.0 4.0 5.0 6.0 frequency (ghz) s 12 (db) +25c +85c -40c
5 of 8 eds-103095 rev h 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . sgb-6433(z) recommended land pattern dimensions in millimeters (inches) recommended pcb solderma sk for land pattern pin function description 1, 2, 4, 6, 7, 8, 11, 12, 14 nc these are no connect pins. leave them unconnected on the pc board. 3rf in rf input pin. a dc voltage should not be connected externally to this pin 5gnd an extra ground pin that is connected to the backside exposed paddle. connection is optional. 10 rf out rf output pin. bias is applied to the darlington stage thru this pin. 13 vbias this pin sources the current from the active bias ci rcuit. connect to pin 10 thru an inductor choke. 16 vcc this is vcc for the active bias circuit. back- side gnd the backside exposed paddle is the main electrical gnd and requires multiple vias in the pc board to gnd. itis also the main thermal path. 1.58 [0.062] 0.50 [0.020] 0.26 [0.010] 0.38 [0.015] 0.29 [0.011] 0.21 [0.008] 1.58 [0.062] 0.75 [0.030] ?0.38 [?0.015] 0.005 chamfer (8pl) plated thru (4pl) 1.20 [0.047] 0.50 [0.020] 0.25 [0.010] 1.20 [0.047] 0.46 [0.018] 0.53 [0.021] 3.17 [0.125]
6 of 8 eds-103095 rev h 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . sgb-6433(z) package drawing dimensions in millimeters (inches) refer to drawing posted at www.rfmd.com for tolerances. typical evaluation board schematic for 3.0v rfin rfout vcc nc nc gnd opti on nc nc nc vbias nc nc nc rfin nc rfout nc nc vcc c1 c2 c3 c4 l1
7 of 8 eds-103095 rev h 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . sgb-6433(z) evaluation board layout and bill of materials board material getek, 31mil thick, dk=4.2, 1oz copper component values by band *c4 is optional depending on application and fi ltering. not required for sgb device operation. note: the amplifier can be run from a 8v supply by simply inserting a 33 resistor in series with v cc . part identification the part will be symbolized with an ?sgb6433? for sn/pb plat ing or ?sgb64z? for rohs green compliant product. marking designator will be on the top surface of the package. ordering information designator 500mhz 850mhz 1950mhz 2400mhz c3 1000pf 1000pf 1000pf 1000pf c4* 1uf 1uf 1uf 1uf c1, c2 220pf 68pf 43pf 22pf l1 68nh 33nh 22nh 18nh part number reel size devices/reel sgb-6433 13? 3000 SGB-6433Z 13? 3000 c3 c2 c1 l1 c4
8 of 8 eds-103095 rev h 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . sgb-6433(z)


▲Up To Search▲   

 
Price & Availability of SGB-6433Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X