Part Number Hot Search : 
ATA5278 SR4050PT 88MS05 SI1125HD VSSR1647 1A101 H85TBXX MAX4644
Product Description
Full Text Search
 

To Download SG12864F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SG12864F ( 128 dots x 64 dots ) features mechanical data built-in controller (t6963c or equivalent) item dimensions unit +5 v power supply module size (w x h x t) 87.0 x 70.0 x 8.8 ( 12.7 led ) mm 1/64 duty cycle viewing area ( w x h ) 72.0 x 40.0 mm 8-bit parallel interface active area ( w x h ) 66.52 x 33.24 mm 4.2 v led forward voltage dot size ( w x h ) 0.48 x 0.48 mm dot pitch ( w x h ) 0.52 x 0.52 mm interface pin connections absolute maximum ratings no. symbol level function item symbol min. typ. max. unit 1v ss 0v power supply ground supply voltage for logic v dd -v ss 0 - 7 v 2v dd 5v power supply voltage supply voltage for lcd drive v dd -v o 0 - 14 v 3v o - contrast adjustment voltage input voltage v i vss - v dd v 4 c/d h/l h : data, l : instruction code 5 /rd l write signal electrical characteristics 6 /wr l read signal item symbol condition min. typ. max. unit 7~14 db0~db7 h/l data bus line supply voltage for logic v dd -v ss - 4.5 5 5.5 v 15 /ce l enable signal supply voltage for lcd v dd -v o v dd =5v ta=25 7.6 8.3 9.2 v 16 /rst l reset signal supply current i dd v dd =5v - 4.5 10 ma 17 vout - power supply voltage for lcd input "high" level v ih - 2.2 - v dd v 18 md h/l h : 32/ l : 40 select of columns voltage "low" level v il - - - 0.6 v 19 fs h/l h : 6*8 , l : 8*8 select of columns output "high" level v oh - 2.4 - - v 20 /hlt l stop the oscillatuion of clock voltage "low" level v ol - - - 0.4 v external dimensions


▲Up To Search▲   

 
Price & Availability of SG12864F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X