Part Number Hot Search : 
MSM6368 BAV20 54125 NJU3715A AME8845 IZ1242C 4850A BC558
Product Description
Full Text Search
 

To Download SBT20100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p s b t20100ct j uly 7 ,201 5 - rev.0 1 page 1 schottky barrier rectifiers voltage 10 0 v current 2 0 a f eatures ? plastic package has underwriters laboratory flammability classification 94v - o. flame retardant epoxy molding compound. ? hi gh surge capacity. ? for use in low voltage, high frequency inverters free wheeling, and polarlity protection applications ? lead free in compliance with eu rohs 2011/65/eu directive . mechanical data ? case: molded plastic, to - 220ab ? terminals: axial leads,s olderable per mil - std - 750, method 2026 ? approx. weight: 0.067 ounces, 1.89 grams ? marking: part number note : 1. device mounted on a infinite heatsink. maximum ratings ( t a =25 o c unless otherwise noted) parameter symbol limit unit maximum repetitive peak reverse voltage v rrm 10 0 v maximum rms voltage v rm s 70 v storage t emperature r ange v r 10 0 v maximum average forward rectified current per device per diode i f(av) 20 10 a peak forward surge current : 8.3ms single half sine - wave
superimposed on rated load per diode i fsm 120 a maximum forward voltage at 10a per diode v f 0.8 v maximum dc reverse current at rated dc blocking voltage per diode i r 60 ? typical thermal resistance per diode (note 1) r ? jc 2 o c /w operating junction temperature range t j - 55 to +150 o c storage temperature range t stg - 55 to +150 o c 0.419(10.66) 0.387(9.85) 0.156(3.95) 0.147(3.75) 0.058(1.47) 0.042(1.07) 0.038(0.96) 0.019(0.50) 0.100(2.54) 0.100(2.54) 0.196(5.00) 0.163(4.16) 0.054(1.39) 0.045(1.15) 0.115(2.92) 0.080(2.03) 0.025(0.65)max. 0 . 1 7 7 ( 4 . 5 ) m a x . 0 . 5 0 ( 1 2 . 7 ) m i n . 0 . 6 2 4 ( 1 5 . 8 7 ) 0 . 1 4 6 ( 3 . 7 ) 0 . 5 4 8 ( 1 3 . 9 3 ) 0 . 1 3 0 ( 3 . 3 )
p s b t20100ct july 7 ,2 0 1 5 -rev.0 1 page 2 0 2.5 5 7.5 10 12.5 0 25 50 75 100 125 150 t c , case temperature ( c) i f , forward current (a) 0.001 0.01 0.1 1 10 100 20 30 40 50 60 70 80 90 100 i r , reverse current (ma) t j = 25 c t j = 75 c t j = 125 c t j = 150 c fig.3 typical reverse characteristics fig.4 typical forward characteristics fig.1 forward current derating curve fig.2 typical junction capacitance 1 10 100 1000 11 01 0 0 c j , junction capacitance (pf) v r , reverse bias voltage (v) 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 i f , forward current (a) v f , forward voltage (v) t j = 125 c t j = 150 c t j = 25 c t j = 75 c per diode per diode per diode per diode percent of rated peak reverse voltage (%)
p s b t20100ct j uly 7 ,201 5 - rev.0 1 page 3 part no_packing code_version sb t20100ct _ t0 _00001 sb t20100ct _ t0 _10001 for example : r b500v - 40 _ r2 _ 00 0 01 B serial number B B version code means hf part no. B packing size code means 13" B packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs
1 st code 2 nd ~5 th code tape and ammun ition box
(t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing
(b/p) b 13" 2 tube packing
(t/p) t 26mm x tape and reel (right oriented)
(trr) s 52mm y tape and reel (left oriented)
(trl) l panasert t /b cathode up
(pbcu) u forming f panasert t/b cathode down
(pbcd) d
p s b t20100ct j uly 7 ,201 5 - rev.0 1 page 4 disclaimer


▲Up To Search▲   

 
Price & Availability of SBT20100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X