Part Number Hot Search : 
ML120 INTERNA LTC372 MB905 KSP94 1206H SMCJ33C TM6203
Product Description
Full Text Search
 

To Download SB007-03Q-TL-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  71812 tkim/62098ha(kt)/d1096 gi/d288ta, ts no.2939-1/5 http://onsemi.com semiconductor components industries, llc, 2013 september, 2013 sb007-03q schottky barrier diode 30v, 70ma, low ir, single mcp stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliabili ty. 3 12 product & package information ? package : mcp ? jeita, jedec : sc-70, sot-323 ? minimum packing quantity : 3,000 pcs./reel packing type: tl marking electrical connection g lot no. lot no. tl 1 : anode 2 : no contact 3 : cathode mcp 3 12 2.0 0.425 0.425 0.3 0.65 2.1 0.9 1.25 0.3 0.2 0 to 0.08 0.15 SB007-03Q-TL-E applications ? high frequency recti cation (switching regulators, converters, choppers) features ? low forward voltage (v f max=0.55v) ? fast reverse recovery time (t rr max=10ns) ? low switching noise ? low leakage current and high reliability due to highly reliable planar structure ? small-sized package permitting sb007-03q applied sets to be compact and slim speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit repetitive peak reverse voltage v rrm 30 v nonrepetitive peak reverse surge voltage v rsm 35 v average output current i o 70 ma surge forward current i fsm 50hz sine wave, 1 cycle 2 a junction temperature tj --55 to +125 c storage temperature tstg --55 to +125 c package dimensions unit : mm (typ) 7023a-005 ordering number : en2939b
sb007-03q no.2939-2/5 electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max reverse voltage v r i r =20 a30v forward voltage v f i f =70ma 0.55 v reverse current i r v r =15v 5 a interterminal capacitance c v r =10v, f=1mhz 3.0 pf reverse recovery time t rr i f =i r =10ma, see speci ed test circuit. 10 ns t rr test circuit ordering information device package shipping memo SB007-03Q-TL-E mcp 3,000pcs./reel pb free duty 10% 50 100 10 5v t rr 10ma 10ma 1ma 10 s i f -- v f i r -- v r forward voltage, v f -- v forward current, i f -- m a reverse voltage, v r -- v reverse current, i r -- a reverse voltage, v r -- v interterminal capacitance, c -- pf c -- v r i fsm -- t time, t -- s surge forward current, i fsm (peak) -- a 5 101520253035 2 5 2 5 2 5 2 5 1000 100 10 1.0 2 5 0.1 0.01 0 id00245 0.4 0.6 0.8 1.2 1.0 0.2 0 id00244 f=1mhz ta=125 c 100 c 25 c 50 c 75 c 3 7 5 2 2 1.0 10 3 7 5 7 5 2 2 2 1.0 10 3 7 5 100 3 7 5 7235 57 1.0 2 10 35 2 1.0 323 57 2 0.1 357 0.01 7 id00246 0 0.4 0.8 2.0 2.4 1.2 1.6 2.8 id00247 i s 20ms t ta=125 c 25 c current waveform 50hz sine wave
sb007-03q no.2939-3/5 embossed taping speci cation SB007-03Q-TL-E
sb007-03q no.2939-4/5 outline drawing land pattern example SB007-03Q-TL-E mass (g) unit 0.006 * for reference mm unit: mm 0.65 0.65 2.1 0.7 1.0
sb007-03q ps no.2939-5/5 on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc). scillc owns th e rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent covera ge may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc ass ume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation sp ecial, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different ap plications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life , or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchas e or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiarie s, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the d esign or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws a nd is not for resale in any manner.


▲Up To Search▲   

 
Price & Availability of SB007-03Q-TL-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X