Part Number Hot Search : 
WFV20 500ET AO4433 HVC10F 20M02 1021B 5369B C7SZ04
Product Description
Full Text Search
 

To Download NA150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  27 features NA150 fanless desktop risc-based network appliance platform with marvell armada 370 with 5 gbe ports marvell armada 370 soc processor 1.0 ghz onboard ddr3l 1 gb memory one 10/100/1000mbps ethernet port and four 10/100/1000mbps switch ports one 2.5" sata2 hdd wi-fi/3g/lte through mini pcie for optional use one poe (pd) function for optional use ordering information packing list specifications standard NA150-d5gm-1g-us (p/n:e26e150101) fanless network appliance with marvell soc and 5 gbe lan ports, sd (8 gb), 1 gb ram onboard optional 916e552000e db9f- rj45 1.8m console cable for cisco e292215100 ax92215 wper-121gn 802.11b/g/n module * specifications and certifications are based on options and may vary. ** recommend ordering optional cable kit with first order. 1 x power cord 1 x 60w adaptor system cpu marvell armada 370 (88f6707) 1.0 ghz chipset soc integrated memory on board ddr3l 1 gb storage 1 x 2.5" sata2 hdd, 1 x sd slot (default 8gb) network interface 5 x 10/100/1000mbps ethernet i/o interface 1 x rs-232 (rj type connector), 2 x usb connectors, 5 x rj-45 connectors, 1 x dc-in power jack usb 2 x usb 2.0 ports on front side expansion slot 1 x pcie mini card other features poe (pd) / sim slot for optional power supply 60w power adaptor os compatibility linux base (kernel version depends on bsp) mechanical/ environmental form factor 1u desktop led power, hdd, link/act with transfer rate operating temp. 0c ~ +40c (32f ~ 104f) storage temp. -20c ~ +70c (-4f ~ +158f) humidity 10% ~ 95% rh, non-condensing chassis material steel dimensions 44 mm (1.73'') (h) x 231.9 mm (9.012'') (w) x 152 mm (5.98'') (d) weight (net/gross) 2.2 kg (4.85 lb)/2.46 kg (5.42 lb) certification fcc class b/ce class b dimensions rear view front view fanless low power en60950-1 www.axiomtek.com/na


▲Up To Search▲   

 
Price & Availability of NA150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X