Part Number Hot Search : 
CMLD6263 1N3296A 6S004 SCA24CA 1N3296A SCA24CA 43U02 2SD1118
Product Description
Full Text Search
 

To Download LS3010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lsi LS3010 led 4-bit mcu features * 5 led direct drive. * 4khz/2khz buzzer output. * 6 input. * 256 word program control. * 16 x 4 bit ram. * low power consumption * 32768 crystal oscillator/rc oscillator * 1.5v or 3.0v operation. general description the LS3010 is a simple micro-controller for led ap plication. internal rom of 256x12, ram 16x4. it has 5 direct led output. oscillator is rc /crystal selected bonding option. direct buzzer output.
lsi LS3010 2 pin assignment designation type description b0, b1 output buzzer output t1, t2, input test pin ro/oo output rc / 32khz oscillator output (mask opt ion) ri/oi input rc / 32khz oscillator input (mask opti on) vdd power +3.0v power supply gnd power ground i[0:5] input(pl) input key pb input(ph) power up reset s[1:5] output led output note: (ph) - pull high; (od) ? open drain; d.c. characteristic (gnd = 0v, vdd = 3.0v, ta = 25 c unless otherwise specified) parameter symbol min. typ. max. unit conditions supply voltage vdd 1.2 3.0 3.6 v standby current istby 2 a osc. stop operating current idd - 20 50 a no load osc. built-in cap cd - 20 - pf osc. trimmer cap ctrim 5 - 35 pf frequency stability ^f/f - - 10 ppm vdd=3.0 buzzer output current ib 500 - - a vbd-vss=0.5 led current iled 15.0 - - ma vled=1.5v
lsi LS3010 3 pad coordinate pin x y s5 -1101 -159 s4 -1101 -300 s3 -1101 -438 s2 -1101 -576 s1 -1101 -839 vee -1101 -989 i5 1204 -947.5 i4 1204 -809.5 i3 1204 -671.5 i2 1204 -533.5 i1 1204 -395.5 i0 1204 -257.5 t2 1196.5 146 vdd 1195.5 284 b0 1195 430 b1 1195 737 gnd 1193 890.5 t1 1194 1090.5 oi 1053 1089 o0 -127.5 1100 r0 -278 1100 ri -643 1100 pb -782 1100
lsi LS3010 4 pad coordinate note : substrate connected to vdd, chip size : 25 00um x 2600 um
lsi LS3010 5 application circuit


▲Up To Search▲   

 
Price & Availability of LS3010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X