Part Number Hot Search : 
HMC252 HC2220F SMBJ14 STPS1 0F20ZT20 A3525 BFU530X 2030C
Product Description
Full Text Search
 

To Download JXS11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  # 4 # 3 # 1 # 2 1.2 0.1 1.6 0.1 0.35 0.05 # 2 # 1 # 4 # 3 # 1 # 2 # 3 # 4 0.5 0.1 0.37 0.1 0.47 0.1 0.3 0.1 0.67 0.1 0.72 0.1 0.52 0.1 0.97 0.1 dimensions in mm top view side view bottom view crystal connection pad layout #2 - #4: connected to lid rohs 2002/95/ec pb free: pins / pads rohs compliant quartz crystal ? jxe 63 general data frequency stability vs. temperature esr (series resistance rs) smd quartz crystal JXS11 JXS11 24.0 ~ 54.0 mhz (fund. at-cut) 10 ppm / 20 ppm / 30 ppm 8 pf standard (option: 8 pf ~ 30 pf / series) < 5 pf -40 c ~ +90 c 100 w (10 w recommended) < 3 ppm first year (option: < 1 ppm first year for tol. 10 ppm) actual size type frequency range frequency tolerance at 25 c load capacitance c l shunt capacitance c o storage temperature drive level max. aging marking frequency with load capacitance code company code / date code date code: year/month example: 3a = 2013 january jan. febr. mar. apr. may june abcde f july aug. sept. oct. nov. dec. ghj klm -20 c ~ +70 c std. -30 c ~ +85 c t(-30/+85) -40 c ~ +85 c t1 frequency vibration esr max. esr typ. in mhz mode in in 24.0 ~ 25.999 fund. at 200 100 26.0 ~ 29.999 fund. at 150 70 30.0 ~ 39.999 fund. at 120 60 40.0 ~ 54.000 fund. at 60 40 10 ppm 15 ppm 20 ppm 30 ppm 50 ppm ooo ? o oooo oo ? ? standard o available 4 pad version 1.6 x 1.2 mm  10 ppm type available  emi shielding possible by grounded lid  reflow soldering temperature: 260 c max.  ceramic / metal package order information example: q 32.0-JXS11-12-30/30-fu-lf (suffix lf = rohs compliant / pb free pins or pads) q frequency type load capacitance quartz 24.0 ~ 54.0 mhz JXS11 8 pf standard 8 pf ~ 30 pf s for series 10 = 10 ppm 20 = 20 ppm 30 = 30 ppm see table option stability at 25 c stability vs. temp. range 160113-18 jauch quartz gmbh ? e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.co.uk / www.jauch.fr / www.jauchusa.com all specifications are subject to change without notice blank = -20 c ~ +70 c t1 = -40 c ~ +85 c t (-30 /+85) = -30 c ~ +85 c fu = for fundamental frequencies 20 mhz
smd quartz crystal JXS11 feeding 0.65 0.05 3.5 0.05 8.0 0.2 4.0 0.1 ? 1.55 0.05 0.1 1.45 4.0 0.1 1.75 0.1 1.85 0.1 taping specification 1000 pcs per reel temperature ( c) time (s) 150 260 200 50 100 60 ~180 s 60 s max. 10 s max. 260 c max. 180 5 c 220 5 c reflow soldering profile in mm 2.0 0.1 120 2.0 60.5 0.5 ? 21 0.5 ? 13 0.5 9.0 max. load capacitance codes 8 pf: k 9 pf: n 10 pf: h 11 pf: l 12 pf: a 13 pf: v 22 pf: g 24 pf: d 25 pf: r 27 pf: w 30 pf: . series: s 14 pf: x 15 pf: j 16 pf: b 17 pf: t 18 pf: f 20 pf: c example 36.0 mhz / 12 pf: 36a0 note: parts are also suitable for soldering systems with lead (pb) content jauch quartz gmbh ? e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.co.uk / www.jauch.fr / www.jauchusa.com all specifications are subject to change without notice


▲Up To Search▲   

 
Price & Availability of JXS11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X