Part Number Hot Search : 
180N0 180N0 22MUD FLLD258 RKP200KP 20100C SAA7327 TSM1013
Product Description
Full Text Search
 

To Download FDN358PNL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  january 2003 ? 2003 fairchild semiconductor corporation fdn358p rev g (w) fdn358p single p-channel, logic level, powertrench ? ? ? ? mosfet general description this p-channel logic level mosfet is produced using fairchild semiconductor advanced power trench process that has been especially tailored to minimize the on-state resistance and yet maintain low gate charge for superior switching performance. these devices are well suited for portable electronics applications: load switching and power management, battery charging circuits, and dc/dc conversion. features ? ?1.5 a, ?30 v. r ds(on) = 125 m ? @ v gs = ?10 v r ds(on) = 200 m ? @ v gs = ?4.5 v ? low gate charge (4 nc typical) ? high performance trench technology for extremely low r ds(on) . ? high power version of industry standard sot-23 package. identical pin-out to sot-23 with 30% higher power handling capability. g d s supersot -3 tm d s g absolute maximum ratings t a =25 o c unless otherwise noted symbol parameter ratings units v dss drain-source voltage ?30 v v gss gate-source voltage 20 v i d drain current ? continuous (note 1a) ?1.5 a ? pulsed ?5 power dissipation for single operation (note 1a) 0.5 p d (note 1b) 0.46 w t j , t stg operating and storage junction temperature range ?55 to +150 c thermal characteristics r ja thermal resistance, junction-to-ambient (note 1a) 250 c/w r jc thermal resistance, junction-to-case (note 1) 75 c/w package marking and ordering information device marking device reel size tape width quantity 358 fdn358p 7?? 8mm 3000 units fdn358p
fdn358p rev g (w) electrical characteristics t a = 25c unless otherwise noted symbol parameter test conditions min typ max units off characteristics bv dss drain?source breakdown voltage v gs = 0 v, i d = ?250 a ?30 v ? bv dss ? t j breakdown voltage temperature coefficient i d = ?250 a, referenced to 25 c ?22 mv/ c v ds = ?24v, v gs = 0 v ?1 a i dss zero gate voltage drain current v ds = ?24v, v gs = 0 v, t j =55 c ?10 i gssf gate?body leakage, forward v gs = 20 v, v ds = 0 v 100 na i gssr gate?body leakage, reverse v gs = ?20 v, v ds = 0 v ?100 na on characteristics (note 2) v gs(th) gate threshold voltage v ds = v gs , i d = ?250 a ?1 ?1.9 ?3 v ? v gs(th) ? t j gate threshold voltage temperature coefficient i d = ?250 a, referenced to 25 c 4 mv/ c v gs = ?10 v, i d = ?1.5 a 105 125 m ? v gs = ?10 v, i d = ?1.5 a,t j =125 c 148 210 r ds(on) static drain?source on?resistance v gs = ?4.5 v, i d = ?1.2a, 161 200 i d(on) on?state drain current v gs = ?4.5 v, v ds = ?5 v ?5 a g fs forward transconductance v ds = ?5 v, i d = ?1.5 a 3.5 s dynamic characteristics c iss input capacitance 182 pf c oss output capacitance 56 pf c rss reverse transfer capacitance v ds = ?15 v, v gs = 0 v, f = 1.0 mhz 26 pf switching characteristics (note 2) t d(on) turn?on delay time 5 10 ns t r turn?on rise time 13 23 ns t d(off) turn?off delay time 12 21 ns t f turn?off fall time v dd = ?15 v, i d = ?0.5 a, v gs = ?10 v, r gen = 6 ? 2 4 ns q g total gate charge 4 5.6 nc q gs gate?source charge 0.8 nc q gd gate?drain charge v ds = ?15v, i d = ?1.5 a, v gs = ?10 v 0.8 nc drain?source diode characteristics and maximum ratings i s maximum continuous drain?source diode forward current ?0.42 a v sd drain?source diode forward voltage v gs = 0 v, i s = ?0.42 a (note 2) ?0.76 ?1.2 v notes: 1. r ja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the so lder mounting surface of the drain pins. r jc is guaranteed by design while r ca is determined by the user's board design. a) 250 c/w when mounted on a 0.02 in 2 pad of 2 oz. copper. b) 270c/w when mounted on a minimum pad. scale 1 : 1 on letter size paper 2. pulse test: pulse width 300 s, duty cycle 2.0% fdn358p
fdn358p rev g (w) typical characteristics 0 1 2 3 4 5 00.511.522.5 -v ds , drain to source voltage (v) -i d , drain current (a) v gs =-10v -4.5v -3.5v -3.0v -6.0v 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 012345 -i d , drain current (a) r ds(on) , normalized drain-source on-resistance v gs =-4.0v -10v -6.0v -5.0v -7.0v -4.5v figure 1. on-region characteristics. figure 2. on-resistance variation with drain current and gate voltage. 0.6 0.8 1 1.2 1.4 1.6 -50 -25 0 25 50 75 100 125 150 t j , junction temperature ( o c) r ds(on) , normalized drain-source on-resistanc e i d = -1.5a v gs = -10v 0 0.1 0.2 0.3 0.4 246810 -v gs , gate to source voltage (v) r ds(on) , on-resistance (ohm) i d = -0.75a t a = 125 o c t a = 25 o c figure 3. on-resistance variation with temperature. figure 4. on-resistance variation with gate-to-source voltage. 0 1 2 3 4 5 1.5 2 2.5 3 3.5 4 -v gs , gate to source voltage (v) -i d , drain current (a) t a = -55 o c 25 o c 125 o c v ds = -5v 0.0001 0.001 0.01 0.1 1 10 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -v sd , body diode forward voltage (v) -i s , reverse drain current (a ) v gs = 0v t a = 125 o c 25 o c -55 o c figure 5. transfer characteristics. figure 6. body diode forward voltage variation with source current and temperature. fdn358p
fdn358p rev g (w) typical characteristics 0 2 4 6 8 10 01234 q g , gate charge (nc) -v gs , gate-source voltage (v) i d = -1.5a v ds = -5v -10v -15v 0 50 100 150 200 250 0 5 10 15 20 25 30 -v ds , drain to source voltage (v) capacitance (pf) c iss c oss c rss f = 1 mhz v gs = 0 v figure 7. gate charge characteristics. figure 8. capacitance characteristics. 0.01 0.1 1 10 0.1 1 10 100 -v ds , drain-source voltage (v) -i d , drain current (a) dc 10s 1s 100ms r ds(on) limit v gs = -10v single pulse r ja = 270 o c/w t a = 25 o c 10ms 1ms 0 5 10 15 20 0.001 0.01 0.1 1 10 100 1000 t 1 , time (sec) p(pk), peak transient power (w) single pulse r ja = 270c/w t a = 25c figure 9. maximum safe operating area. figure 10. single pulse maximum power dissipation. 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t 1 , time (sec) r(t), normalized effective transient thermal resistance r ja (t) = r(t) + r ja r ja = 270 c/w t j - t a = p * r ja (t) duty cycle, d = t 1 / t 2 p (p k ) t 1 t 2 single pulse 0.01 0.02 0.05 0.1 0.2 d = 0.5 figure 11. transient thermal response curve. thermal characterization performed using the conditions described in note 1b. transient thermal response will change depending on the circuit board design. fdn358p
 
   

    
         
            
  
  
   
       
      
        
      
  
  
    
  

  
    

       
 
    
 



       
   !"#$%"&'(%& %)'"%&'!%*$%('((!'&$$% "'+'%,'*- %& ''.$'- '($$%+!% !"'*%("&%%$%%(    
/ 0 !  11      2     2 34 5 

    1

  23   45 11    
  3   45      1   
 1 1 2 
  
  
  
 1  
 
3
  
21 

 

6 2   7   1

 
21

   11   2  1  
  
21     11      23       2   
 
             

   
$  
2 (
    
( %      

  
 1    
  1 1
1    
 2


2
  
     

1  
2  3
 11
 2   1          
      
 
2  
 
   1  
      

 
 1    
     
     
 
2  
 
   1 
      

 1    
 
  1    
 

2   
     1
   

   

2     
"
 $  
$  
(
$  


    
  
              !"# !       $     %     & 
'( )        
*      +      ,-./  ,
0  " " "! 
 
 "# !   1+#  
 !%  !    0 #23 #24 #25 (
  ( +
 #    6% 6   7 
 ! 0!$ 8! # ! 0!, 8 0! ,!
0   +$!
'! 


▲Up To Search▲   

 
Price & Availability of FDN358PNL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X