|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
page 1 dsc1001 1.8~3.3v low-power precision cmos oscillator mk -q-b-p-d-050610- 01 -8 general description the dsc 1001 is a silicon mems based cmos oscillator offering excellent jitter and stability performance over a wide range of supply voltages and temperatures. the device operates from 1 to 150mhz with supply voltages between 1.8 to 3.3 volts and temperature ranges up to -40oc to 10 5oc. the dsc1001 incorporates an all silicon resonator that is extremely robust and nearly immune to stress related fractures, common to crystal based oscillators. without sacrificing the performance an d stability required of todays systems, a crystal-less design allows for a higher level of reliability, making the dsc1001 ideal for rugged , industrial, and portable applications where stress, shock, and vibration can damage quartz crystal based systems. available in industry standard packages, the dsc1001 can be dropped - in to the same pcb footprint as standard crystal oscillators. block diagram standby# pfd vco frac-n pll resonator output v dd gnd (pin1) standby# pfd vco frac-n pfd vco frac-n pll resonator output v dd gnd (pin1) features ? frequency range: 1 to 150mhz ? exceptional stability over temperature o 10 ppm, 2 5 ppm, 50 ppm ? operating voltage o 1.7 to 3.6v ? operating temperature range o ext. industrial -40oc to 10 5oc o industrial -40oc to 85oc o ext. commercial -20oc to 70oc o commercial 0oc to 70oc ? low operating and standby current o 5ma operating (40mhz) o 15 ua standby ? ultra miniature footprint o 2.5 x 2.0 x 0.85 mm o 3.2 x 2.5 x 0.85 mm o 5.0 x 3.2 x 0.85 mm o 7.0 x 5.0 x 0.85 mm ? mil -std 883 shock and vibration resistant ? pb free, rohs, reach svhc compliant ? aec-q100 reliability qualified benefits ? pin for pin d rop in replacement for industry standard oscillators ? semiconductor level reliability, significantly higher than quartz ? short mass production lead-times ? longer battery life / reduced power ? compact plastic package ? cost effective applications ? mobile applications ? consumer electronics ? portable electronics ? dvr, cctv, surveillance cameras ? low profile applications ? industrial applications downloaded from: http:///
page 2 mk -q-b-p-d-050610- 01 -8 dsc1001 1.8~3.3v low -power precision cmos oscillator absolute maximum ratings 1 item min max unit condition input volta ge -0.3 vdd+0.3 v junction temp - +150 c storage temp - 55 +150 c so ldering temp - +260 c 40 sec max. esd hbm mm cdm - 4000 2 00 1500 v ordering code recommended operating conditions specifications ( vdd = 1.8 to 3.3v) t a =85 0 c unless otherwise specified parameter symbol range supply voltage v dd 1. 7 C 3.6v output load z l r>10k , c15pf operating temperature option 1 option 2 option 3 option 4 t -40 to +105 c - 40 to +85 c - 20 to +70 c 0 to +70 c parameter symbol condition min typ max unit frequency f 0 single frequency 1 150 mhz frequency tolerance f includes frequency variations due to initial tolerance, temperature and power supply voltage 10,25,50 ppm aging f 1 year @ 25c 5 ppm supply current, standby i dd t=2 5c 15 ua output logic levels output logic high output logic low v oh v ol -4ma 4ma 0.8 *v dd - - 0. 2 *v dd volts output startup time 2 t su t= 25c 1 .0 1. 3 ms output disable time t da 20 100 ns output duty cycle sym 45 55 % input logic leve ls input logic high input logic low v ih v il 0.75*v dd - - 0.25* v dd volts dsc1001 032.0000 family output freq 1.0 to 150mhz ce1 package, temp & stability - t tape/ reel * see ordering information for details downloaded from: http:/// page 3 mk -q-b-p-d-050610- 01 -8 dsc1001 1.8~3.3v low -power precision cmos oscillator vdd = 1.8v vdd = 2.5v vdd = 3.3v notes: 1. absolute maximum ratings are those values beyond which the saf ety of the device cannot be guaranteed. the device should not be ope rated beyond these limits. 2. t su is time to stable output frequency after v dd is applied. t su and t en (after en is asserted) are identical values. 3. measured over 50k clock cycles. parameter symbol condition min typ max unit supply current, no load i dd c l =0p r l = t= 25c 1mhz 27 mhz 70 mhz 150mhz 6.0 6.5 7.2 8.3 6.3 6.9 7.5 9.1 ma output transition time rise time fall time t r t f c l =15pf; t= 25c 20%/80%*v dd 1.8 1.0 3 3 ns jitter, max cycle to cycle j cc f = 100mhz 3 60 ps parameter sy mbol condition min typ max unit supply current, no load i dd c l =0p r l = t= 25c 1mhz 27 mhz 70 mhz 150mhz 6 .0 6.7 7.7 9.6 6.3 7.0 8.1 10.6 ma output transition time rise time fall time t r t f c l =15pf; t= 25c 20%/80%*v dd 1.0 0.9 2 2 ns jitter, max cycle to cycle j cc f = 100mhz 3 50 ps parameter symbol condition min typ max unit supply current, no load i dd c l =0p r l = t= 25c 1mhz 27 mhz 70 mhz 150mhz 6 .0 6.8 8.2 10.8 6.3 7.2 8.7 12.2 ma output transition time rise time fall time t r t f c l =15pf; t= 25c 20%/80%*v dd 1.0 0.9 2 2 ns jitter, max cycle to cycle j cc f = 100mhz 3 50 ps downloaded from: http:/// page 4 mk -q-b-p-d-050610- 01 -8 dsc1001 1.8~3.3v low -power precision cmos oscillator nominal performance characteristics 0 4 8 12 16 20 24 0 50 100 150 supply current (ma) frequency (mhz) supply current 0pf 8pf 15pf vdd = 3.65v ta = 25c 0 4 8 12 16 0 50 100 150 supply current (ma) frequency (mhz) supply current 0pf 8pf 15pf vdd = 1.65v ta = 25c 0 0.5 1 1.5 2 0 50 100 150 rise time (ns) frequency (mhz) rise time - 40 c 25 c 85 c vdd = 3.3v 0 0.5 1 1.5 2 0 50 100 150 rise time (ns) frequency (mhz) rise time - 40 c 25 c 85 c vdd = 1.8v 0 0.5 1 1.5 2 0 50 100 150 fall time (ns) frequency (mhz) fall time - 40 c 25 c 85 c vdd = 3.3v 0 0.5 1 1.5 2 0 50 100 150 fall time (ns) frequency (mhz) fall time - 40 c 25 c 85 c vdd = 1.8v downloaded from: http:/// page 5 mk -q-b-p-d-050610- 01 -8 dsc1001 1.8~3.3v low -power precision cmos oscillator output waveform standby function standby# (pin 1) output (pin 3) hi level output on open (no connect) output on low level high impedance test circuit v oh v ol v il 1/f o output standby# t da t en t f t r v ih 0.01uf v dd 15pf i dd *v sd 4 1 2 3 *v sd = standby# logic level input downloaded from: http:/// page 6 mk -q-b-p-d-050610- 01 -8 dsc1001 1.8~3.3v low -power precision cmos oscillator board layout (recommended) solder reflow profile package dimensions 7.0 x 5.0 mm plastic package msl 1 @ 260 c refer to jstd-020c ramp-up rate (200 c to peak temp) 3 c/sec max. preheat time 150 c to 200 c 60 -180 sec time maintained above 217 c 60 -150 sec peak temperature 255-260 c time within 5 c of actual peak 20 -40 sec ramp-down rate 6 c/sec max. time 25 c to peak temperature 8 min max. 60 -150 sec 20 - 40 sec 60 -180 sec 8 min max pre heat reflow cool time temperature ( c) 3c/sec max. 6c/sec max. 200 c 217 c 150 c 25 c 260 c 3c/sec max. 60 -150 sec 20 - 40 sec 60 -180 sec 8 min max pre heat reflow cool time temperature ( c) 3c/sec max. 6c/sec max. 200 c 217 c 150 c 25 c 260 c 60 -150 sec 20 - 40 sec 60 -180 sec 8 min max pre heat reflow cool time temperature ( c) 3c/sec max. 6c/sec max. 200 c 217 c 150 c 25 c 260 c 3c/sec max. pin terminal vdd standby# output gnd #1 #2 #3 #4 7.00.10 [0.2760.004] 5.00.10 [0.1970.004] external dimensions #4 #3 5.08 [0.2] #2 #1 1.2 [0.047] 1.4 [0.055] 0.850.05 [0.0330.002] recommended land pattern* 1.4 [0.055] 1.4 [0.055] 5.08 [0.200] units: mm [inch] no. 4 1 3 2 0. 2 [0.008] 2.6 [0.102] 2.6 [0.102] 0.2 [0.008] 2. 2 [0.087] 3. 5 [0.138] o o o o o o 0. 2 [0.008] *note: the center pad is not connected internally and should be left un- connected or tied to gnd. downloaded from: http:/// page 7 mk -q-b-p-d-050610- 01 -8 dsc1001 1.8~3.3v low -power precision cmos oscillator 5.0 x 3.2 mm plastic package 3.2 x 2.5 mm plastic package pin terminal vdd standby# output gnd #1 #2 #3 #4 50.10 [0.1970.004] 3.20.10 [0.1260.004] external dimensions #4 #3 2.54 [0.100] #2 #1 0.9 [0.035] 1.2 [0.047] 0.850.05 [0.0330.002] recommended land pattern 1.1 [0.043] 1.2 [0.047] 2.54 [0.100] units: mm [inch] no. 4 1 3 2 0. 2 [0.008] 0. 1 [0.004] 2.1 [0.083] 1.2 [0.047] 0. 1 [0.004] pin terminal vdd standby# output gnd 0.850.05 [0.0330.002] recommended land pattern #1 #2 #3 #4 3.20.05 [0.1260.002] 2.50.05 [0.0980.002] #4 #3 #2 #1 0.80.1 [0.0310.004] 0.90.05 [0.0350.002] co.25 1.0 [0.039] 0.9 [0.035] 2.1 [0.083] no. 4 1 3 2 2.1 [0.083] external dimensions units: mm [inch] 0.9 [.035] 0.9 [0.035] 0.2 [0.008] downloaded from: http:/// page 8 mk -q-b-p-d-050610- 01 -8 dsc1001 1.8~3.3v low -power precision cmos oscillator 2.5 x 2.0 mm plastic package ordering information dsc1001 pts C xxx.xxxx t part numbering guide package (plastic qfn) temperature stability frequency packing option p=a: 7.0x5.0mm p=b: 5.0x3.2mm p=c: 3.2x2.5mm p=d: 2 .5 x2.0 mm t= c: 0 o ~ +70 o c t=e: - 20 o ~ +70 o c t=i: - 40 o ~ +85 o c t=l: - 40 o ~ + 10 5 o c s=1: 50ppm s=2: 25ppm s= 5 : 10 ppm xxx.xxxx blank: tubes - t: tape & reel example: dsc1001ce1 C 123.0000t the example part number above is a 123.0000mhz oscillator in plastic 3.2x2.5mm package, with 50ppm stability over an operating temperature of -20 to +70 o c, shipped in tape and reel. disclaimer: micrel makes no representations or warranties with respect to the accurac y or completeness of the information furnished in this data sheet. this infor mation is not intended as a warranty and micrel does not assume responsibility for its use. micrel re serves the right to change circuitry, specifications and descriptions at any time without notice. no license, whether express, implied, arising by estoppel or otherwise, to any in tellectual property rights is granted by this document. except as provided in micrels terms and conditions of sale for such products, micrel assumes no liability whatsoever, and micrel disclaims any express or implied warranty relating to the sale and/or use of micrel products including liability or warranties relating to fitness for a particula r purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. micrel products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product c an reasonably be expected to result in personal injury. life support devices or systems are de vices or systems that (a) are intended for surgical implant into the bo dy or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a sig nificant injury to the user. a purchasers use or s ale of micrel products for use in life support appliances, devices or systems is a purchasers own ri sk and purchaser agrees to fully indemnify micrel for any damages resulting from such use or sale. micrel, inc. 2180 fortune drive, san jose, california 95131 usa phone: +1 (408) 944-0800 fax: +1 (408) 474 -1000 email: hbwhelp@micrel.com www.micrel.com pin terminal vdd standby# output gnd 0.850.05 [0.0330.002] recommended land pattern #1 #2 #3 #4 2.50.05 [0.0980.002] 2.00.05 [0.0790.002] #4 #3 #2 #1 0.650.10 [0.0260.004] 0.650.05 [0.0260.002] co.25 0.85 [0.033] 0.65 [0.026] 0.7 [0.028] 1.65 [0.065] no . 4 1 3 2 0.7 [0.028] 1.65 [0.065] external dimensions units: mm [inch] 0. 2 [0.008] downloaded from: http:/// |
Price & Availability of DSC1001CL1-0200000 |