Part Number Hot Search : 
SC1062A 56F8011 SK1260C C1909 TC4422CP MM1571G 00001 2SK444
Product Description
Full Text Search
 

To Download CY7C1021BL-12ZC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  64k x 16 static ram cy7c1021b/ cy7c10211b cypress semiconductor corporation ? 3901 north first street  san jose  ca 95134  408-943-2600 document #: 38-05145 rev. ** revised september 6, 2001 0211b features ? high speed ?t aa = 10, 12, 15 ns  cmos for optimum speed/power  low active power ? 825 mw (max.)  automatic power-down when deselected  independent control of upper and lower bits  available in 44-pin tsop ii and 400-mil soj functional description the cy7c1021b/10211b is a high-performance cmos static ram organized as 65,536 words by 16 bits. this device has an automatic power-down feature that significantly reduces power consumption when deselected. writing to the device is accomplished by taking chip enable (ce ) and write enable (we ) inputs low. if byte low enable (ble ) is low, then data from i/o pins (i/o 1 through i/o 8 ), is written into the location specified on the address pins (a 0 through a 15 ). if byte high enable (bhe ) is low, then data from i/o pins (i/o 9 through i/o 16 ) is written into the location specified on the address pins (a 0 through a 15 ). reading from the device is accomplished by taking chip en- able (ce ) and output enable (oe ) low while forcing the write enable (we ) high. if byte low enable (ble ) is low, then data from the memory location specified by the address pins will appear on i/o 1 to i/o 8 . if byte high enable (bhe ) is low, then data from memory will appear on i/o 9 to i/o 16 . see the truth table at the back of this data sheet for a complete descrip- tion of read and write modes. the input/output pins (i/o 1 through i/o 16 ) are placed in a high-impedance state when the device is deselected (ce high), the outputs are disabled (oe high), the bhe and ble are disabled (bhe , ble high), or during a write operation (ce low, and we low). the cy7c1021b/10211b is available in standard 44-pin tsop type ii and 400-mil-wide soj packages. customers should use part number cy7c10211b when ordering parts with 10ns t aa , and cy7c1021b when ordering 12 and 15ns t aa . we logic block diagram pin configuration 1 2 3 4 5 6 7 8 9 10 11 14 31 32 36 35 34 33 37 40 39 38 top view soj / tsop ii 12 13 41 44 43 42 16 15 29 30 v cc a 15 a 14 a 13 a 12 nc a 4 a 3 oe v ss a 5 i/o 16 a 2 ce i/o 3 i/o 1 i/o 2 bhe nc a 1 a 0 1021b-2 18 17 20 19 i/o 4 27 28 25 26 22 21 23 24 nc v ss i/o 7 i/o 5 i/o 6 i/o 8 a 6 a 7 ble v cc i/o 15 i/o 14 i/o 13 i/o 12 i/o 11 i/o 10 i/o 9 a 8 a 9 a 10 a 11 64k x 16 ram array i/o 1 ? i/o 8 row decoder a 7 a 6 a 5 a 4 a 3 a 0 column decoder a 9 a 10 a 11 a 12 a 13 a 14 a 15 512 x 2048 sense amps data in drivers oe a 2 a 1 i/o 9 ? i/o 16 ce we ble bhe a 8 1021b-1 selection guide 7c10211b-10 7c1021b-12 7c1021b-15 maximum access time (ns) commercial 10 12 15 maximum operating current (ma) commercial 150 140 130 maximum cmos standby current (ma) commercial 10 10 10 l0.5 0.5 0.5
cy7c1021b/ cy7c10211b document #: 38-05145 rev. ** page 2 of 11 maximum ratings (above which the useful life may be impaired. for user guide- lines, not tested.) storage temperature ................................. ? 65 c to +150 c ambient temperature with power applied............................................. ? 55 c to +125 c supply voltage on v cc to relative gnd [1] .... ? 0.5v to +7.0v dc voltage applied to outputs in high z state [1] ...................................... ? 0.5v to v cc +0.5v dc input voltage [1] .................................. ? 0.5v to v cc +0.5v current into outputs (low) ........................................ 20 ma static discharge voltage ........................................... >2001v (per mil-std-883, method 3015) latch-up current..................................................... >200 ma operating range range ambient temperature [2] v cc commercial 0 c to +70 c 5v 10% industrial ? 40 c to +85 c 5v 10% electrical characteristics over the operating range parameter description test conditions 7c10211b-10 7c1021b-12 7c1021b-15 unit min. max. min. max. min. max. v oh output high voltage v cc = min., i oh = ? 4.0 ma 2.4 2.4 2.4 v v ol output low voltage v cc = min., i ol = 8.0 ma 0.4 0.4 0.4 v v ih input high voltage 2.2 6.0 2.2 6.0 2.2 6.0 v v il input low voltage [1] ? 0.5 0.8 ? 0.5 0.8 ? 0.5 0.8 v i ix input load current gnd < v i < v cc ? 1+1 ? 1 +1 ? 1 +1 a i oz output leakage current gnd < v i < v cc , output disabled ? 1+1 ? 1 +1 ? 1 +1 a i os output short circuit current [3] v cc = max., v out = gnd ? 300 ? 300 ? 300 ma i cc v cc operating supply current v cc = max., i out = 0 ma, f = f max = 1/t rc 150 140 130 ma i sb1 automatic ce power-down current ? ttl inputs max. v cc , ce > v ih v in > v ih or v in < v il , f = f max 40 40 40 ma i sb2 automatic ce power-down current ? cmos inputs max. v cc , ce > v cc ? 0.3v, v in > v cc ? 0.3v, or v in < 0.3v, f = 0 10 10 10 ma l0.5 0.5 0.5 ma
cy7c1021b/ cy7c10211b document #: 38-05145 rev. ** page 3 of 11 capacitance [4] parameter description test conditions max. unit c in input capacitance t a = 25 c, f = 1 mhz, v cc = 5.0v 8 pf c out output capacitance 8 pf ac test loads and waveforms 1021b-3 1021b-4 90% 10% 3.0v gnd 90% 10% all input pulses 5v output 30 pf including jig and scope 5v output 5 pf including jig and scope (a) (b) output r 481 ? r 481 ? r2 255 ? r2 255 ? 167 equivalent to: th venin equivalent 1.73v 30 pf rise time: 1 v/ns fall time:1 v/ns
cy7c1021b/ cy7c10211b document #: 38-05145 rev. ** page 4 of 11 switching characteristics [5] over the operating range parameter description 7c10211b-10 7c1021b-12 7c1021b-15 unit min. max. min. max. min. max. read cycle t rc read cycle time 10 12 15 ns t aa address to data valid 10 12 15 ns t oha data hold from address change 3 3 3 ns t ace ce low to data valid 10 12 15 ns t doe oe low to data valid 5 6 7 ns t lzoe oe low to low z [6] 0 0 0 ns t hzoe oe high to high z [6, 7] 5 6 7 ns t lzce ce low to low z [6] 3 3 3 ns t hzce ce high to high z [6, 7] 5 6 7 ns t pu ce low to power-up 0 0 0 ns t pd ce high to power-down 10 12 15 ns t dbe byte enable to data valid 5 6 7 ns t lzbe byte enable to low z 0 0 0 ns t hzbe byte disable to high z 5 6 7 ns write cycle [8] t wc write cycle time 10 12 15 ns t sce ce low to write end 8 9 10 ns t aw address set-up to write end 7 8 10 ns t ha address hold from write end 0 0 0 ns t sa address set-up to write start 0 0 0 ns t pwe we pulse width 7 8 10 ns t sd data set-up to write end 5 6 8 ns t hd data hold from write end 0 0 0 ns t lzwe we high to low z [6] 3 3 3 ns t hzwe we low to high z [6, 7] 5 6 7 ns t bw byte enable to end of write 7 8 9 ns notes: 1. v il (min.) = ? 2.0v for pulse durations of less than 20 ns. 2. t a is the ? instant on ? case temperature. 3. not more than one output should be shorted at one time. duration of the short circuit should not exceed 30 seconds. 4. tested initially and after any design or process changes that may affect these parameters. 5. test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5v, input pulse levels of 0 to 3. 0v, and output loading of the specified i ol /i oh and 30-pf load capacitance. 6. at any given temperature and voltage condition, t hzce is less than t lzce , t hzoe is less than t lzoe , and t hzwe is less than t lzwe for any given device. 7. t hzoe , t hzbe , t hzce , and t hzwe are specified with a load capacitance of 5 pf as in part (b) of ac test loads. transition is measured 500 mv from steady-state voltage. 8. the internal write time of the memory is defined by the overlap of ce low, we low and bhe / ble low. ce , we and bhe / ble must be low to initiate a write, and the transition of these signals can terminate the write. the input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write.
cy7c1021b/ cy7c10211b document #: 38-05145 rev. ** page 5 of 11 switching waveforms notes: 9. device is continuously selected. oe , ce , bhe and/or bhe = v il . 10. we is high for read cycle. 11. address valid prior to or coincident with ce transition low. read cycle no. 1 previous data valid data valid t rc t aa t oha 1021b-5 address data out [9, 10] read cycle no. 2 (oe controlled) 1021b-6 50% 50% data valid t rc t ace t doe t lzoe t lzce t pu high impedance t hzoe t hzbe t pd high oe ce icc isb impedance address data out v cc supply t dbe t lzbe t hzce bhe , ble [10, 11] current i cc i sb
cy7c1021b/ cy7c10211b document #: 38-05145 rev. ** page 6 of 11 notes: 12. data i/o is high impedance if oe or bhe and/or ble = v ih . 13. if ce goes high simultaneously with we going high, the output remains in a high-impedance state. switching waveforms (continued) write cycle no. 1 (ce controlled) 1021b-7 t hd t sd t sce t sa t ha t aw t pwe t wc bw data i/o address ce we bhe , ble [12, 13] t write cycle no. 2 (ble or bhe controlled) t hd t sd t bw t sa t ha t aw t pwe t wc t sce data i/o address bhe ,ble we ce 1021b-8
cy7c1021b/ cy7c10211b document #: 38-05145 rev. ** page 7 of 11 switching waveforms (continued) write cycle no. 3 (we controlled , low) 1021b-10 t hd t sd t sce t ha t aw t pwe t wc t bw data i/o address ce we bhe , ble t sa t lzwe t hzwe truth table ce oe we ble bhe i/o 1 ? i/o 8 i/o 9 ? i/o 16 mode power h x x x x high z high z power-down standby (i sb ) l l h l l data out data out read - all bits active (i cc ) l h data out high z read - lower bits only active (i cc ) h l high z data out read - upper bits only active (i cc ) l x l l l data in data in write - all bits active (i cc ) l h data in high z write - lower bits only active (i cc ) h l high z data in write - upper bits only active (i cc ) l h h x x high z high z selected, outputs disabled active (i cc ) l x x h h high z high z selected, outputs disabled active (i cc )
cy7c1021b/ cy7c10211b document #: 38-05145 rev. ** page 8 of 11 ordering information speed (ns) ordering code package name package type operating range 10 cy7c10211b-10vc v34 44-lead (400-mil) molded soj commercial cy7c10211b-10zc z44 44-lead tsop type ii commercial cy7c10211bl-10zc z44 44-lead tsop type ii commercial 12 cy7c1021b-12vc v34 44-lead (400-mil) molded soj commercial cy7c1021b-12vi v34 44-lead (400-mil) molded soj industrial cy7c1021bl-12vc v34 44-lead (400-mil) molded soj commercial cy7c1021b-12zc z44 44-lead tsop type ii commercial cy7c1021b-12zi z44 44-lead tsop type ii industrial CY7C1021BL-12ZC z44 44-lead tsop type ii commercial 15 cy7c1021b-15vc v34 44-lead (400-mil) molded soj commercial cy7c1021b-15vi v34 44-lead (400-mil) molded soj industrial cy7c1021bl-15vc v34 44-lead (400-mil) molded soj commercial cy7c1021b-15zc z44 44-lead tsop type ii commercial cy7c1021b-15zi z44 44-lead tsop type ii industrial cy7c1021bl-15zc z44 44-lead tsop type ii commercial
cy7c1021b/ cy7c10211b document #: 38-05145 rev. ** page 9 of 11 package diagrams 44-lead (400-mil) molded soj v34 51-85082-b
cy7c1021b/ cy7c10211b document #: 38-05145 rev. ** page 10 of 11 ? cypress semiconductor corporation, 2001. the information contained herein is subject to change without notice. cypress semico nductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress semiconductor product. nor does it convey or imply any license unde r patent or other rights. cypress semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected t o result in significant injury to the user. the inclusion of cypress semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in do i ng so indemnifies cypress semiconductor against all charges. package diagrams (continued) 44-pin tsop ii z44 51-85087-a
cy7c1021b/ cy7c10211b document #: 38-05145 rev. ** page 11 of 11 document title: cy7c1021b / cy7c10211b 64k x 16 static ram document number: 38-05145 rev. ecn no. issue date orig. of change description of change ** 109889 09/22/01 szv change from spec number: 38-00951 to 38-05145


▲Up To Search▲   

 
Price & Availability of CY7C1021BL-12ZC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X