Part Number Hot Search : 
AN78L20M DMG3418L CSP1027 K3020 15ETX06 80001 MAX9019 MBR05
Product Description
Full Text Search
 

To Download BZT52B6V2S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * mounted on 5.0mm 2 (.013mm thick) land areas. thru bzt52 b 75 s 200 mw zener diode 2.4 to 75 volts features x planar die construction x  2 0 0 m w po w e r di ss ip a ti o n x general purpose medium current x ideally suited for automated assembly processes absolute maximum ratings s y mbo l paramete r rating uni t p d power di s sipation * 200 m w t j junction tempe r ature - 5 5 to +175 : t s t g storage t e mperature range - 5 5 to +175 : absolute maximum ratings s y mbo l paramete r rating unit r thja thermal resistance junction to amb i e n t* 62 5 : /w electrical characteristics s y mbo l paramete r rating unit v f maximum forward voltage (i f =10madc) 0.9 v bzt52b 2 v 4 s w w w. m c c se m i .c om m cc  
 omp onents 20736 marilla street chatsworth       
     tm micro commercial components 1 of 4 ? lead free finish/rohs compliant("p" suffi designates rohs compliant. see ordering information) revision: e 20 1 3 / 0 1 /0 1 0.022 0.0 69 " 0.0 32 suggested solder pad layout epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 a b e c d h g sod - 323 dimensions inches mm dim min m a x min m a x note a .090 .107 2.30 2.70 b .06 8 .07 8 1. 75 1. 95 c .045 .053 1.15 1.35 d .0 27 .0 38 0. 7 0 0.95 e .01 0 .01 4 0.2 5 0. 35 g .0 12 --- 0. 3 0 --- h .00 2 .0 0 6 0. 05 0. 1 5 h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
w w w. m c c se m i .c om 2 of 4 m cc tm micro commercial components revision: e 20 1 3 /0 1 /0 1 bzt52b2v4s thru bzt52b75s elecrical characerisics@25 c o part number nominal zener voltage max. zener impedance max reverse leakage current marking code v z @ i zt z zt @ i zt z zk @ i zk i r @ v r nom. v min. v max. v ma ma av b z t 52 b 2 v 4 s 2 . 4 2 . 3 5 2 . 4 5 8 5 5 . 0 60 0 1 . 0 0 10 0 1 . 0 w 1 b z t 52 b 2 v 7 s 2 . 7 2 . 6 4 2 . 7 5 8 3 5 . 0 60 0 1 . 0 0 7 5 1 . 0 w 2 b z t 5 2 b 3 v0 s 3 . 0 2 . 9 4 3 . 0 6 9 5 5 . 0 60 0 1 . 0 0 5 0 1 . 0 w 3 b z t 52 b 3 v 3 s 3 . 3 3 . 2 3 3 . 3 7 9 5 5 . 0 60 0 1 . 0 0 2 5 1 . 0 w 4 b z t 52 b 3 v 6 s 3 . 6 3 . 5 2 3 . 6 7 9 5 5 . 0 60 0 1 . 0 0 1 5 1 . 0 w 5 b z t 52 b 3 v 9 s 3 . 9 3 . 8 2 3 . 9 8 9 5 5 . 0 60 0 1 . 0 0 1 0 1 . 0 w 6 b z t 52 b 4 v 3 s 4 . 3 4 . 2 1 4 . 3 9 9 5 5 . 0 60 0 1 . 0 0 5 . 0 1 . 0 w 7 b z t 52 b 4 v 7 s 4 . 7 4 . 6 1 4 . 7 9 7 8 5 . 0 50 0 1 . 0 0 5 . 0 1 . 0 w 8 b z t 52 b 5 v 1 s 5 . 1 5 . 0 0 5 . 2 0 6 0 5 . 0 4 8 0 1 . 0 0 0 . 1 0 . 8 w 9 b z t 52 b 5 v 6 s 5 . 6 5 . 4 9 5 . 7 1 4 0 5 . 0 4 0 0 1 . 0 0 0 . 1 1 . 0 w a b z t 52 b 5 v 8 s 5 . 8 5 . 6 8 5 . 9 2 3 0 5 . 0 30 0 1 . 0 0 0 . 1 1 . 5 85c b z t 52 b 6 v 2 s 6 . 2 6 . 0 8 6 . 3 2 1 0 5 . 0 15 0 1 . 0 0 0 . 1 2 . 0 w b b z t 52 b 6 v 8 s 6 . 8 6 . 6 6 6 . 9 4 8 5 . 0 8 0 1 . 0 0 0 . 1 3 . 0 w c b z t 52 b 7 v 5 s 7 . 5 7 . 3 5 7 . 6 5 7 5 . 0 8 0 1 . 0 0 0 . 1 5 . 0 w d b z t 52 b 8 v 2 s 8 . 2 8 . 0 4 8 . 3 6 7 5 . 0 8 0 1 . 0 0 0 . 1 6 . 0 w e b z t 52 b 8 v 7 s 8 . 7 8 . 5 3 8 . 8 7 7 5 . 0 10 0 1 . 0 0 0 . 1 6 . 5 87c b z t 52 b 9 v 1 s 9 . 1 8 . 9 2 9 . 2 8 1 0 5 . 0 10 0 1 . 0 0 0 . 1 7 . 0 w f b z t 52 b 1 0 s 1 0 9 . 8 0 1 0 . 2 0 1 5 5 . 0 15 0 1 . 0 0 0 . 1 7 . 5 w g b z t 52 b 1 1 s 1 1 10 . 7 8 1 1 . 2 2 2 0 5 . 0 15 0 1 . 0 0 0 . 1 8 . 5 w h b z t 52 b 1 2 s 1 2 1 1 . 7 6 1 2 . 2 4 2 0 5 . 0 15 0 1 . 0 0 0 . 1 9 . 0 w i b z t 52 b 1 3 s 1 3 12 . 7 4 1 3 . 2 6 2 5 5 . 0 17 0 1 . 0 0 0 . 1 10 . 0 w k b z t 52 b 1 4 s 1 4 13 . 7 2 1 4 . 2 8 2 5 5 . 0 17 0 1 . 0 0 0 . 1 10 . 5 w j b z t 52 b 1 5 s 1 5 14 . 7 0 1 5 . 3 0 3 0 5 . 0 20 0 1 . 0 0 0 . 1 1 1 . 0 w l b z t 52 b 1 6 s 1 6 15 . 6 8 1 6 . 3 2 4 0 5 . 0 20 0 1 . 0 0 0 . 1 12 . 0 w m b z t 52 b 1 7 s 1 7 16 . 6 6 1 7 . 3 4 4 0 5 . 0 20 0 1 . 0 0 0 . 1 13 . 0 17c b z t 52 b 1 8 s 1 8 17 . 6 4 1 8 . 3 6 5 0 5 . 0 22 5 1 . 0 0 0 . 1 1 4 . 0 w n b z t 52 b 2 0 s 2 0 19 . 6 0 2 0 . 4 0 5 0 5 . 0 22 5 1 . 0 0 0 . 1 15 . 0 w o b z t 52 b 2 2 s 2 2 2 1 . 5 6 2 2 . 4 4 5 5 5 . 0 25 0 1 . 0 0 0 . 1 17 . 0 w p b z t 52 b 2 4 s 2 4 2 3 . 5 2 2 4 . 4 8 8 0 5 . 0 25 0 1 . 0 0 0 . 1 18 . 0 w r b z t 52 b 2 7 s 2 7 2 6 . 4 6 2 7 . 5 4 8 0 5 . 0 30 0 1 . 0 0 0 . 1 2 0 . 0 w s b z t 52 b 2 8 s 2 8 2 7 . 4 4 2 8 . 5 6 8 0 5 . 0 30 0 1 . 0 0 0 . 1 2 2 . 0 28c b z t 52 b 3 0 s 3 0 2 9 . 4 0 3 0 . 6 0 8 0 5 . 0 30 0 1 . 0 0 0 . 1 2 2 . 5 w t b z t 52 b 3 3 s 3 3 3 2 . 3 4 3 3 . 6 6 8 0 5 . 0 32 5 1 . 0 0 0 . 1 2 5 . 0 w u b z t 52 b 3 6 s 3 6 3 5 . 2 8 3 6 . 7 2 9 0 5 . 0 35 0 1 . 0 0 0 . 1 2 7 . 0 w w b z t 52 b 3 9 s 3 9 3 8 . 2 2 3 9 . 7 8 9 0 5 . 0 35 0 1 . 0 0 0 . 1 2 9 . 0 w x b z t 52 b 4 3 s 4 3 4 2 . 1 4 43 . 8 6 1 0 0 5 . 0 37 5 1 . 0 0 0 . 1 3 2 . 0 w y b z t 52 b 4 7 s 4 7 46 . 0 6 47 . 9 4 1 0 0 5 . 0 37 5 1 . 0 0 0 . 1 3 5 . 0 w z b z t 52 b 5 1 s 5 1 49 . 9 8 5 2 . 0 2 1 0 0 5 . 0 4 0 0 1 . 0 0 0 . 1 3 8 . 0 x a b z t 52 b 5 6 s 5 6 5 4 . 8 8 5 7 . 1 2 1 3 5 2 . 5 1 0 0 0 1 . 0 0 0 . 1 42 . 0 x 2 b z t 52 b 6 2 s 6 2 6 0 . 7 6 6 3 . 2 4 1 5 0 2 . 5 1 0 0 0 1 . 0 0 0 . 1 46 . 0 x 3 b z t 52 b 6 8 s 6 8 6 6 . 6 4 6 9 . 3 6 2 0 0 2 . 5 1 0 0 0 1 . 0 0 0 . 1 5 1 . 0 x 4 b z t 52 b 7 5 s 7 5 7 3 . 5 0 7 6 . 5 0 2 5 0 2 . 5 1 0 0 0 1 . 0 0 0 . 1 5 6 . 0 x 5 downloaded from: http:///
w w w. m c c se m i .c om 3 of 4 m cc tm micro commercial components revision: e 20 1 3 /0 1 /0 1 bzt52b2v4s thru bzt52b75s 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 1000 100 10 1 75 c o 5c o 25 c o 150 c o 100 10 1 10 100 0.60.5 0.4 0.3 0.2 0.1 0 125 100 75 50 25 0 150 fig.2 temperature coefficents fig.4 typical forward voltage fig.1 steady state power derating nominal zener voltage,volts forward voltage, volts temperature ( c) o temperature coefficient,(mv/ c) o power dissipation, watts forward current,ma 90 1000 100 10 1 0.1 0.01 0.001 0.0001 0.00001 80 70 60 50 40 30 20 10 0 +150 c o +25 c o -55 c o fig.3 typical leakage current leakage current,ua normal zener voltage, volts downloaded from: http:///
m cc tm micro commercial components w w w. m c c se m i .c om 4 of 4 revision: e 20 1 3 /0 1 /0 1 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 5 k p c s / r e e l o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BZT52B6V2S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X