Part Number Hot Search : 
NDP605B 7805S C1207 5233B 7805S Y7C43 ML675001 BC846
Product Description
Full Text Search
 

To Download BZT52B6V2JS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * mounted on 5.0mm 2 (.013mm thick) land areas. thru bzt52 b 51j s 200 mw zener diode 3.0 to 51 volts features x planar die construction x  2 0 0 m w po w e r di ss ip a ti o n x general purpose medium current x ideally suited for automated assembly processes absolute maximum ratings s y mbo l paramete r rating uni t p d power di s sipation * 200 m w t j junction tempe r ature - 5 5 to +1 50 : t s t g storage t e mperature range - 5 5 to +1 50 : absolute maximum ratings s y mbo l paramete r rating unit r thja thermal resistance junction to amb i e n t* 62 5 : /w electrical characteristics s y mbo l paramete r rating unit v f maximum forward voltage (i f =10madc) 0.9 v bzt52b 3 v 0j s w w w. m c c se m i .c om m cc  
 omp onents 20736 marilla street chatsworth       
     tm micro commercial components 1 of 3 ? lead free finish/rohs compliant("p" suffi designates rohs compliant. see ordering information) revision: d 2 0 1 4 /1 1 /2 7 0.022 0.0 74 " 0.0 27 suggested solder pad layout epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 sod - 323 h alogen free available upon request by adding suffix "-hf" dimensions inches mm dim min m a x min m a x note a .090 .107 2.30 2.70 b .063 .071 1.60 1.80 c .045 .053 1.15 1.35 d .031 .045 0.80 1.15 e .010 .016 0.25 0.40 g .004 .018 0.10 0.45 h .004 .010 0.10 0.25 j ----- .006 ----- 0.15 a b e c j d h g downloaded from: http:///
w w w. m c c se m i .c om 2 of 3 m cc tm micro commercial components revision: d 2 0 1 4 /1 1 /2 7 bzt52b3v0js thru bzt52b51js elecrical characerisics@25 c o part number nominal zener voltage max. zener impedance max reverse leakage current marking code v z @ i zt z zt @ i zt z zk @ i zk i r @ v r nom. v min. v max. v ma ma av b z t 52 b 5 v 1 j s 5 . 1 5 . 0 0 5 . 2 0 6 0 5 . 0 4 8 0 1 . 0 0 2. 0 2 . 0 2 w 8/8z b z t 52 b 5 v 6 j s 5 . 6 5 . 4 9 5 . 7 1 4 0 5 . 0 4 0 0 1 . 0 0 1 . 0 2 . 0 2 w 9/9z b z t 52 b 6 v 2 j s 6 . 2 6 . 0 8 6 . 3 2 1 0 5 . 0 15 0 1 . 0 0 3 . 0 4 . 0 2 w a/az b z t 52 b 6 v 8 j s 6 . 8 6 . 6 6 6 . 9 4 15 5 . 0 141 1 . 0 0 2 . 0 4 . 0 2 w b/bz b z t 52 b 7 v 5 j s 7 . 5 7 . 3 5 7 . 6 5 15 5 . 0 8 0 1 . 0 0 1 . 0 5 . 0 2 w c/cz b z t 52 b 8 v 2 j s 8 . 2 8 . 0 4 8 . 3 6 15 5 . 0 8 0 1 . 0 0 0 . 7 5 . 0 2 w d/dz b z t 52 b 9 v 1 j s 9 . 1 8 . 9 2 9 . 2 8 1 5 5 . 0 10 0 1 . 0 0 0 . 5 6 . 0 2 w e/ez b z t 52 b 1 0 j s 1 0 9 . 8 0 1 0 . 2 0 20 5 . 0 15 0 1 . 0 0 0 . 2 7 . 0 2 w f/fz b z t 52 b 1 1 j s 1 1 10 . 7 8 1 1 . 2 2 2 0 5 . 0 15 0 1 . 0 0 0 . 1 8 . 0 2 w g/gz b z t 52 b 1 2 j s 1 2 1 1 . 7 6 1 2 . 2 4 2 5 5 . 0 15 0 1 . 0 0 0 . 1 8 . 0 2 w h/hz b z t 52 b 1 3 j s 1 3 12 . 7 4 1 3 . 2 6 3 0 5 . 0 17 0 1 . 0 0 0 . 1 8 . 0 2 w i /jz b z t 52 b 1 5 j s 1 5 14 . 7 0 1 5 . 3 0 3 0 5 . 0 20 0 1 . 0 0 0 . 1 1 0 . 5 2 w j/kz b z t 52 b 1 6 j s 1 6 15 . 6 8 1 6 . 3 2 4 0 5 . 0 20 0 1 . 0 0 0 . 1 1 1 . 2 2 w k/lz b z t 52 b 1 8 j s 1 8 17 . 6 4 1 8 . 3 6 4 5 5 . 0 22 5 1 . 0 0 0 . 1 1 2 . 6 2 w l /mz b z t 52 b 2 0 j s 2 0 19 . 6 0 2 0 . 4 0 5 5 5 . 0 22 5 1 . 0 0 0 . 1 1 4 . 0 2 w m/nz b z t 52 b 22j s 22 21 . 56 22 . 44 5 1 5 . 0 23 5 1 . 0 0 0.045 15.4 pz b z t 52 b 24j s 24 23.52 24.48 6 5 5 . 0 23 5 1 . 0 0 0 . 045 16.8 rz b z t 52 b 27j s 27 26 . 46 27. 5 4 7 5 5 . 0 28 2 0 . 5 0 0.045 18.9 s z b z t 52 b 30j s 30 29.40 30.60 7 5 5 . 0 28 2 0 . 5 0 0 . 045 21.0 tz b z t 52 b 33j s 33 32 . 34 33 . 66 7 5 5 . 0 30 6 0 . 5 0 0.045 23.0 uz b z t 52 b 36j s 36 35.28 36.72 8 4 5 . 0 32 9 0 . 5 0 0 . 045 25.2 vz b z t 52 b 39j s 39 38 . 22 39 . 78 12 2 5 . 0 32 9 0 . 5 0 0.045 27.3 wz b z t 52 b 43j s 43 42.14 43.86 14 1 5 . 0 35 3 0 . 5 0 0 . 045 30.1 xz b z t 52 b 47j s 47 46.06 47 . 94 16 0 5 . 0 35 3 0 . 5 0 0.045 33.0 yz b z t 52 b 51j s 51 49.98 52.02 16 9 5 . 0 376 0 . 5 0 0 . 045 35.7 zz b z t 52 b 4 v 3j s 4 . 3 4 . 2 1 4 . 3 9 8 4 5 . 0 56 4 1 . 0 0 2. 7 1 . 0 6z b z t 52 b 4 v 7j s 4 . 7 4 . 6 1 4 . 7 9 7 5 5 . 0 5 6 4 1 . 0 0 2 . 7 2 . 0 7z b z t 52 b 3 v 6j s 3 . 6 3 . 5 3 3 . 6 7 8 4 5 . 0 56 4 1 . 0 0 4. 5 1 . 0 4z b z t 52 b 3 v 9j s 3 . 9 3 . 8 2 3 . 9 8 8 4 5 . 0 5 6 4 1 . 0 0 2 . 7 1 . 0 5z b z t 52 b 3 v 0j s 3 . 0 2 . 9 4 3 . 0 6 8 9 5 . 0 56 4 1 . 0 0 9. 0 1 . 0 2z b z t 52 b 3 v 3j s 3 . 3 3 . 2 3 3 . 3 7 8 9 5 . 0 56 4 1 . 0 0 4 . 5 1 . 0 3z downloaded from: http:///
m cc tm micro commercial components w w w. m c c se m i .c om 3 of 3 revision: d 2 0 1 4 /1 1 /2 7 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 3 k p c s / r e e l o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BZT52B6V2JS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X