* d e vic e m o u nte d o n c e r ami c pcb: 7.6m m x 9.4 m m x 0. 8 7mm w it h pad areas 25 mm 2 thru bzt52 b 75 41 0 mw zener diode 2 . 4 to 75 volts features x planar die construction x 41 0 m w po w e r di ss ip a ti o n o n ce r a mic p c b x general purpose medium current x ideally suited for automated assembly processes absolute maximum ratings symbol rating rating unit p d power di s sipation 41 0 m w t j junction tempe r ature - 5 5 to +175 : t s t g storage t e mperature range - 5 5 to +175 : absolute maximum ratings symbol rating rating unit r thja thermal resistance junction to amb i e n t* 4 30 : /w electrical characteristics symbol rating rating unit v f maximum forward voltage (i f =10 0 madc) 0.9 v bt52b 2 v 4 revision: c 20 1 3 /0 1 /0 1 dimensions inches mm dim min m a x min m a x note a .140 .152 3.55 3.85 b .100 .112 2.55 2.85 c .055 .071 1.40 1.80 d ----- .053 ----- 1.35 e .012 .031 0.30 .78 g .006 ----- 0.15 ----- h ----- .01 ----- .25 j ----- .006 ----- .15 a b e c j d h g sod123 0.036 0.093" 0.048 suggested solder pad layout m cc omp onents 20736 marilla street chatsworth
tm micro commercial components x case material: molded plastic. ul flammability classification rating 94v-0 and msl rating 1 w w w. m c c se m i .c om 1 of 3 ? lead free finish/rohs compliant("p" suffi designates rohs compliant. see ordering information) h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
zener voltage (1) vz volts maximum zener (2) impedance z zt (ohms) maximum zener (2) impedance z zk (ohms) reverse currenti r (max)@v r type min. nom. max. i zt (ma) max. i zk (ma) max. ua v marking bzt52b4v3 4.21 4.3 4.39 5 95 1 600 5 1 . 0 w7/2w6 bzt52b4v7 4.61 4.7 4.79 5 78 1 500 5 2.0 w8/2w7 bzt52b5v1 5.0 5.1 5.2 5 60 1 480 0 . 1 0 . 8 bzt52b5v6 5.49 5.6 5.71 5 40 1 400 0.1 1.0 wa/2w9 BZT52B6V2 6.08 6.2 6.32 5 10 1 150 0.1 2.0 wb/2wa bzt52b6v8 6.66 6.8 6.94 5 8 1 80 0.1 3.0 wc/2wb bzt52b7v5 7.35 7.5 7.65 5 7 1 80 0.1 5.0 wd/2wc bzt52b8v2 8.04 8.2 8.36 5 7 1 80 0.1 6.0 we/2wd bzt52b9v1 8.92 9.1 9.28 5 10 1 100 0.1 7.0 wf/2we bzt52b10 9.8 10 10.2 5 15 1 150 0.1 7.5 wg/2wf bzt52b11 10.78 11 11.22 5 20 1 150 0.1 8.5 wh/2wg bzt52b12 11.76 12 12.24 5 20 1 150 0.1 9.0 wi/2wh bzt52b13 12.74 13 13.3 5 25 1 170 0.1 10.0 wk/2wi bzt52b15 14.7 15 15.3 5 30 1 200 0.1 11.0 wl/2wj bzt52b16 15.68 16 16.3 5 40 1 200 0.1 12.0 wm/2wk bzt52b18 17.6 18 18.4 5 50 1 225 0.1 14.0 wn/2wl bzt52b20 19.6 20 20.4 5 50 1 225 0.1 15.0 wo/2wm bzt52b22 21.56 22 22.44 5 55 1 250 0.1 17.0 wp/2wn bzt52b24 23.52 24 24.5 5 70 1 250 0.1 18.0 wr/2wo bzt52b27 26.46 27 27.54 5 80 1 300 0.1 20.0 ws/2wp bzt52b30 29.4 30 30.6 5 80 1 300 0.1 22.5 wt/2wq bzt52b33 32.34 33 33.7 5 80 1 325 0.1 25.0 wu/2wr bzt52b36 35.28 36 36.72 5 90 1 350 0.1 27.0 ww/2ws bzt52b39 38.22 39 39.8 5 90 1 350 0.1 29.0 wx/2wt 2of3 m cc w w w. m c c se m i .c om revision: c 20 1 3 /0 1 /0 1 w9/2w8 bzt52b2v4 thru bzt52b75 electrical characteristics@25 o c tm micro commercial components b zt 5 2 b 2 v 4 2. 35 2.4 2.4 5 5 85 1 600 100 1.0 w1 b zt 5 2 b 2 v 7 2. 64 2. 7 2.7 5 5 83 1 600 75 1.0 w2 b zt 5 2 b 3v0 2.94 3.0 3.06 5 95 1 600 50 1.0 w3 b zt 5 2 b 3 v 3 3. 2 3 3.3 3.37 5 95 1 600 25 1.0 w4 b zt 5 2 b 3 v 6 3. 52 3. 6 3.67 5 95 1 600 15 1.0 w5 b zt 5 2 b 3 v 9 3. 82 3. 9 3.98 5 95 1 600 10 1.0 w6 (1) device mounted on ceramic pcb: 7.6mm x 9.4mm x 0.87mm with pad areas 25 mm 2 (2) f=1khz bzt52b43 42.14 43 43.86 5 100 1 375 0.1 32.0 wy bzt52b47 46.06 47 47.94 5 100 1 375 0.1 35.0 wz bzt52b51 49.98 51 52.02 5 100 1 400 0.1 38.0 xa bzt52b56 54.88 56 57.12 5 135 1 1000 0.1 42.0 x2 bzt52b62 60.76 62 63.24 5 150 1 1000 0.1 46.0 x3 bzt52b68 66.64 68 69.36 5 200 1 1000 0.1 51.0 x4 bzt52b75 73.50 75 76.50 5 250 1 1000 0.1 56.0 x5 downloaded from: http:///
m cc tm micro commercial components w w w. m c c se m i .c om 3 of 3 revision: c 20 1 3 /0 1 /0 1 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 3 k p c s / r e e l o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///
|