Part Number Hot Search : 
MC707LP AP9575GH H74C1 0200CT ADM00308 EDZ10B KS1453 SMA592
Product Description
Full Text Search
 

To Download BTB1198K3-X-BM-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c824k3 issued date : 2008.10.31 revised date :2013.10.09 page no. : 1/7 btb1198k3 cystek product specification pnp epitaxial planar transistor btb1198k3 features ? low v ce(sat) , v ce(sat) = -0.16v (typ.) @ i c /i b =-500ma/-50ma ? high breakdown voltage, bv ceo =-100v ? complementary to btd1768k3 ? pb-free lead plating and halogen-free package symbol outline btb1198k3 to-92l b base c collector e emitter ordering information device package shipping to-92l 2000 pcs / tape & box btb1198k3-x-tb-g (pb-free lead plating and halogen-free package) to-92l BTB1198K3-X-BM-G (pb-free lead plating and halogen-free package) 500 pcs / bag, 10 bags/box, 10 boxes/carton environment friendly grade : s for rohs compliant products, g for rohs compliant and green compound products packing spec, tb : 2000 pcs / tape & box ; bm : 500 pcs/bag, 10 bags/box, 10 boxes/carton product rank, zero for no rank products product name
cystech electronics corp. spec. no. : c824k3 issued date : 2008.10.31 revised date :2013.10.09 page no. : 2/7 btb1198k3 cystek product specification absolute maximum ratings (ta=25 c) parameter symbol limits unit collector-base voltage v cbo -120 v collector-emitter voltage v ceo -100 v emitter-base voltage v ebo -5 v collector current (dc) i c -1 a collector current (pulse) i cp -2 (note) a power dissipation p d 900 mw thermal resistance, junction to ambient r ja 139 c/w junction temperature tj 150 c storage temperature tstg -55~+150 c note : pulse test, p w 10ms, duty 50%. characteristics (ta=25 c) symbol min. typ. max. unit test conditions bv cbo -120 - - v i c =-50 a bv ceo -100 - - v i c =-1ma bv ebo -5 - - v i e =-50 a i cbo - - -100 na v cb =-100v i ebo - - -100 na v eb =-4v *v ce(sat) - -0.16 -0.5 v i c =-500ma, i b =-50ma *v ce(sat) - -0.3 -0.5 v i c =-1a, i b =-100ma *v be(sat) - - -1.2 v i c =-1a, i b =-50ma *v be(on) - - -0.75 v v ce =-5v, i c =-5ma *h fe 120 - 560 - v ce =-5v, i c =-200ma f t - 200 - mhz v ce =-10v, i c =-50ma, f=100mhz cob - 11 - pf v cb =-10v, f=1mhz *pulse test: pulse width 380 s, duty cycle 2% classification of h fe rank q r s range 120~270 180~390 270~560
cystech electronics corp. spec. no. : c824k3 issued date : 2008.10.31 revised date :2013.10.09 page no. : 3/7 btb1198k3 cystek product specification typical characteristics output characteristics 0 0.05 0.1 0123456 collector-to-emitter voltage---vce(v) collector current---ic(a) ib=0 ib=100ua ib=200ua ib=300ua ib=400ua ib=500ua output characteristics 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0123456 collector-to-emitter voltage---vce(v) collector current---ic(a) ib=0 ib=500ua ib=1ma ib=1.5ma ib=2ma ib=2.5ma output characteristics 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 0123456 collector-to-emitter voltage---vce(v) collector current---ic(a) ib=0 ib=2ma ib=4ma ib=6ma ib=8ma ib=10ma output characteristics 0 0.2 0.4 0.6 0.8 1 1.2 0123456 collector-to-emitter voltage---vce(v) collector current---ic(a) ib=0 ib=5ma ib = 10m a ib=15ma ib = 20m a ib = 25m a current gain vs collector current 1 10 100 1000 1 10 100 1000 10000 collector current---ic(ma) current gain---hfe vce=1v vce=2v vc e = 3v saturation voltage vs collector current 10 100 1000 10000 1 10 100 1000 10000 collector current---ic(ma) saturation voltage---(mv) ic=10ib ic=20ib ic=25ib vce(sat)
cystech electronics corp. spec. no. : c824k3 issued date : 2008.10.31 revised date :2013.10.09 page no. : 4/7 btb1198k3 cystek product specification typical characteristics (cont.) saturation voltage vs collector current 100 1000 10000 1 10 100 1000 10000 collector current---ic(ma) saturation voltage---(mv) vbe(sat)@ic=10ib power derating curve 0 100 200 300 400 500 600 700 800 900 1000 0 50 100 150 200 ambient temperature---ta() power dissipation---pd(mw) cutoff frequency vs collector current 10 100 1000 1 10 100 1000 collector current---ic(ma) cutoff frequency---ft(mhz) vce=10v capacitance characteristics 1 10 100 11 0 reverse-biased collector base voltage---vcb(v) collector output capacitance--- cob(pf) 1 0 0 safe operating area 0.001 0.01 0.1 1 10 1 10 100 1000 forward voltage---vce(v) forward current---ic(a) pt=1ms pt=100ms pt=1s
cystech electronics corp. spec. no. : c824k3 issued date : 2008.10.31 revised date :2013.10.09 page no. : 5/7 btb1198k3 cystek product specification to-92l taping outline millimeters dim item min. max. a1 component body width 4.70 5.10 a component body height 7.80 8.20 t component body thickness 3.70 4.10 d lead wire diameter 0.40 0.50 d1 lead wire diameter 1 0.62 0.78 p pitch of component 12.40 13.00 p0 feed hole pitch 12.50 12.90 p2 hole center to component center 6.05 6.65 f1, f2 lead to lead distance 2.20 2.80 h component alignment, f-r -1.00 1.00 w tape width 17.50 19.00 w0 hole down tape width 5.50 6.50 w1 hole position 8.50 9.50 w2 hole down tape position - 1.00 h height of component fr om tape center 19.00 21.00 h0 lead wire clinch height 15.50 16.50 l1 lead wire (tape portion) 2.50 - d0 feed hole diameter 3.80 4.20 t1 taped lead thickness 0.35 0.45 t2 carrier tape thickness 0.15 0.25 p1 position of hole 3.55 4.15 p component alignment -1.00 1.00
cystech electronics corp. spec. no. : c824k3 issued date : 2008.10.31 revised date :2013.10.09 page no. : 6/7 btb1198k3 cystek product specification recommended wave soldering condition soldering time product peak temperature pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds 183 c 60-150 seconds time maintained above: ? temperature (t l ) 217 c ? time (t l ) 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak 10-30 seconds 20-40 seconds temperature(tp) ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c824k3 issued date : 2008.10.31 revised date :2013.10.09 page no. : 7/7 btb1198k3 cystek product specification to-92l dimension *: typical inches millimeters inches millimeters dim min. max. min. max. b1 198 marking: s t yle: pin 1.emitter 2.colle ctor 3.ba se 3-l ead t o -9 2l plasti c pa ckage cys t ek pa ck a g e code: k3 product name date code: y ear+month y ear: 7 2007, 8 20 08 9 9, a 10, b 11 , c 12 month: 1 1, 2 2, ??? , dim m i n . m a x . m i n . m a x . a 0 . 1 4 6 0 . 1 6 1 3 . 7 0 0 4 . 1 0 0 e 0 . 3 0 7 0 . 3 2 3 7 . 8 0 0 8 . 2 0 0 a 1 0 . 0 5 0 0 . 0 6 2 1 . 2 8 0 1 . 5 8 0 e * 0 . 0 5 * 1 . 2 7 0 b 0 . 0 1 4 0 . 0 2 2 0 . 3 5 0 0 . 5 5 0 e 1 0 . 0 9 6 0 . 1 0 4 2 . 4 4 0 2 . 6 4 0 b 1 0 . 0 2 4 0 . 0 3 1 0 . 6 0 0 0 . 8 0 0 l 0 . 5 4 3 0 . 5 5 9 1 3 . 8 0 0 1 4 . 2 0 0 c 0 . 0 1 4 0 . 0 1 8 0 . 3 5 0 0 . 4 5 0 ? - 0 . 0 6 3 - 1 . 6 0 0 d 0 . 1 8 5 0 . 2 0 1 4 . 7 0 0 5 . 1 0 0 h 0 . 0 0 0 0 . 0 1 2 0 . 0 0 0 0 . 3 0 0 d 1 0 . 1 5 7 - 4 . 0 0 0 - note s: 1.controlling dimension: millimeter s. 2.maximum lead thickness include s lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is an y q uestion w i th p a ck ing specification or p a cking metho d , please c ont act y our local c y s t ek sales of fice. material: ? lead: kf c ; pu re tin plated ? mold compou n d : epoxy resin fa mily , flammabilit y solid burning cla ss: ul94v -0 im portan t n o tice : ? all rights are re served. reprod u c tion in w hole or in part is prohibited w i thout the p r ior w r itten a pprov al of c y stek. ? c y stek reserv es the right to m a ke changes to its products w i tho u t notice. ? cy st e k semic ond uct o r pr odu cts are n o t warr ante d t o be s u it able f o r use i n l i fe-su p p o rt a p p licatio ns, or sys tems. ? c y stek assumes no liability fo r an y consequenc e of customer pr oduct design, infringement of pat e n ts, or application assistance .


▲Up To Search▲   

 
Price & Availability of BTB1198K3-X-BM-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X