Part Number Hot Search : 
FAN8412M NH12AB B5150 31300 0NF03L SY10H842 MUR3060 XFVOIP
Product Description
Full Text Search
 

To Download BD48E54G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product structure silicon monolithic integrated circuit this product is not designed for protection against radioactive rays . 1/15 tsz02201-0r7r0g300030-1- 2 ? 2013 rohm co., ltd. all rights reserved. 22.may.2013.rev.008 tsz22111 ? 14 ? 001 www.rohm.com datasheet voltage detector ic series standard cmos voltage detector ic bd48xxx series bd49xxx series general description rohms bd48xxx and bd49xxx series are highly accurate, low-current voltage detector ic series. t he family includes bd48xxx devices with n-channel open drain output and bd49xxx devices with cmos output. the devices are available for specific detection vo ltages ranging from 2.3v to 6.0v in increments of 0.1v. features  high accuracy detection  ultra-low current consumption  two output types (nch open drain and cmos output)  wide operating temperature range  very small and low height package  package ssop5 is similar to sot-23-5 (jedec)  package ssop3 is similar to sot-23-3 (jedec) typical application circuit key specifications  detection voltage: 2.3v to 6.0v (typ.), 0.1v steps  high accuracy detection voltage: 1.0%  ultra-low current consumption: 0.9 a (typ.)  operating temperature range: -40c to +105c package ssop5: 2.90mm x 2.80mm x 1.25mm ssop3: 2.92mm x 2.80mm x 1.25mm vsof5: 1.60 mm x 1.60mm x 0.60mm applications circuits using microcontrollers or logic circuits t hat require a reset. (open drain output type bd48xxx series v dd1 bd48xxx v dd2 gnd micro controller r st c l capacitor for noise filtering r l (cmos output type bd49xxx series c l capacitor for noise filtering v dd1 bd49xxx micro controller r st gnd downloaded from: http:///
d a t a s h e e t 2/15 bd48xxx series bd49xxx series tsz02201-0r7r0g300030-1- 2 ? 2013 rohm co., ltd. all rights reserved. 22.may.2013.rev.008 www.rohm.com tsz22111 ? 15 ? 001 connection diagram ssop5 vsof5 pin descriptions ssop5 vsof5 pin no. symbol function pin no. symbol function 1 v out reset output 1 v out reset output 2 v dd power supply voltage 2 sub substrate* 3 gnd gnd 3 n.c. unconnected terminal 4 n.c. unconnected terminal 4 gnd gnd 5 n.c. unconnected terminal 5 v dd power supply voltage *connect the substrate to gnd. ssop3(1pin gnd) ssop3(3pin gnd) pin descriptions ssop3-1 ssop3-2 pin no. symbol function pin no. symbol function 1 gnd gnd 1 v out reset output 2 v out reset output 2 v dd power supply voltage 3 v dd power supply voltage 3 gnd gnd  ordering information note: when ordering new ssop5, select e for package 1 and g for package 2. lot. no top view v out sub n.c v dd gnd 4 3 2 1 5 marking lot. no top view v out v dd gnd n.c. n.c. marking 1 2 3 2 gnd v out v dd marking lot. no top view 1 2 3 v out v dd gnd marking lot. no top view downloaded from: http:///
a t a s h e e t 3/15 bd48xxx series bd49xxx series tsz02201-0r7r0g300030-1- 2 ? 2013 rohm co., ltd. all rights reserved. 22.may.2013.rev.008 www.rohm.com tsz22111 ? 15 ? 001 (unit : mm) ssop5 2.9 0.2 0.13 4 + 6 ? 4 1.6 2.8 0.2 1.1 0.05 0.05 0.05 + 0.2 ? 0.1 + 0.05 ? 0.03 0.42 + 0.05 ? 0.04 0.95 5 4 1 2 3 1.25max. 0.2min. 0.1 direction of feed reel ? order quantity needs to be multiple of the minimum quantity. embossed carrier tape tapequantity direction of feed th e direction i s t h e 1p in of p rod u ct i s a t t h e upper ri gh t wh en you hol d ree l on t h e l eft hand a nd you pull o u t t h e tape on t h e ri gh t hand 3000pcs tr ( ) 1pin (unit : mm) vsof5 1.2 0.05 4 3 1.0 0.05 1 0.6max 0.22 0.05 0.5 5 1.6 0.05 0.13 0.05 0.2max 2 1.6 0.05 ( max 1.2 8 include bu rr ) ssop3 2.92 0.1 3 0.45 0.1 5 4 4 0.15 0.05 1 2 1.25max 2.8 0.15 1.6 0.1 1.1 0.05 0.95 1.9 0.1 0.4 0.1 l downloaded from: http:///
 a t a s h e e t 4/15 bd48xxx series bd49xxx series tsz02201-0r7r0g300030-1- 2 ? 2013 rohm co., ltd. all rights reserved. 22.may.2013.rev.008 www.rohm.com tsz22111 ? 15 ? 001 lineup table 1. lineup for vsof5 and ssop5 package package type vsof5 or ssop5 ssop5 output type open drain cmos open drain cmos detection voltage marking part number marking part number marking part number marking part number 6.0v ew bd4860 gw bd4960 cm bd48e60 ff bd49e60 5.9v ev bd4859 gv bd4959 ck bd48e59 fe bd49e59 5.8v eu bd4858 gu bd4958 ch bd48e58 fd bd49e58 5.7v et bd4857 gt bd4957 cg bd48e57 fc bd49e57 5.6v es bd4856 gs bd4956 cf bd48e56 fb bd49e56 5.5v er bd4855 gr bd4955 ce bd48e55 fa bd49e55 5.4v eq bd4854 gq bd4954 cd bd48e54 ey bd49e54 5.3v ep bd4853 gp bd4953 cc bd48e53 er bd49e53 5.2v en bd4852 gn bd4952 cb bd48e52 ep bd49e52 5.1v em bd4851 gm bd4951 ca bd48e51 en bd49e51 5.0v el bd4850 gl bd4950 by bd48e50 em bd49e50 4.9v ek bd4849 gk bd4949 br bd48e49 ek bd49e49 4.8v ej bd4848 gj bd4948 bp bd48e48 eh bd49e48 4.7v eh bd4847 gh bd4947 bn bd48e47 eg bd49e47 4.6v eg bd4846 gg bd4946 bm bd48e46 ef bd49e46 4.5v ef bd4845 gf bd4945 bk bd48e45 ee bd49e45 4.4v ee bd4844 ge bd4944 bh bd48e44 ed bd49e44 4.3v ed bd4843 gd bd4943 bg bd48e43 ec bd49e43 4.2v ec bd4842 gc bd4942 bf bd48e42 eb bd49e42 4.1v eb bd4841 gb bd4941 be bd48e41 ea bd49e41 4.0v ea bd4840 ga bd4940 bd bd48e40 dy bd49e40 3.9v dv bd4839 fv bd4939 bc bd48e39 dr bd49e39 3.8v du bd4838 fu bd4938 bb bd48e38 dp bd49e38 3.7v dt bd4837 ft bd4937 ba bd48e37 dn bd49e37 3.6v ds bd4836 fs bd4936 ay bd48e36 dm bd49e36 3.5v dr bd4835 fr bd4935 ar bd48e35 dk bd49e35 3.4v dq bd4834 fq bd4934 ap bd48e34 dh bd49e34 3.3v dp bd4833 fp bd4933 an bd48e33 dg bd49e33 3.2v dn bd4832 fn bd4932 am bd48e32 df bd49e32 3.1v dm bd4831 fm bd4931 ak bd48e31 de bd49e31 3.0v dl bd4830 fl bd4930 ah bd48e30 dd bd49e30 2.9v dk bd4829 fk bd4929 ag bd48e29 dc bd49e29 2.8v dj bd4828 fj bd4928 af bd48e28 db bd49e28 2.7v dh bd4827 fh bd4927 ae bd48e27 da bd49e27 2.6v dg bd4826 fg bd4926 ad bd48e26 cy bd49e26 2.5v df bd4825 ff bd4925 ac bd48e25 cr bd49e25 2.4v de bd4824 fe bd4924 ab bd48e24 cp bd49e24 2.3v dd bd4823 fd bd4923 aa bd48e23 cn bd49e23 downloaded from: http:///
 a t a s h e e t 5/15 bd48xxx series bd49xxx series tsz02201-0r7r0g300030-1- 2 ? 2013 rohm co., ltd. all rights reserved. 22.may.2013.rev.008 www.rohm.com tsz22111 ? 15 ? 001 lineup - continued table 2. lineup for ssof3(1pin gnd) and ssop3(3pin gnd) package package type ssop3(1pin gnd) ssop3(3pin gnd) output type open drain cmos open drain cmos detection voltage marking part number marking part number marking part number marking part number 6.0v cm bd48k60 ff bd49k60 kb bd48l60 np bd49l60 5.9v ck bd48k59 fe bd49k59 ka bd48l59 nn bd49l59 5.8v ch bd48k58 fd bd49k58 hy bd48l58 nm bd49l58 5.7v cg bd48k57 fc bd49k57 hr bd48l57 nk bd49l57 5.6v cf bd48k56 fb bd49k56 hp bd48l56 nh bd49l56 5.5v ce bd48k55 fa bd49k55 hn bd48l55 ng bd49l55 5.4v cd bd48k54 ey bd49k54 hm bd48l54 nf bd49l54 5.3v cc bd48k53 er bd49k53 hk bd48l53 ne bd49l53 5.2v cb bd48k52 ep bd49k52 hh bd48l52 nd bd49l52 5.1v ca bd48k51 en bd49k51 hg bd48l51 nc bd49l51 5.0v by bd48k50 em bd49k50 hf bd48l50 nb bd49l50 4.9v br bd48k49 ek bd49k49 he bd48l49 na bd49l49 4.8v bp bd48k48 eh bd49k48 hd bd48l48 my bd49l48 4.7v bn bd48k47 eg bd49k47 hc bd48l47 mr bd49l47 4.6v bm bd48k46 ef bd49k46 hb bd48l46 mp bd49l46 4.5v bk bd48k45 ee bd49k45 ha bd48l45 mn bd49l45 4.4v bh bd48k44 ed bd49k44 gy bd48l44 mm bd49l44 4.3v bg bd48k43 ec bd49k43 gr bd48l43 mk bd49l43 4.2v bf bd48k42 eb bd49k42 gp bd48l42 mh bd49l42 4.1v be bd48k41 ea bd49k41 gn bd48l41 mg bd49l41 4.0v bd bd48k40 dy bd49k40 gm bd48l40 mf bd49l40 3.9v bc bd48k39 dr bd49k39 gk bd48l39 me bd49l39 3.8v bb bd48k38 dp bd49k38 gh bd48l38 md bd49l38 3.7v ba bd48k37 dn bd49k37 gg bd48l37 mc bd49l37 3.6v ay bd48k36 dm bd49k36 gf bd48l36 mb bd49l36 3.5v ar bd48k35 dk bd49k35 ge bd48l35 ma bd49l35 3.4v ap bd48k34 dh bd49k34 gd bd48l34 ky bd49l34 3.3v an bd48k33 dg bd49k33 gc bd48l33 kr bd49l33 3.2v am bd48k32 df bd49k32 gb bd48l32 kp bd49l32 3.1v ak bd48k31 de bd49k31 ga bd48l31 kn bd49l31 3.0v ah bd48k30 dd bd49k30 fy bd48l30 km bd49l30 2.9v ag bd48k29 dc bd49k29 fr bd48l29 kk bd49l29 2.8v af bd48k28 db bd49k28 fp bd48l28 kh bd49l28 2.7v ae bd48k27 da bd49k27 fn bd48l27 kg bd49l27 2.6v ad bd48k26 cy bd49k26 fm bd48l26 kf bd49l26 2.5v ac bd48k25 cr bd49k25 fk bd48l25 ke bd49l25 2.4v ab bd48k24 cp bd49k24 fh bd48l24 kd bd49l24 2.3v aa bd48k23 cn bd49k23 fg bd48l23 kc bd49l23 downloaded from: http:///
 a t a s h e e t 6/15 bd48xxx series bd49xxx series tsz02201-0r7r0g300030-1- 2 ? 2013 rohm co., ltd. all rights reserved. 22.may.2013.rev.008 www.rohm.com tsz22111 ? 15 ? 001 absolute maximum ratings parameter symbol limits unit power supply voltage v dd -gnd -0.3 to +10 v output voltage nch open drain output v out gnd-0.3 to +10 v cmos output gnd-0.3 to v dd +0.3 output current io 70 ma power dissipation ssop5 *1*4 pd 540 mw ssop3 *2*4 700 vsof5 *3*4 210 operating temperature topr -40 to +105 c ambient storage temperature tstg -55 to +125 c *1 reduced by 5.4mw/c when used over 25c. *2 reduced by 7.0mw/c when used over 25c . *3 reduced by 2.1mw/c when used over 25c . *4 when mounted on rohm standard circuit board (70mm70mm1.6mm, glass epoxy board). electrical characteristics (unless otherwise specifi ed, ta=-40 to 105c) parameter symbol condition limit unit min. typ. max. detection voltage v det r l =470k ? , v dd =h  l *1 v det (t) 0.99 v det (t) v det (t) 1.01 v vdet=2.5v ta=+25c 2.475 2.5 2.525 ta=-40c to 85c 2.418 - 2.584 ta=85c to 105c 2.404 - 2.597 vdet=3.0v ta=+25c 2.970 3.0 3.030 ta=-40c to 85c 2.901 - 3.100 ta=85c to 105c 2.885 - 3.117 vdet=3.3v ta=+25c 3.267 3.3 3.333 ta=-40c to 85c 3.191 - 3.410 ta=85c to 105c 3.173 - 3.428 vdet=4.2v ta=+25c 4.158 4.2 4.242 ta=-40c to 85c 4.061 - 4.341 ta=85c to 105c 4.039 - 4.364 vdet=4.8v ta=+25c 4.752 4.8 4.848 ta=-40c to 85c 4.641 - 4.961 ta=85c to 105c 4.616 - 4.987 output delay time l  h t plh c l =100pf r =100k ? *2 vout=gnd  50% - - 100 s circuit current when on i cc 1 v dd =v det -0.2v *1 v det =2.3-3.1v - 0.51 1.53 a v det =3.2-4.2v - 0.56 1.68 v det =4.3-5.2v - 0.60 1.80 v det =5.3-6.0v - 0.66 1.98 circuit current when off i cc 2 v dd =v det +2.0v *1 v det =2.3-3.1v - 0.75 2.25 a v det =3.2-4.2v - 0.80 2.40 v det =4.3-5.2v - 0.85 2.55 v det =5.3-6.0v - 0.90 2.70 operating voltage range v opl v ol 0.4v, ta=25 to 105c, r l =470k ? 0.95 - - v v ol 0.4v, ta=-40 to 25c, r l =470k ? 1.20 - - v det (t) : standard detection voltage(2.3v to 6.0v, 0.1v step) r l : pull-up resistor to be connected between v out and power supply. c l : capacitor to be connected between v out and gnd. design guarantee. (outgoing inspection is not done on all products.) *1 guaranteed at ta=25c. *2 t plh :v dd =(v det typ.-0.5v)  (v det typ.+0.5v) downloaded from: http:///
 a t a s h e e t 7/15 bd48xxx series bd49xxx series tsz02201-0r7r0g300030-1- 2 ? 2013 rohm co., ltd. all rights reserved. 22.may.2013.rev.008 www.rohm.com tsz22111 ? 15 ? 001 electrical characteristics (unless otherwise specifi ed, ta=-40 to 105c) - continued parameter symbol condition limit unit min. typ. max. lowoutput voltage (nch) v ol v dd =1.5v, i sink = 0.4 ma , v det =2.3-6.0v - - 0.5 v v dd =2.4v, i sink = 2.0 ma , v det =2.7-6.0v - - 0.5 highoutput voltage (pch) (bd49exxx series) v oh v dd =4.8v, i source =0.7 ma, v det (2.3v to 4.2v) vdd-0.5 - - v v dd =6.0v, i source =0.9 ma,v det (4.3v to 5.2v) vdd-0.5 - - v dd =8.0v, i source =1.1 ma,v det (5.3v to 6.0v) vdd-0.5 - - leak current when off (bd48xxx series) i leak v dd =v ds =10v *1 - - 0.1 a detection voltage temperature coefficient v det / ? t ta=-40c to 105c (designed guarantee) - 100 360 ppm/c hysteresis voltage ? v det v dd =l  h  l, r l =470k ? v det 0.03 v det 0.05 v det 0.08 v v det (t) : standard detection voltage(2.3v to 6.0v, 0.1v step) r l : pull-up resistor to be connected between v out and power supply. c l : capacitor to be connected between v out and gnd. design guarantee. (outgoing inspection is not done on all products.) *1 guaranteed at ta=25c. downloaded from: http:///
 a t a s h e e t 8/15 bd48xxx series bd49xxx series tsz02201-0r7r0g300030-1- 2 ? 2013 rohm co., ltd. all rights reserved. 22.may.2013.rev.008 www.rohm.com tsz22111 ? 15 ? 001 block diagrams fig.1 bd48xxx series fig.2 bd49xxx series v out v dd gnd vref v out v dd gnd vref downloaded from: http:///
 a t a s h e e t 9/15 bd48xxx series bd49xxx series tsz02201-0r7r0g300030-1- 2 ? 2013 rohm co., ltd. all rights reserved. 22.may.2013.rev.008 www.rohm.com tsz22111 ? 15 ? 001 typical performance curves fig.3 circuit current 0.0 0.5 1.0 1.5 2.0 0 1 2 3 4 5 6 7 8 9 10 v dd supply voltage v dd [v] circuit current i dd [ a] bd4842g/fve 0 5 10 15 20 0.0 0.5 1.0 1.5 2.0 2.5 drain-source voltage v ds [v] "low" output current i ol [ma] bd4842g/fve v dd =2.4v v dd =1.2v fig.4 low output current fig.6 i/o characteristics 0 1 2 3 4 5 6 7 8 9 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 v dd supply voltage v dd [v] output voltage v out [v] bd4842g/fve ta=25 ta=25 0 5 10 15 20 25 30 35 40 45 0 1 2 3 4 5 6 drain-source voltage v ds [v] "high" output current i oh [ma] bd4942g/fve v dd =8.0v v dd =6.0v v dd =4.8v fig.5 high output current bd49x42 bd49x42 bd48x42 bd49x42 bd48x42 bd49x42 bd48x42 downloaded from: http:///
 a t a s h e e t 10/15 bd48xxx series bd49xxx series tsz02201-0r7r0g300030-1- 2 ? 2013 rohm co., ltd. all rights reserved. 22.may.2013.rev.008 www.rohm.com tsz22111 ? 15 ? 001 typical performance curves C continued fig.7 operating limit voltage [] y output voltage v out [v] bd4842g/fve fig.9 circuit current when on 0.0 0.5 1.0 1.5 -40 -20 0 20 40 60 80 100 temperature ta[ ] circuit current when on i dd1 [ a] bd4842g/fve fig.10 circuit current when off 0.0 0.5 1.0 1.5 -40 -20 0 20 40 60 80 100 temperature ta[ ] circuit current when off i dd2 [ a] bd4842g/fve bd48x42x bd48x42x bd48x42x bd49x42 bd48x42 bd49x42 bd48x42 bd49x42 bd48x42 fig.8 detection voltage release voltage 3.0 3.4 3.8 4.2 4.6 5.0 5.4 -40 0 40 80 temperature ta[ ] detection voltage : v det [v] bd4842g/fve + ? bd48x42x bd49x42 bd48x42 downloaded from: http:///
 a t a s h e e t 11/15 bd48xxx series bd49xxx series tsz02201-0r7r0g300030-1- 2 ? 2013 rohm co., ltd. all rights reserved. 22.may.2013.rev.008 www.rohm.com tsz22111 ? 15 ? 001 typical performance curves C continued fig.11 operating limit voltage 0.0 0.5 1.0 1.5 -40 -20 0 20 40 60 80 100 temperature ta[ ] minimum operation voltage v opl [v] bd4842g/fve bd48x42x bd49x42 bd48x42 downloaded from: http:///
a t a s h e e t 12/15 bd48xxx series bd49xxx series tsz02201-0r7r0g300030-1- 2 ? 2013 rohm co., ltd. all rights reserved. 22.may.2013.rev.008 www.rohm.com tsz22111 ? 15 ? 001 application information explanation of operation for both the open drain type (fig.12) and the cmos o utput type (fig.13), the detection and release volt ages are used as threshold voltages. when the voltage applied to the v dd pins reaches the appropriate threshold voltage, th e v out terminal voltage switches from either high to low or fro m low to high. please refer to the timing wavefo rm and electrical characteristics for information on hysteresis. because the bd48xxx series uses an open drain output type, it is necessary to connect a pull-up resistor to v dd or another power supply if needed [the output high voltage ( v out ) in this case becomes v dd or the voltage of the other power supply]. fig.12 (bd48xxx series internal block diagram) fig.13 (bd49xxx series internal block diagram) reference data examples of leading (t plh ) and falling (t phl ) output part number t plh ( s) t phl ( s) bd48x45 39.5 87.8 bd49x45 32.4 52.4 v dd =4.3v  5.1v v dd =5.1v  4.3v *these data are for reference only. the figures will vary with the application, so plea se check actual operating conditions before use. timing waveform example: the following shows the relationship betwe en the input voltages v dd and the output voltage v out when the input power supply voltage v dd swept up and down (the circuits are those in fig.1 2 and 13). 1 when the power supply is turned on, the output is unstable from after over the operating limit voltage (v opl ) until t phl . therefore it is possible that the reset signal is n ot outputted when the rise time of v dd is faster than t phl . 2 when v dd is greater than v opl but less than the reset release voltage (v det + ? v det ), the output voltages will switch to low. 3 if v dd exceeds the reset release voltage (v det + ? v det ), then v out switches from l to h. 4 if v dd drops below the detection voltage (v det ) when the power supply is powered down or when there is a power sup ply fluctuation, v out switches to l (with a delay of t phl ). 5 the potential difference between the detection vol tage and the release voltage is known as the hysteresis width ( ? v det ). the system is designed such that the output does not to ggle with power supply fluctuations within this hysteresis wi dth, preventing malfunctions due to noise. v dd v det + v det v det v opl 0v t phl v out t plh t phl t plh v ol v oh fig.14 timing waveform vref r1 r2 v dd gnd q1 v out r3 r l vref r1 r2 r3 q2 q1 v dd v out gnd downloaded from: http:///

a t a s h e e t 13/15 bd48xxx series bd49xxx series tsz02201-0r7r0g300030-1- 2 ? 2013 rohm co., ltd. all rights reserved. 22.may.2013.rev.008 www.rohm.com tsz22111 ? 15 ? 001 circuit applications 1) examples of a common power supply detection reset circuit. application examples of bd48xxx series (open drain output type) and bd49xxx series (cmos output type) are shown on the left. case1: power supply of the microcontroller (v dd2 ) differs from the power supply of the reset detectio n ic (v dd1 ). use an open drain output type (bd48xxx) device with a load resistance r l attached as shown in figure 15. case2: power supply of the microcontroller (v dd1 ) is same as the power supply of the reset detection ic (v dd1 ). use a cmos output type (bd49xxx) device or an open drain device with a pull up resistor between output and vdd1. when a capacitance c l for noise filtering is connected to the v out pin (the reset signal input terminal of the microcontroller), please take into account the rise and fall waveform of the output voltage (v out ). the electrical characteristics were measured using r l = 470k ? and c l = 100pf. 2) the following is an example of a circuit applica tion in which an or connection between two types of detection voltage resets the microcontroller. to reset the microcontroller when many independent power supplies are used in the system, or connect a n open drain output type (bd48xxx series) to the microcontroller s input with pull-up resistor to the supply voltage of the microcontroller (v dd3 ) as shown in fig. 17. by pulling-up to v dd3 , output high voltage of micro-controller power s upply is possible. fig.16 cmos output type v dd1 bd48xxx v dd2 gnd micro controller r st c l capacitor is for noise filtering r l c l capacitor is for filtering v dd1 bd49xxx micro controller r st gnd fig.15 open drain output type v dd2 v dd1 v dd3 gnd microcontroller r l bd48xxx bd48xxx r st fig.17 downloaded from: http:///
a t a s h e e t 14/15 bd48xxx series bd49xxx series tsz02201-0r7r0g300030-1- 2 ? 2013 rohm co., ltd. all rights reserved. 22.may.2013.rev.008 www.rohm.com tsz22111 ? 15 ? 001 3) examples of the power supply with resistor divid ers in applications wherein the power supply voltage of an ic comes from a resistor divider circuit, an in-rush current will flow into the circuit when the output level switches fro m high to low or vice versa. in-rush current is a sudden surge of current that flows from the power supply (vdd) to gr ound (gnd) as the output logic changes its state. t his current flow may cause malfunction in the systems operation such as output oscillations, etc. fig.18 when an in-rush current (i1) flows into the circui t (refer to fig. 18) at the time when output switch es from low to high, a voltage drop of i1r2 (input resistor) will occur in the circuit causing the vdd supply voltage to de crease. when the vdd voltage drops below the detection voltage, the o utput will switch from high to low. while the o utput voltage is at low condition, in-rush current will stop flowing and the voltage drop will be reduced. as a result, t he output voltage will switches again from low to high which causes an in-rush current and a voltage drop. this operation repeats and will result to oscillation. v out r2 v dd bd48xxx bd49xxx gnd r1 i1 v1 cin c l i dd v dd v det 0 through current fig.19 current consumption vs. power supply voltage downloaded from: http:///
a t a s h e e t 15/15 bd48xxx series bd49xxx series tsz02201-0r7r0g300030-1- 2 ? 2013 rohm co., ltd. all rights reserved. 22.may.2013.rev.008 www.rohm.com tsz22111 ? 15 ? 001 operational notes 1) absolute maximum ratings operating the ic over the absolute maximum ratings m ay damage the ic. the damage can either be a short c ircuit between pins or an open circuit between pins. there fore, it is important to consider circuit protectio n measures, such as adding a fuse, in case the ic is operated over th e absolute maximum ratings. 2) ground voltage the voltage of the ground pin must be the lowest vo ltage of all pins of the ic at all operating conditi ons. ensure that no pins are at a voltage below the ground pin at any t ime, even during transient condition. 3) recommended operating conditions these conditions represent a range within which the expected characteristics of the ic can be approxim ately obtained. the electrical characteristics are guaranteed under the conditions of each parameter. 4) bypass capacitor for noise rejection to help reject noise, put a 1f capacitor between v dd pin and gnd and 1000pf capacitor between v out pin and gnd. be careful when using extremely big capacitor as tr ansient response will be affected. 5) short between pins and mounting errors be careful when mounting the ic on printed circuit b oards. the ic may be damaged if it is mounted in a w rong orientation or if pins are shorted together. short circuit may be caused by conductive particles caugh t between the pins. 6) operation under strong electromagnetic field operating the ic in the presence of a strong electro magnetic field may cause the ic to malfunction. 7) the v dd line impedance might cause oscillation because of the detection current. 8) a v dd to gnd capacitor (as close connection as possible) s hould be used in high v dd line impedance condition. 9) lower than the mininum input voltage puts the v out in high impedance state, and it must be v dd in pull up (v dd ) condition. 10) external parameters the recommended parameter range for r l is 10k ? to 1m ? . there are many factors (board layout, etc) that c an affect characteristics. please verify and confirm using pr actical applications. 11) power on reset operation please note that the power on reset output varies w ith the v dd rise time. please verify the behavior in the actua l operation. 12) testing on application boards when testing the ic on an application board, connect ing a capacitor directly to a low-impedance output pin may subject the ic to stress. always discharge capacitors comple tely after each process or step. the ics power sup ply should always be turned off completely before connecting o r removing it from the test setup during the inspec tion process. to prevent damage from static discharge, ground the ic during assembly and use similar precautions during transport and storage. 13) rush current when power is first supplied to the ic, rush current may flow instantaneously. it is possible that the charge current to the parasitic capacitance of internal photo diode o r the internal logic may be unstable. therefore, gi ve special consideration to power coupling capacitance, power wiring, width of gnd wiring, and routing of connectio ns. 14) this ic has extremely high impedance terminals. small leak current due to the uncleanness of pcb sur face might cause unexpected operations. application values in these conditions should be selected carefully. if 1 0m ? leakage is assumed between the c t terminal and the gnd terminal, 1m ? connection between the ct terminal and the v dd terminal would be recommended. also, if the leakage is assumed between the vout terminal and the gnd ter minal, the pull up resistor should be less than 1/10 of the as sumed leak resistance. downloaded from: http:///
datasheet d a t a s h e e t notice - ge rev.002 ? 2014 rohm co., ltd. all rights reserved. notice precaution on using rohm products 1. our products are designed and manufac tured for application in ordinary elec tronic equipments (such as av equipment, oa equipment, telecommunication equipment, home electroni c appliances, amusement equipment, etc.). if you intend to use our products in devices requiring ex tremely high reliability (such as medical equipment (note 1) , transport equipment, traffic equipment, aircraft/spacecra ft, nuclear power controllers, fuel c ontrollers, car equipment including car accessories, safety devices, etc.) and whose malfunction or failure may cause loss of human life, bodily injury or serious damage to property (specific applications), please consult with the rohm sale s representative in advance. unless otherwise agreed in writing by rohm in advance, rohm shall not be in any way responsible or liable for any damages, expenses or losses incurred by you or third parties arising from the use of any ro hms products for specific applications. (note1) medical equipment classification of the specific applications japan usa eu china class  class  class  b class  class | class  2. rohm designs and manufactures its products subject to strict quality control system. however, semiconductor products can fail or malfunction at a certain rate. please be sure to implement, at your own responsibilities, adequate safety measures including but not limited to fail-safe desi gn against the physical injury, damage to any property, which a failure or malfunction of our products may cause. the following are examples of safety measures: [a] installation of protection circuits or other protective devices to improve system safety [b] installation of redundant circuits to reduce the impact of single or multiple circuit failure 3. our products are designed and manufactured for use under standard conditions and not under any special or extraordinary environments or conditio ns, as exemplified below. accordin gly, rohm shall not be in any way responsible or liable for any damages, expenses or losses arising from the use of an y rohms products under any special or extraordinary environments or conditions. if you intend to use our products under any special or extraordinary environments or conditions (as exemplified below), your independent verification and confirmation of product performance, reliability, etc, prior to use, must be necessary: [a] use of our products in any types of liquid, incl uding water, oils, chemicals, and organic solvents [b] use of our products outdoors or in places where the products are exposed to direct sunlight or dust [c] use of our products in places where the products ar e exposed to sea wind or corrosive gases, including cl 2 , h 2 s, nh 3 , so 2 , and no 2 [d] use of our products in places where the products are exposed to static electricity or electromagnetic waves [e] use of our products in proximity to heat-producing components, plastic cords, or other flammable items [f] sealing or coating our products with resin or other coating materials [g] use of our products without cleaning residue of flux (ev en if you use no-clean type fluxes, cleaning residue of flux is recommended); or washing our products by using water or water-soluble cleaning agents for cleaning residue after soldering [h] use of the products in places subject to dew condensation 4. the products are not subjec t to radiation-proof design. 5. please verify and confirm characteristics of the final or mounted products in using the products. 6. in particular, if a transient load (a large amount of load applied in a short per iod of time, such as pulse. is applied, confirmation of performance characteristics after on-boar d mounting is strongly recomm ended. avoid applying power exceeding normal rated power; exceeding the power rating under steady-state loading c ondition may negatively affect product performance and reliability. 7. de-rate power dissipation (pd) depending on ambient temper ature (ta). when used in seal ed area, confirm the actual ambient temperature. 8. confirm that operation temperat ure is within the specified range described in the product specification. 9. rohm shall not be in any way responsible or liable for fa ilure induced under deviant condi tion from what is defined in this document. precaution for mounting / circuit board design 1. when a highly active halogenous (chlori ne, bromine, etc.) flux is used, the resi due of flux may negatively affect product performance and reliability. 2. in principle, the reflow soldering method must be used; if flow soldering met hod is preferred, please consult with the rohm representative in advance. for details, please refer to rohm mounting specification downloaded from: http:///
datasheet d a t a s h e e t notice - ge rev.002 ? 2014 rohm co., ltd. all rights reserved. precautions regarding application examples and external circuits 1. if change is made to the constant of an external circuit, pl ease allow a sufficient margin considering variations of the characteristics of the products and external components, including transient characteri stics, as well as static characteristics. 2. you agree that application notes, re ference designs, and associated data and in formation contained in this document are presented only as guidance for products use. theref ore, in case you use such information, you are solely responsible for it and you must exercise your own independent verification and judgment in the use of such information contained in this document. rohm shall not be in any way responsible or liable for any damages, expenses or losses incurred by you or third parties arising from the use of such information. precaution for electrostatic this product is electrostatic sensitive product, which may be damaged due to electrostatic discharge. please take proper caution in your manufacturing process and storage so that voltage exceeding t he products maximum rating will not be applied to products. please take special care under dry condit ion (e.g. grounding of human body / equipment / solder iron, isolation from charged objects, se tting of ionizer, friction prevention and temperature / humidity control). precaution for storage / transportation 1. product performance and soldered connections may deteriora te if the products are stor ed in the places where: [a] the products are exposed to sea winds or corros ive gases, including cl2, h2s, nh3, so2, and no2 [b] the temperature or humidity exceeds those recommended by rohm [c] the products are exposed to di rect sunshine or condensation [d] the products are exposed to high electrostatic 2. even under rohm recommended storage c ondition, solderability of products out of recommended storage time period may be degraded. it is strongly recommended to confirm sol derability before using products of which storage time is exceeding the recommended storage time period. 3. store / transport cartons in the co rrect direction, which is indicated on a carton with a symbol. otherwise bent leads may occur due to excessive stress applied when dropping of a carton. 4. use products within the specified time after opening a humidity barrier bag. baking is required before using products of which storage time is exceeding the recommended storage time period. precaution for product label qr code printed on rohm products label is for rohms internal use only. precaution for disposition when disposing products please dispose them proper ly using an authorized industry waste company. precaution for foreign exchange and foreign trade act since our products might fall under cont rolled goods prescribed by the applicable foreign exchange and foreign trade act, please consult with rohm representative in case of export. precaution regarding intellectual property rights 1. all information and data including but not limited to application example contained in this document is for reference only. rohm does not warrant that foregoi ng information or data will not infringe any intellectual property rights or any other rights of any third party regarding such information or data. rohm shall not be in any way responsible or liable for infringement of any intellectual property rights or ot her damages arising from use of such information or data.: 2. no license, expressly or implied, is granted hereby under any intellectual property rights or other rights of rohm or any third parties with respect to the information contained in this document. other precaution 1. this document may not be reprinted or reproduced, in whol e or in part, without prior written consent of rohm. 2. the products may not be disassembled, converted, modified, reproduced or otherwise changed without prior written consent of rohm. 3. in no event shall you use in any wa y whatsoever the products and the related technical information contained in the products or this document for any military purposes, incl uding but not limited to, the development of mass-destruction weapons. 4. the proper names of companies or products described in this document are trademarks or registered trademarks of rohm, its affiliated companies or third parties. downloaded from: http:///
datasheet datasheet notice C we rev.001 ? 2014 rohm co., ltd. all rights reserved. general precaution 1. before you use our pro ducts, you are requested to care fully read this document and fully understand its contents. rohm shall n ot be in an y way responsible or liabl e for fa ilure, malfunction or acci dent arising from the use of a ny rohms products against warning, caution or note contained in this document. 2. all information contained in this docume nt is current as of the issuing date and subj ec t to change without any prior notice. before purchasing or using rohms products, please confirm the la test information with a rohm sale s representative. 3. the information contained in this doc ument is provi ded on an as is basis and rohm does not warrant that all information contained in this document is accurate an d/or error-free. rohm shall not be in an y way responsible or liable for an y damages, expenses or losses incurred b y you or third parties resulting from inaccur acy or errors of or concerning such information. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BD48E54G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X