Part Number Hot Search : 
SK1926 C5024 2SK369 SHD12 32M16 MCZ3388 KRF7509 32M16
Product Description
Full Text Search
 

To Download AZ23C7V5W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thru az23c 39w 2 00 mw zener diode 2. 7 to 39 volts features symbol parameter rating unit p d poer di s sipation 2 00 mw t s t g storage t e mperature range -65 to +1 50 o c az23c2v7 w  
 omp onents 20736 marilla street chatsworth       
     m cc w w w. m c c se m i .c om revision: c 201 3 /0 9 /2 4 tm micro commercial components 1 of 3 absolute maximum ratings dual zeners in common anode configuration. 2 00mw p o w e r d issi p ation rating. ideally suited for automatic insertion. ? vz for both diodes in one case is 0 5%. 625 o c/w r th ja thermal resistance, junction to ambient air *pin configuration - top view epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 suggested solder pad layout dimensions a b c d e g inches mm dim min max min max note a .070 .087 1.80 2.20 c .045 .054 1.15 1.35 d .047 .056 1.20 1.40 e --- .004 --- .10 g .035 .044 .90 1.10 h .002 .006 .05 .15 i .010 --- .25 --- f h i .075 1.90 inches mm . 03 1 .800 .047 1.20 . 0 2 6 .650 .026 .650 .024 .600 .118 3.00 sot-323 h alogen free available upon request by adding suffix "-hf" b .0 83 .0 96 2. 1 0 2. 45 f .0 06 .016 . 15 .40 downloaded from: http:///
m cc w w w. m c c se m i .c om revision: c 201 3 /0 9 /2 4 tm micro commercial components 2 of 3 electrical characteristics @ t a = 25c unless otherwise specified zener voltage range (note1) maximum zener impedance (note 2) min reverse voltage (note1) @ i zt =5.0ma z zt @i zt =5.0ma z zk @i zk =1.0ma typical temperature coefficient @i r =0.1ua type number marking code v z (volts ) ohms ohms tc ( % /  ) v r (volts) az23c2 v 7 w kd1 2.5-2.9 83 500 -0.065  az23c3 v 0 w kd2 2.8-3.2 95 500 -0.060  az23c3 v 3 w kd3 3.1-3.5 95 500 -0.055  az23c3 v 6 w kd4 3.4-3.8 95 500 -0.055  az23c3 v 9 w kd5 3.7-4.1 95 500 -0.050  az23c4 v 3 w kd6 4.0-4.6 95 500 -0.035  az23c4 v 7 w kd7 4.4-5.0 78 500 -0.015  az23c5 v 1 w kd8 4.8-5.4 60 480 +0.005 0.8 az23c5 v 6 w kd9 5.2-6.0 40 400 +0.020 1.0 az23c6 v 2 w kda 5.8-6.6 10 200 +0.030 2.0 az23c6 v 8 w kdb 6.4-7 . 2 8.0 150 +0.045 3.0 az23c7 v 5 w kdc 7.0-7 . 9 7.0 50 +0.050 5.0 az23c8 v 2 w kdd 7.7-8 . 7 7.0 50 +0.055 6.0 az23c9 v 1 w kde 8.5-9.6 10 50 +0.065 7.0 az23c 1 0 w kdf 9.4-10.6 15 70 +0.065 7.5 az23c 1 1 w kdg 10.4- 1 1.6 20 70 +0.070 8.5 az23c12 w kdh 1 1.4-12.7 20 90 +0.075 9.0 az23c13 w kdi 12.4-14.1 25 1 10 +0.080 10.0 az23c15 w kdj 13.8-15.6 30 1 10 +0.080 1 1.0 az23c16 w kdk 15 . 3 -17.1 40 170 +0.090 12.0 az23c 1 8 w kdl 16.8- 1 9.1 50 170 +0.090 14.0 az23c20 w kdm 18.8-21.2 50 220 +0.090 15.0 az23c 2 2 w kdn 20.8- 2 3.3 55 220 +0.090 17.0 az23c24 w kdo 22.8-25.6 80 220 +0.090 18.0 az23c27 w kdp 25.1-28.9 80 250 +0.090 20.0 az23c30 w kdq 28-32 80 250 +0.090 22.5 az23c 3 3 w kdr 31- 3 5 80 250 +0.090 25.0 az23c 3 6 w kds 34- 3 8 90 250 +0.090 27.0 az23c 3 9 w kd t 37- 4 1 90 300 +0. 1 10 29.0 notes: 1. short duration test pulse used to minmize self-heating effect. 2. f=1kh z az23c2v7 w thru az23c 39w downloaded from: http:///
m cc revision: c 20 1 3 /0 9 /2 4 tm micro commercial components w w w. m c c se m i .c om 3 of 3 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 3 k p c s / r e e l o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of AZ23C7V5W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X